データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC145146P2 データシート(PDF) 9 Page - LANSDALE Semiconductor Inc.

部品番号 MC145146P2
部品情報  4?밄it Data Bus Input PLL Frequency Synthesizer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LANSDALE [LANSDALE Semiconductor Inc.]
ホームページ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC145146P2 データシート(HTML) 9 Page - LANSDALE Semiconductor Inc.

Back Button MC145146P2 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC145146P2 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC145146P2 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC145146P2 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC145146P2 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. MC145146P2 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. MC145146P2 Datasheet HTML 10Page - LANSDALE Semiconductor Inc. MC145146P2 Datasheet HTML 11Page - LANSDALE Semiconductor Inc. MC145146P2 Datasheet HTML 12Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LANSDALE Semiconductor, Inc.
ML145146
www.lansdale.com
Page 9 of 12
Issue 0
RECOMMENDED READING
Technical Note TN–24 Statek Corp.
Technical Note TN–7 Statek Corp.
E. Hafner, “The Piezoelectric Crystal Unit – Definitions and
Method of Measurement”, Proc. iEEE, Vol 57, No 2 Feb, 1969
D. Kemper, L. Rosine, “Quartz Crystals for Frequency
Control”, Electro–Tecchnology, June 1969
P.J. Ottowitz, “AGuide to Crystal Selection”, Electronic
Design, May 1966
DUAL–MODULUS PRESCALING
The technique of dual–modulus prescaling is well estab-
lished as a method of acheiving high performance frequency
synthesizer operation at high frequencies. Basically, the
approach allows relatively low–frequency programmable coun-
ters to be used as high–frequency programmable counters with
speed capability of several hundred MHz. This is possible
without the sacrifice in system resolution and performance that
results if a fixed (single–modulus) divider is used for the
prescaler.
In dual–modulus prescaling, the lower speed counters must
be uniquely configured. Special control logic is necessary to
select the divide value P or P ÷ 1 in the prescaler for the
required amount of time (see modullus control definition).
Lansdale’s dual–modulus frequency synthesizers contain this
feature and can be used with a variety of dual–modulus
prescalers to allow speed, complexity and cost to be tailored to
the system requirements. Prescalers having P, P ÷ 1 divide val-
ues in the range of ÷3/÷4 to ÷128/÷129 can be controlled by
most Lansdale frequency synthesizers.
Several dual–modulus prescaler approaches suitable for use
with the ML145146 are:
DESIGN GUIDELINES
The system total divide value. Ntotal (NT) will be dictated
by the application. i.e.,
N is the number programmed into the ÷N counter, A is the
number programmed into the ÷A counter, P and P ÷ 1 are the
two selectable divide ratios available in the dual–modulus
prescalers. To have a range of NT values in sequence, the ÷A
counter is programmed from zero through P ÷ 1 for a particu-
lar value N in the ÷N counter. N is then incremented to the N
÷ 1, and the ÷A is sequenced from 0 through P ÷ 1 again.
There are minimum and maximum values that can be
achieved for NT. These values are a function of P and the size
of the ÷N and ÷A counters. The constraint N
≥ A always
applies. If Amax = P – 1, then Nmin
≥ P – 1. Then NTmin =
(P – 1) P + A or (P – 1)P since A is free to assume the value of 0.
NTmax ÷Nmax • P + Amax
To maximize system frequency capability, the dual–modulus
prescaler output must go from low to high after each group of
P or P – 1 input cycles. The prescaler should divide by P when
its modulus control line is high and by P – 1 when the modulus
control is low.
For the maximum frequency into the prescaler (fVCOmax),
the value used for P must be large enough such that:
1. fVCO max divided by P may not exceed the frequency
capability of fin (input to the ÷N and ÷A counters).
2. The period of fVCO divided by P must be greater than the
sum of the times:
a. Propagation delay through the dual modulus
prescaler.
b. Prescaler setup or release time relative to its modulus
control signal.
c. Propagation time from fin to the modulus control
output for the frequency synthesizer device.
A sometimes useful simplification in the programming code
can be achieved by choosing the values for P of 8, 16, 32, or
64. For these cases, the desired value of NT results when NT
in binary is used as the program code to the ÷N and ÷A coun-
ters treated in the following manner:
1. Assume the ÷A counter contains “a” bits where 2a
≥P.
2. Always program all higher order ÷A counter bits
above “a” to 0
3. Assume the ÷N counter and the ÷A counter (with all
the higher order bits above “a” ignored) combined
into a single binary counter of n + a bits in length (n =
number of divider stages in the ÷N counter). The
MSB of this “hypothetical” counter is to correspond to
the MSB of ÷N and the LSB is to correspond to the
LSB of ÷A. The system divide value, NT, now results
when the value of NT in binary is used to program
the “new” n + a bit counter.
By using the two devices, several dual–modulus values are
achievable (shown in Figure 11).
ML12009
ML12011
ML12013
ML12015
ML12016
ML12017
ML12018
ML12032
440 MHz
500 MHz
500 MHz
225 MHz
225 MHz
225 MHz
520 MHz
1.1 GHz
÷5/÷6
÷8/÷9
÷10/÷11
÷32/÷33
÷40/÷41
÷64/÷65
÷128/÷129
÷64/65 or ÷128/129


同様の部品番号 - MC145146P2

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC145146P2 MOTOROLA-MC145146P2 Datasheet
55Kb / 2P
   4 BIT DATA BUS INPUT BUS INPUT PLL FREQUENCY SYNTHESIZER
logo
LANSDALE Semiconductor ...
MC145146P2 LANSDALE-MC145146P2 Datasheet
3Mb / 12P
   4-Bit Data Bus Input PLL Frequency Synthesizer
logo
Motorola, Inc
MC145146P2 MOTOROLA-MC145146P2 Datasheet
59Kb / 2P
   4-Bit Data Bus Input PLL Frequency Synthesizer
More results

同様の説明 - MC145146P2

メーカー部品番号データシート部品情報
logo
LANSDALE Semiconductor ...
ML145145 LANSDALE-ML145145_08 Datasheet
1Mb / 12P
   4?밄it Data Bus Input PLL Frequency Synthesizer
logo
Motorola, Inc
MC145146P-2 MOTOROLA-MC145146P-2 Datasheet
55Kb / 2P
   4 BIT DATA BUS INPUT BUS INPUT PLL FREQUENCY SYNTHESIZER
MC145146-2 MOTOROLA-MC145146-2 Datasheet
59Kb / 2P
   4-Bit Data Bus Input PLL Frequency Synthesizer
logo
LANSDALE Semiconductor ...
ML145145 LANSDALE-ML145145 Datasheet
1Mb / 12P
   4-Bit Data Bus Input PLL Frequency Synthesizer
ML145146 LANSDALE-ML145146 Datasheet
3Mb / 12P
   4-Bit Data Bus Input PLL Frequency Synthesizer
logo
Motorola, Inc
MC1451452 MOTOROLA-MC1451452 Datasheet
58Kb / 2P
   4-Bit Data Bus Inpu PLL Frequency Synthesizer
logo
Nippon Precision Circui...
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
   Serial input PLL frequency synthesizer
logo
Fujitsu Component Limit...
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1501 FUJITSU-MB1501 Datasheet
238Kb / 17P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1511 FUJITSU-MB1511 Datasheet
127Kb / 15P
   Serial Input PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com