データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OPV382 データシート(PDF) 2 Page - TT Electronics.

部品番号 OPV382
部品情報  Vertical Cavity Surface Emitting Laser in Lateral Package
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TTELEC [TT Electronics.]
ホームページ  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPV382 データシート(HTML) 2 Page - TT Electronics.

  OPV382 Datasheet HTML 1Page - TT Electronics. OPV382 Datasheet HTML 2Page - TT Electronics. OPV382 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Issue A
09/2016 Page 2
TT Electronics | Optek Technology, Inc.
1645 Wallace Drive, Ste. 130, Carrollton, TX USA 75006 |Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
OPV382
Absolute Maximum Ratings (TA = 25° C unless otherwise noted)
Storage Temperature Range
-40° to +100° C
Operating Temperature Range
0° to +85° C
Lead Soldering Temperature [1/16 inch (1.6mm) from case for 5 sec with soldering iron]
260° C(1)
Maximum Forward Peak Current, Continuous
12 mA
Maximum Reverse Voltage
5 V
Maximum Forward Current, pulsed (1µs P.W., 10% D.C.)
48 mA
Electrical Specifications
Electrical Characteristics (TA = 25° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
POT
Total Power Out
1.5
mW
IF = 7 mA
ITH
Threshold Current
3.0
mA
Note 2
VF
Forward Voltage
2.2
V
IF = 7 mA
IR
Reverse Current
100
nA
VR = 5 V
RS
Series Resistance
20
55
ohms
Note 3
Slope Efficiency
0.28
mW/mA
Note 4
Wavelength
840
860
nm

Optical Bandwidth
0.85
nm
Beam Divergence
6
Degrees FWHM
T
Temp Coefficient of Slope Efficiency
-0.50
%/°C
(0° - 70°C), Note 4
/T
Temp Coefficient of Wavelength
0.06
nm/°C
(0° - 70°C)
lTH
Temp Variance of Threshold Current
±1.0
mA
(0° - 70°C), Note 2
VF/T
Temp Coefficient for Forward Voltage
-2.5
mV/°C
(0° - 70°C)
NOTES:
(1)
RMA flux is recommended. Solder dwell time can be increased to 10 seconds when flow soldering.
(2)
Threshold Current is based on the two line intersection method specified in Telcordia GR-468-Core. Line 1 from 4 mA to 6 mA. Line 2 from 0 mA to 0.5 mA.
(3)
Series Resistance is the slope of the Voltage-Current line from 5 to 8 mA.
(4)
Slope efficiency, is the slope of the best fit LI line from 5 mA to 8 mA with 0.25mA test intervals.


同様の部品番号 - OPV382

メーカー部品番号データシート部品情報
logo
OPTEK Technologies
OPV382 OPTEK-OPV382 Datasheet
188Kb / 2P
   Vertical Cavity Surface Emitting Laser in Lateral Package
OPV382 OPTEK-OPV382_14 Datasheet
163Kb / 2P
   Vertical Cavity Surface Emitting Laser in Lateral Package
More results

同様の説明 - OPV382

メーカー部品番号データシート部品情報
logo
OPTEK Technologies
OPV382 OPTEK-OPV382 Datasheet
188Kb / 2P
   Vertical Cavity Surface Emitting Laser in Lateral Package
OPV380 OPTEK-OPV380 Datasheet
215Kb / 2P
   Vertical Cavity Surface Emitting Laser in Lateral Package
logo
TT Electronics.
OPV380 TTELEC-OPV380 Datasheet
762Kb / 4P
   Vertical Cavity Surface Emitting Laser in Lateral Package
logo
OPTEK Technologies
OPV380 OPTEK-OPV380_14 Datasheet
182Kb / 2P
   Vertical Cavity Surface Emitting Laser in Lateral Package
OPV382 OPTEK-OPV382_14 Datasheet
163Kb / 2P
   Vertical Cavity Surface Emitting Laser in Lateral Package
OPV280 OPTEK-OPV280 Datasheet
265Kb / 4P
   Vertical Cavity Surface Emitting Laser in Plastic Lateral Package
logo
TT Electronics.
OPV322 TTELEC-OPV322 Datasheet
707Kb / 3P
   Vertical Cavity Surface Emitting Laser in Lateral Pill Package
OPV330 TTELEC-OPV330 Datasheet
723Kb / 3P
   Vertical Cavity Surface Emitting Laser in Lateral T-1 Package
OPV332 TTELEC-OPV332 Datasheet
707Kb / 3P
   Vertical Cavity Surface Emitting Laser in Lateral T-1 Package
logo
OPTEK Technologies
OPV220 OPTEK-OPV220 Datasheet
232Kb / 4P
   Vertical Cavity Surface Emitting Laser in Pill Package
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com