データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OPV314YBT データシート(PDF) 2 Page - TT Electronics.

部品番号 OPV314YBT
部品情報  Vertical Cavity Surface Emitting Laser in FC Optical Sub-Assembly
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TTELEC [TT Electronics.]
ホームページ  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPV314YBT データシート(HTML) 2 Page - TT Electronics.

  OPV314YBT Datasheet HTML 1Page - TT Electronics. OPV314YBT Datasheet HTML 2Page - TT Electronics. OPV314YBT Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Issue B
11/2016
Page 2
TT Electronics | Optek Technology, Inc.
1645 Wallace Drive, Ste. 130, Carrollton, TX USA 75006 |Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
OPV314AT, OPV314YAT, OPV314YBT
Electrical Specifications
Electrical Characteristics (TA = 25° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
PT50
Total coupled power OPV314AT, OPV314YAT
50/125 µm fiber
OPV314YBT
600
µW
IF = 7 mA
400
µW
IF = 7 mA
ITH
Threshold current
0.8
3.0
mA
Note 1
VF
Forward voltage
1.6
2.2
V
IF = 7 mA
IR
Reverse current
100
nA
VR = 5 V
RS
Series resistance
20
55
Ohms
Note 2
ɳ
Slope efficiency
OPV314AT, OPV314YAT
OPV314YBT
60
µW/mA
Note 3
40
µW/mA
IRPD
Reverse current, photodiode
30
nA
VR = 40 V
IM
Monitor current
30
µA
IF = 7 mA, VR = 5 V
λ
Wavelength
840
860
Nm
∆λ
Optical bandwidth
0.85
Nm
tr
Rise time
90
Ps
20 to 80%
tf
Fall time
120
Ps
80 to 20%
NRI
Relatively intensity noise
-123
Db/Hz
∆ɳ/∆T
Temp coefficient of slope efficiency
-0.4
%/°C
0° - 70°C
∆ITH
Temp variance of threshold current
±1.0
mA
0° - 70°C
∆λ/∆T
Temp coefficient of wavelength
0.06
Nm/°C
0° - 70°C
∆Vf/∆T
Temperature coefficient for VF
-2.5
Mv/°C


同様の部品番号 - OPV314YBT

メーカー部品番号データシート部品情報
logo
OPTEK Technologies
OPV314Y OPTEK-OPV314Y Datasheet
341Kb / 4P
   Technical Data
OPV314Y OPTEK-OPV314Y Datasheet
284Kb / 4P
   Vertical Cavity Surface Emitting Laser
OPV314Y OPTEK-OPV314Y Datasheet
284Kb / 4P
   Vertical Cavity Surface Emitting Laser
logo
TT Electronics.
OPV314Y TTELEC-OPV314Y Datasheet
849Kb / 7P
   Vertical Cavity Surface Emitting Laser
OPV314YF TTELEC-OPV314YF Datasheet
226Kb / 5P
   Vertical Cavity Surface Emitting Laser in FC Optical Sub-Assembly
More results

同様の説明 - OPV314YBT

メーカー部品番号データシート部品情報
logo
TT Electronics.
OPV314F TTELEC-OPV314F Datasheet
226Kb / 5P
   Vertical Cavity Surface Emitting Laser in FC Optical Sub-Assembly
OPV315AT TTELEC-OPV315AT Datasheet
769Kb / 3P
   Vertical Cavity Surface Emitting Laser in FC Optical Sub-Assembly
logo
OPTEK Technologies
OPV315 OPTEK-OPV315_14 Datasheet
178Kb / 3P
   Vertical Cavity Surface Emitting Laser in ST Optical Sub-Assembly
OPV214T OPTEK-OPV214T Datasheet
168Kb / 4P
   Vertical Cavity Surface Emitting Laser in ST Optical Sub-Assembly
OPV314AT OPTEK-OPV314AT Datasheet
284Kb / 4P
   Vertical Cavity Surface Emitting Laser
logo
TT Electronics.
OPV300 TTELEC-OPV300 Datasheet
849Kb / 7P
   Vertical Cavity Surface Emitting Laser
logo
OPTEK Technologies
OPV300 OPTEK-OPV300_14 Datasheet
284Kb / 4P
   Vertical Cavity Surface Emitting Laser
OPV215 OPTEK-OPV215 Datasheet
244Kb / 4P
   Vertical Cavity Surface Emitting Laser
OPV220 OPTEK-OPV220 Datasheet
232Kb / 4P
   Vertical Cavity Surface Emitting Laser in Pill Package
OPV222 OPTEK-OPV222 Datasheet
223Kb / 4P
   Vertical Cavity Surface Emitting Laser in Pill Package
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com