データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ML145406-6P データシート(PDF) 7 Page - LANSDALE Semiconductor Inc.

部品番号 ML145406-6P
部品情報  Driver/Receiver EIA 232?밇 and CCITT V.28
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LANSDALE [LANSDALE Semiconductor Inc.]
ホームページ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145406-6P データシート(HTML) 7 Page - LANSDALE Semiconductor Inc.

Back Button ML145406-6P Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML145406-6P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML145406-6P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145406-6P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145406-6P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145406-6P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145406-6P Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145406-6P Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML145406-6P Datasheet HTML 10Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
www.lansdale.com
Page 7 of 10
Issue A
LANSDALE Semiconductor, Inc.
ML145406
17
20 k
NC
DO3
10
µF
RTLA**
DTMF
INPUT
RDSI
20 k
CDSI
6
9
1
15
8
3.579
MHz
3
11
5
14
2
13
7
12
4
19
10
18
16
VDD
TLA
DSI
Xin
Xout
CD
TxD
TxA
RxA2
RxA1
ExI
FB
VAG
CDT
GND
CDA
LB
SQT
RxD
RTx
600
+
10 k
TIP
600:600
RING
VDD
VDD BYPASS
CFB
MODE
+ 5 V
1
ML145442/3
10 k
10 k
CCDA**
0.1
µF
CCDT
VSS BYPASS
14
15
12
13
10
11
89
6
7
4
5
2
3
8
2
3
7
EIA 232–E
DB–25
CONNECTOR
NC
NC
VSS
GND
DI3
DO2
DI2
DO1
DI1
VDD
VCC
ML145406
Tx1
Rx1
Tx2
Rx2
Tx3
Rx3
16
– 5 V
*Line protection circuit
**Refer to the applications information for values of CCDA and RTLA
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
10 k
10 k
*
0.1
µF
0.1
µF
0.1
µF
Figure 5. 5–V 300–Baud Modem with EIA 232–E Interface


同様の部品番号 - ML145406-6P

メーカー部品番号データシート部品情報
logo
LANSDALE Semiconductor ...
ML145406-6P LANSDALE-ML145406-6P Datasheet
759Kb / 10P
   Driver/Receiver EIA 232-E and CCITT V.28 (Formerly RS-232-D)
More results

同様の説明 - ML145406-6P

メーカー部品番号データシート部品情報
logo
LANSDALE Semiconductor ...
ML145403 LANSDALE-ML145403_08 Datasheet
259Kb / 8P
   Drivers/Receivers RS 232/EIA??32?밇 and CCITT V.28
ML145406 LANSDALE-ML145406 Datasheet
759Kb / 10P
   Driver/Receiver EIA 232-E and CCITT V.28 (Formerly RS-232-D)
ML145407 LANSDALE-ML145407 Datasheet
679Kb / 8P
   5 Volt Only Driver/Receiver RS232 EIA-232-E and CCITT V.28
ML145403 LANSDALE-ML145403 Datasheet
916Kb / 8P
   Drivers/Receivers RS 232/EIA-232-E and CCITT V.28
logo
NXP Semiconductors
MC145406 PHILIPS-MC145406 Datasheet
90Kb / 5P
   EIA-232-D/V.28 driver/receiver
August 31, 1994
logo
LANSDALE Semiconductor ...
ML145583 LANSDALE-ML145583 Datasheet
527Kb / 7P
   3.3 Volt Only Driver/Receiver with an Integrated Standby Mode RS 232/EIA-232-E and CCITT V.28
logo
Integral Corp.
IN145406 INTEGRAL-IN145406 Datasheet
112Kb / 3P
   EIA-232-E / V.28 DRIVERS/RECEIVERS
logo
Texas Instruments
SN75LBC187 TI-SN75LBC187 Datasheet
126Kb / 8P
[Old version datasheet]   MULTICHANNEL EIA-232 DRIVER/RECEIVER WITH CHARGE PUMP
logo
National Semiconductor ...
DS14185 NSC-DS14185 Datasheet
173Kb / 8P
   EIA/TIA-232 3 Driver x 5 Receiver
DS14196 NSC-DS14196 Datasheet
131Kb / 7P
   EIA/TIA-232 5 Driver x 3 Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com