データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ML145488-4P データシート(PDF) 11 Page - LANSDALE Semiconductor Inc.

部品番号 ML145488-4P
部品情報  Dual Data Link Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LANSDALE [LANSDALE Semiconductor Inc.]
ホームページ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145488-4P データシート(HTML) 11 Page - LANSDALE Semiconductor Inc.

Back Button ML145488-4P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145488-4P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145488-4P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145488-4P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145488-4P Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145488-4P Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML145488-4P Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML145488-4P Datasheet HTML 11Page - LANSDALE Semiconductor Inc. ML145488-4P Datasheet HTML 12Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
www.lansdale.com
Page 11 of 12
Issue A
LANSDALE Semiconductor, Inc.
ML145488
Table 1. Register Memory Map
00
SYSTEM CONTROL
02
MASTER STATUS
04
INTERRUPT ENABLE
06
DATA BUS SIZE SELECT
10
SCP REGISTER
12
CH 0 TIMER
14
CH 1 TIMER
20
CHANNEL 0 SERIAL INTERFACE CONTROL
22
CHANNEL 0 Tx CONTROL
24
CHANNEL 0 Rx CONTROL
26
CHANNEL 0 Tx STATUS
28
CHANNEL 0 Rx STATUS
2A
CHANNEL 0 ADDRESS COMPARE
2C
CHANNEL 0 ADDRESS WILDCARD BITS
2E
CHANNEL 0 CRC ERROR COUNT
30
CHANNEL 0 Tx FRAME LENGTH
32
CHANNEL 0 Tx BASE ADDRESS
34
CHANNEL 0 Tx BYTE COUNT
36
CHANNEL 0 Rx BUFFER LENGTH
38
CHANNEL 0 Rx BUFFER A BASE ADDRESS
3A
CHANNEL 0 Rx BUFFER A BYTE COUNT
3C
CHANNEL 0 Rx BUFFER B BASE ADDRESS
3E
CHANNEL 0 Rx BUFFER B BYTE COUNT
40
CHANNEL 1 SERIAL INTERFACE CONTROL
42
CHANNEL 1 Tx CONTROL
44
CHANNEL 1 Rx CONTROL
46
CHANNEL 1 Tx STATUS
48
CHANNEL 1 Rx STATUS
4A
CHANNEL 1 ADDRESS COMPARE
4C
CHANNEL 1 ADDRESS WILDCARD BITS
4E
CHANNEL 1 CRC ERROR COUNT
50
CHANNEL 1 Tx FRAME LENGTH
52
CHANNEL 1 Tx BASE ADDRESS
54
CHANNEL 1 Tx BYTE COUNT
56
CHANNEL 1 Rx BUFFER LENGTH
58
CHANNEL 1 Rx BUFFER A BASE ADDRESS
5A
CHANNEL 1 Rx BUFFER A BYTE COUNT
5C
CHANNEL 1 Rx BUFFER B BASE ADDRESS
5E
CHANNEL 1 Rx BUFFER B BYTE COUNT


同様の部品番号 - ML145488-4P

メーカー部品番号データシート部品情報
logo
LANSDALE Semiconductor ...
ML145403 LANSDALE-ML145403 Datasheet
916Kb / 8P
   Drivers/Receivers RS 232/EIA-232-E and CCITT V.28
ML145403 LANSDALE-ML145403 Datasheet
259Kb / 8P
   Drivers/Receivers RS 232/EIA??32?밇 and CCITT V.28
ML145403-6P LANSDALE-ML145403-6P Datasheet
916Kb / 8P
   Drivers/Receivers RS 232/EIA-232-E and CCITT V.28
ML145403DW LANSDALE-ML145403DW Datasheet
916Kb / 8P
   Drivers/Receivers RS 232/EIA-232-E and CCITT V.28
ML145403P LANSDALE-ML145403P Datasheet
916Kb / 8P
   Drivers/Receivers RS 232/EIA-232-E and CCITT V.28
More results

同様の説明 - ML145488-4P

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
TSS461E ATMEL-TSS461E Datasheet
817Kb / 57P
   VAN Data Link Controller
TSS461C ATMEL-TSS461C_04 Datasheet
633Kb / 57P
   VAN Data Link Controller
TSS461F ATMEL-TSS461F Datasheet
606Kb / 57P
   VAN Data Link Controller
TSS461E ATMEL-TSS461E_06 Datasheet
606Kb / 57P
   VAN Data Link Controller
logo
Motorola, Inc
MC6854 MOTOROLA-MC6854 Datasheet
2Mb / 22P
   ADVANCED DATA-LINK CONTROLLER
logo
ATMEL Corporation
TSS463B ATMEL-TSS463B_03 Datasheet
1Mb / 24P
   Serial VAN Data Link Controller
TSS463C ATMEL-TSS463C Datasheet
701Kb / 59P
   VAN Data Link Controller with Serial Interface
TSS463B ATMEL-TSS463B_04 Datasheet
954Kb / 59P
   VAN Data Link Controller with Serial Interface
TSS463B ATMEL-TSS463B Datasheet
512Kb / 59P
   VAN Data Link Controller with Serial Interface
TSS463-AA ATMEL-TSS463-AA_04 Datasheet
1Mb / 60P
   VAN Data Link Controller with Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com