データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MB39C603 データシート(PDF) 10 Page - Cypress Semiconductor

部品番号 MB39C603
部品情報  Phase Dimmable PSR LED Driver IC for LED Lighting
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C603 データシート(HTML) 10 Page - Cypress Semiconductor

Back Button MB39C603 Datasheet HTML 6Page - Cypress Semiconductor MB39C603 Datasheet HTML 7Page - Cypress Semiconductor MB39C603 Datasheet HTML 8Page - Cypress Semiconductor MB39C603 Datasheet HTML 9Page - Cypress Semiconductor MB39C603 Datasheet HTML 10Page - Cypress Semiconductor MB39C603 Datasheet HTML 11Page - Cypress Semiconductor MB39C603 Datasheet HTML 12Page - Cypress Semiconductor MB39C603 Datasheet HTML 13Page - Cypress Semiconductor MB39C603 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Document Number: 002-08450 Rev. *B
Page 10 of 30
MB39C603
8. Function Explanations
8.1
LED Current Control by PSR(Primary Side Regulation)
MB39C603 regulates the average LED current (ILED) by feeding back the information based on Primary Winding peak current
(IP_PEAK), Secondary Winding energy discharge time (TDIS) and switching period (TSW). Figure 8-1 shows the operating waveform in
steady state. IP is Primary Winding current and IS is Secondary Winding current. ILED as an average current of the Secondary
Winding is described by the following equation.
���������������� =
1
2
× ��������_���������������� ×
����������������
������������
Using IP_PEAK and the transformer Secondary to Primary turns ratio (NP/NS), Secondary Winding peak current (IS_PEAK) is described
by the following equation.
��������_���������������� =
��������
��������
× ��������_����������������
Therefore,
���������������� =
1
2
×
��������
��������
× ��������_���������������� ×
����������������
�������������
MB39C603 detects TDIS by monitoring the TZE pin and IP_PEAK by monitoring the CS pin and then controls ILED. An internal Err Amp
sinks gm current proportional to IP_PEAK from the COMP pin during TDIS period. In steady state, since the average of the gm current
is equal to internal reference current (ISO), the voltage on the COMP pin (VCOMP) is nearly constant.
��������_���������������� × ������������ × �������� × ���������������� = ������������ × ������������
In above equation, gm is transconductance of the Err Amp and RCS is a sense resistance.
Eventually, ILED can be calculated by the following equation.
���������������� =
1
2
×
��������
��������
×
������������
��������
×
1
������������
Figure 8-1 LED Current Control Waveform
IS
IP
DRV
CS
GND
TZE
VD
VAUX
I
LED
System Power supply
through Diode Bridge
(VBULK)
VTZE
ADJ
CD
LP
RCS
IS
VD
(VAUX)
VTZE
IP
ILED
TSW
TDIS
IP_PEAK
IS_PEAK
TZE threshold
1/4 x TRING
1/4 x TRING
TON


同様の部品番号 - MB39C603

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
MB39C601 CYPRESS-MB39C601 Datasheet
907Kb / 37P
   High power factor in single conversion
MB39C602 CYPRESS-MB39C602 Datasheet
1Mb / 40P
   High Power Factor LED Driver IC for LED Lighting
MB39C602PNF CYPRESS-MB39C602PNF Datasheet
1Mb / 40P
   High Power Factor LED Driver IC for LED Lighting
MB39C604 CYPRESS-MB39C604 Datasheet
2Mb / 36P
   PSR topology in an isolated flyback circuit
MB39C605 CYPRESS-MB39C605 Datasheet
1Mb / 26P
   Phase Dimmable PSR LED Driver IC for LED Lighting
More results

同様の説明 - MB39C603

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
MB39C605 CYPRESS-MB39C605 Datasheet
1Mb / 26P
   Phase Dimmable PSR LED Driver IC for LED Lighting
logo
Asahi Kasei Microsystem...
AP1651BEL AKM-AP1651BEL Datasheet
1Mb / 28P
   Dimmable LED driver IC for Lighting
logo
NXP Semiconductors
SSL2102 NXP-SSL2102 Datasheet
116Kb / 21P
   Mains LED driver IC for dimmable LED lighting
Rev. 01-29 June 2009
logo
Cirrus Logic
CS1680 CIRRUS-CS1680 Datasheet
644Kb / 16P
   Dimmable LED Driver IC for Low-voltage Lighting
logo
SIFIRST TECHNOLOGIES NA...
SFL678 SIFIRST-SFL678 Datasheet
49Kb / 2P
   AC/DC PSR Controller for Dimmable LED Lighting
logo
NXP Semiconductors
SSL2101 NXP-SSL2101 Datasheet
118Kb / 22P
   SMPS IC for dimmable LED lighting
Rev. 04-28 August 2009
SSL2101 PHILIPS-SSL2101_11 Datasheet
160Kb / 23P
   Dimmable GreenChip driver for LED lighting
Rev. 4.1-5 December 2011
logo
ADTech
ADT6051 ADTECH-ADT6051 Datasheet
269Kb / 4P
   Dimmable CC / CV IC for LED Lighting
logo
NXP Semiconductors
SSL2103 NXP-SSL2103 Datasheet
414Kb / 21P
   SMPS controller IC for dimmable LED lighting
Rev. 2-25 November 2010
logo
Sanyo Semicon Device
LV5029MD SANYO-LV5029MD Datasheet
238Kb / 15P
   LED Driver IC for LED Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com