データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MB39C603 データシート(PDF) 24 Page - Cypress Semiconductor

部品番号 MB39C603
部品情報  Phase Dimmable PSR LED Driver IC for LED Lighting
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C603 データシート(HTML) 24 Page - Cypress Semiconductor

Back Button MB39C603 Datasheet HTML 20Page - Cypress Semiconductor MB39C603 Datasheet HTML 21Page - Cypress Semiconductor MB39C603 Datasheet HTML 22Page - Cypress Semiconductor MB39C603 Datasheet HTML 23Page - Cypress Semiconductor MB39C603 Datasheet HTML 24Page - Cypress Semiconductor MB39C603 Datasheet HTML 25Page - Cypress Semiconductor MB39C603 Datasheet HTML 26Page - Cypress Semiconductor MB39C603 Datasheet HTML 27Page - Cypress Semiconductor MB39C603 Datasheet HTML 28Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
Document Number: 002-08450 Rev. *B
Page 24 of 30
MB39C603
Figure 10-4 17W USA Dimmer Performance Data
Dimming Curve
VIN=120VRMS / 60Hz
LED: 470mA, 37V
Table 10-3 17W USA Dimmer Performance Data
Dimmer
Input
Condition
Type
Minimum
Angle (°)
Minimum
IOUT (mA)
Maximu
m Angle
(°)
Maximu
m IOUT
(mA)
Vendor
Parts Name
LEVITON
IPI06-1LZ
VIN=120VRMS
60Hz
(USA Dimmer)
Leading Edge
42.3
25.3
156.0
477.5
6631-LW
21.8
20.1
144.1
470.2
6641-W
39.1
19.5
147.7
471.5
6683
35.2
19.5
155.5
468.9
LUTRON
SLV-600-WH
19.7
18.0
135.4
454.2
S-600P-WH
35.0
19.5
137.6
470.6
TG-600PH-WH
45.4
19.8
140.4
470.5
AY-600P-WH
40.2
19.5
143.6
470.6
GL-600H-DK
25.1
20.0
135.9
457.3
TG-600PNLH-WH
34.1
19.5
141.0
470.8
TGCL-153PH-WH
33.3
19.4
135.0
455.4
TT-300NLH-WH
41.7
19.5
143.2
470.5
DV-603PG-WH
35.6
19.4
116.4
316.5
DVCL-153-WH
38.0
19.4
133.9
445.7
DV603PH-WH
33.0
19.5
136.9
471.2
LGCL-153PLH-WH
39.3
19.2
133.9
444.4
D-603PH
24.2
20.0
133.5
439.1
DV-600PH-WH
32.8
19.3
139.3
470.7
GE
52129
23.8
20.2
157.0
469.8
18023
36.9
19.4
158.5
469.5
LEVITON
IPE04-1LZ
Trailing Edge
45.6
33.1
136.9
477.3
LUTRON
SELV-300P-WH
34.1
19.1
130.9
447.2
DVELV-300P-WH
34.1
19.0
131.8
455.2
0
100
200
300
400
500
0
45
90
135
180
Conduction Angle [
°]
Leading Edge
Trailing Edge IPE04-1LZ
Trailing Edge Other


同様の部品番号 - MB39C603

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
MB39C601 CYPRESS-MB39C601 Datasheet
907Kb / 37P
   High power factor in single conversion
MB39C602 CYPRESS-MB39C602 Datasheet
1Mb / 40P
   High Power Factor LED Driver IC for LED Lighting
MB39C602PNF CYPRESS-MB39C602PNF Datasheet
1Mb / 40P
   High Power Factor LED Driver IC for LED Lighting
MB39C604 CYPRESS-MB39C604 Datasheet
2Mb / 36P
   PSR topology in an isolated flyback circuit
MB39C605 CYPRESS-MB39C605 Datasheet
1Mb / 26P
   Phase Dimmable PSR LED Driver IC for LED Lighting
More results

同様の説明 - MB39C603

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
MB39C605 CYPRESS-MB39C605 Datasheet
1Mb / 26P
   Phase Dimmable PSR LED Driver IC for LED Lighting
logo
Asahi Kasei Microsystem...
AP1651BEL AKM-AP1651BEL Datasheet
1Mb / 28P
   Dimmable LED driver IC for Lighting
logo
NXP Semiconductors
SSL2102 NXP-SSL2102 Datasheet
116Kb / 21P
   Mains LED driver IC for dimmable LED lighting
Rev. 01-29 June 2009
logo
Cirrus Logic
CS1680 CIRRUS-CS1680 Datasheet
644Kb / 16P
   Dimmable LED Driver IC for Low-voltage Lighting
logo
SIFIRST TECHNOLOGIES NA...
SFL678 SIFIRST-SFL678 Datasheet
49Kb / 2P
   AC/DC PSR Controller for Dimmable LED Lighting
logo
NXP Semiconductors
SSL2101 NXP-SSL2101 Datasheet
118Kb / 22P
   SMPS IC for dimmable LED lighting
Rev. 04-28 August 2009
SSL2101 PHILIPS-SSL2101_11 Datasheet
160Kb / 23P
   Dimmable GreenChip driver for LED lighting
Rev. 4.1-5 December 2011
logo
ADTech
ADT6051 ADTECH-ADT6051 Datasheet
269Kb / 4P
   Dimmable CC / CV IC for LED Lighting
logo
NXP Semiconductors
SSL2103 NXP-SSL2103 Datasheet
414Kb / 21P
   SMPS controller IC for dimmable LED lighting
Rev. 2-25 November 2010
logo
Sanyo Semicon Device
LV5029MD SANYO-LV5029MD Datasheet
238Kb / 15P
   LED Driver IC for LED Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com