データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MB39C605 データシート(PDF) 7 Page - Cypress Semiconductor

部品番号 MB39C605
部品情報  Phase Dimmable PSR LED Driver IC for LED Lighting
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C605 データシート(HTML) 7 Page - Cypress Semiconductor

Back Button MB39C605 Datasheet HTML 3Page - Cypress Semiconductor MB39C605 Datasheet HTML 4Page - Cypress Semiconductor MB39C605 Datasheet HTML 5Page - Cypress Semiconductor MB39C605 Datasheet HTML 6Page - Cypress Semiconductor MB39C605 Datasheet HTML 7Page - Cypress Semiconductor MB39C605 Datasheet HTML 8Page - Cypress Semiconductor MB39C605 Datasheet HTML 9Page - Cypress Semiconductor MB39C605 Datasheet HTML 10Page - Cypress Semiconductor MB39C605 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Document Number: 002-08444 Rev. *B
Page 7 of 26
MB39C605
6.
Electrical Characteristics
Table 6-1 . Electrical Characteristics
(Ta = +25°C, VVDD = 12V)
Parameter
Symbol
Pin
Condition
Value
Unit
Min
Typ
Max
POWER
SUPPLY
CURRENT
Power supply
current
IVDD(STATIC)
VDD
VVDD = 20V, VTZE = 1V
-
3
3.6
mA
IVDD(OPERATING)
VDD
VVDD = 20V, Qg = 20 nC,
fSW = 133 kHz
-
5.6
-
mA
UVLO
UVLO Turn-on
threshold voltage
VTH
VDD
-
12.25
13
13.75
V
UVLO Turn-off
threshold voltage
VTL
VDD
-
7.55
7.9
8.5
V
Startup current
ISTART
VDD
VVDD = 7V
-
65
160
µA
TRANSFORMER
ZERO ENERGY
DETECTION
Zero energy
threshold voltage
VTZETL
TZE
TZE = "H" to "L"
-
20
-
mV
Zero energy
threshold voltage
VTZETH
TZE
TZE = "L" to "H"
0.6
0.7
0.8
V
TZE clamp voltage
VTZECLAMP
TZE
ITZE = -10 µA
-200
-160
-100
mV
OVP threshold
voltage
VTZEOVP
TZE
-
4.15
4.3
4.45
V
OVP blanking time
tOVPBLANK
TZE
-
0.6
1
1.7
µs
TZE input current
ITZE
TZE
VTZE = 5V
-1
-
+1
µA
COMPENSATIO
N
Source current
ISO
COMP
VCOMP = 2V, VCS = 0V,
VVAC = 1.85V
-
-27
-
µA
Trans conductance
gm
COMP
VCOMP = 2.5V, VCS = 1V
-
96
-
µA/V
DIMMING
VAC input current
IVAC
VAC
VVAC = 5V
-0.1
-
+0.1
µA
VACCMP
threshold voltage
VVACCMPVTH
VAC
-
135
150
165
mV
VACCMP
hysteresis
VVACCMPHYS
VAC
-
-
70
-
mV
ADJUSTMENT
ADJ voltage
VADJ
ADJ
-
1.81
1.85
1.89
V
ADJ source current
IADJ
ADJ
VADJ = 0V
-650
-450
-250
µA
ADJ time
TADJ
TZE
DRV
TADJ (RADJ = 51 k
Ω) -
TADJ (RADJ = 9.1 k
Ω)
490
550
610
ns
Minimum switching
period
TSW
TZE
DRV
-
6.75
7.5
8.25
µs


同様の部品番号 - MB39C605

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
MB39C601 CYPRESS-MB39C601 Datasheet
907Kb / 37P
   High power factor in single conversion
MB39C602 CYPRESS-MB39C602 Datasheet
1Mb / 40P
   High Power Factor LED Driver IC for LED Lighting
MB39C602PNF CYPRESS-MB39C602PNF Datasheet
1Mb / 40P
   High Power Factor LED Driver IC for LED Lighting
MB39C603 CYPRESS-MB39C603 Datasheet
1Mb / 30P
   Phase Dimmable PSR LED Driver IC for LED Lighting
MB39C603PF-G-JNE1 CYPRESS-MB39C603PF-G-JNE1 Datasheet
1Mb / 30P
   Phase Dimmable PSR LED Driver IC for LED Lighting
More results

同様の説明 - MB39C605

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
MB39C603 CYPRESS-MB39C603 Datasheet
1Mb / 30P
   Phase Dimmable PSR LED Driver IC for LED Lighting
logo
Asahi Kasei Microsystem...
AP1651BEL AKM-AP1651BEL Datasheet
1Mb / 28P
   Dimmable LED driver IC for Lighting
logo
NXP Semiconductors
SSL2102 NXP-SSL2102 Datasheet
116Kb / 21P
   Mains LED driver IC for dimmable LED lighting
Rev. 01-29 June 2009
logo
Cirrus Logic
CS1680 CIRRUS-CS1680 Datasheet
644Kb / 16P
   Dimmable LED Driver IC for Low-voltage Lighting
logo
SIFIRST TECHNOLOGIES NA...
SFL678 SIFIRST-SFL678 Datasheet
49Kb / 2P
   AC/DC PSR Controller for Dimmable LED Lighting
logo
NXP Semiconductors
SSL2101 NXP-SSL2101 Datasheet
118Kb / 22P
   SMPS IC for dimmable LED lighting
Rev. 04-28 August 2009
SSL2101 PHILIPS-SSL2101_11 Datasheet
160Kb / 23P
   Dimmable GreenChip driver for LED lighting
Rev. 4.1-5 December 2011
logo
ADTech
ADT6051 ADTECH-ADT6051 Datasheet
269Kb / 4P
   Dimmable CC / CV IC for LED Lighting
logo
NXP Semiconductors
SSL2103 NXP-SSL2103 Datasheet
414Kb / 21P
   SMPS controller IC for dimmable LED lighting
Rev. 2-25 November 2010
logo
Sanyo Semicon Device
LV5029MD SANYO-LV5029MD Datasheet
238Kb / 15P
   LED Driver IC for LED Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com