データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI2101 データシート(PDF) 2 Page - Micro Commercial Components

部品番号 SI2101
部品情報  P-Channel Enhancement Mode Field Effect Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MCC [Micro Commercial Components]
ホームページ  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SI2101 データシート(HTML) 2 Page - Micro Commercial Components

  SI2101 Datasheet HTML 1Page - Micro Commercial Components SI2101 Datasheet HTML 2Page - Micro Commercial Components SI2101 Datasheet HTML 3Page - Micro Commercial Components SI2101 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics T
A = 25 C unless otherwise noted
Revision:
A
20
16/06/02
www.mccsemi.com
2 of
4
Micro Commercial Components
M C C
R
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISSTICS
Drain-Source Breakdown Voltage
VDSS
VGS = 0V, ID =-250µA
-
20
V
Gate-Source Leakage
IGSS
VDS =0V, VGS =
±8V
±100
nA
Zero Gate Voltage Drain Current
IDSS
DS
V
=-
20V, VGS =0V
-1.0
µA
OFF CHARACTERISSTICS (note 1)
Gate-Source Threshold Voltage
VGS(th)
DS
V
=VGS, ID =-250µA
-0.45
-0.7
V
VGS =-4.5V, ID =-1.0A
100
VGS =-2.5V, ID =-0.5A
140
Drain-Source On-State Resistance
RDS(on)
VGS =-1.8V, ID =-0.3A
210
mΩ
CHARGES AND CAPACITANCES (note 3)
Input Capacitance
Ciss
640
Output Capacitance
Coss
120
Reverse Transfer Capacitance
Crss
VDS =-8.0V,VGS =0V,f =1MHz
82
pF
SWITCHING CHARACTERISSTICS (note 2,3)
Turn-On Delay Time
td(on)
6.2
Rise Time
tr
15
Turn-Off Delay Time
td(off)
26
Fall Time
tf
VGS=-4.5V,VDD=-4.0V,
ID =-1.0A,RG=6.2Ω
18
ns
Drain-source Body diode characteristics
Forward Diode Voltage
VSD
GS
V
=0V,IS=-0.3A
-0.62
-1.2
V
Notes :
1. Pulse Test : pulse width 300µs, duty cycle 2%.
2. Switching characteristics are independent of operating junction temperatures.
3. These parameters have no way to verify.
-
1.2


同様の部品番号 - SI2101

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI2107 SILABS-SI2107 Datasheet
952Kb / 80P
   SATELLITE RECEIVER FOR DVB-S/DSS
SI2107 SILABS-SI2107 Datasheet
1Mb / 94P
   SATELLITE RECEIVER FOR DVB-S/DSS WITH QUICKLOCK AND QUICKSCAN
SI2107-X-FM SILABS-SI2107-X-FM Datasheet
952Kb / 80P
   SATELLITE RECEIVER FOR DVB-S/DSS
SI2107-X-FM SILABS-SI2107-X-FM Datasheet
1Mb / 94P
   SATELLITE RECEIVER FOR DVB-S/DSS WITH QUICKLOCK AND QUICKSCAN
SI2107 SILABS-SI2107_06 Datasheet
1Mb / 94P
   SATELLITE RECEIVER FOR DVB-S/DSS WITH QUICKLOCK AND QUICKSCAN
More results

同様の説明 - SI2101

メーカー部品番号データシート部品情報
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
   P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
logo
Alpha & Omega Semicondu...
AO6403 AOSMD-AO6403 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO6419 AOSMD-AO6419 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO7413 AOSMD-AO7413 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AOU403 AOSMD-AOU403 Datasheet
72Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com