データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EL2244CM データシート(PDF) 7 Page - Intersil Corporation

部品番号 EL2244CM
部品情報  Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2244CM データシート(HTML) 7 Page - Intersil Corporation

Back Button EL2244CM Datasheet HTML 3Page - Intersil Corporation EL2244CM Datasheet HTML 4Page - Intersil Corporation EL2244CM Datasheet HTML 5Page - Intersil Corporation EL2244CM Datasheet HTML 6Page - Intersil Corporation EL2244CM Datasheet HTML 7Page - Intersil Corporation EL2244CM Datasheet HTML 8Page - Intersil Corporation EL2244CM Datasheet HTML 9Page - Intersil Corporation EL2244CM Datasheet HTML 10Page - Intersil Corporation EL2244CM Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
Typical Performance Curves (Continued)
Differential Gain and
Phase vs DC Input
Offset at 3.58MHz
Differential Gain and
Phase vs DC Input
Offset at 4.43MHz
Differential Gain and
Phase vs Number of
150
Ω Loads at 3.58MHz
Differential Gain and
Phase vs Number of
150
Ω Loads at 4.43MHz
Channel Separation
vs Frequency
Gain-Bandwidth Product vs Load Capacitance
60
50
40
30
20
10
0
110
10k
100
1k
Load Capacitance (pF)
VS=±15V
AV=-2
Package Power Dissipation vs Ambient Temperature
JEDEC JESD51-3 Low Effective Thermal Conductivity Test
Board
1.8
1.6
1.2
0.8
0.6
0.4
0.2
0
0
255075
100
150
Ambient Temperature (°C)
85
1.54W
1.25W
1.042W
781mW
125
1.4
1
SO8
θJA=160°C/W
SO14
θJA=120°C/W
PDIP14
θJA=81°C/W
PDIP8
θJA=100°C/W
Package Power Dissipation vs Ambient Temperature
JEDEC JESD51-7 High Effective Thermal Conductivity Test
Board
2
1.8
1.6
1.4
1.2
0.8
0.4
0
0
255075
100
150
Ambient Temperature (°C)
85
1.786W
125
1
0.6
0.2
1.420W
1.136W
SO8
θJA=110°C/W
SO14
θJA=88°C/W
PDIP14
θJA=70°C/W
Overshoot vs Load Capacitance
60
50
40
30
20
10
0
510
30
50
15
35
25
45
20
40
Load Capacitance (pF)
VS=±15V
RG=Open
PDIP8
θJA=85°C/W
1.471W
EL2244, EL2444


同様の部品番号 - EL2244CM

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
EL2244CM RENESAS-EL2244CM Datasheet
761Kb / 11P
   Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
EL2244CM-T13 RENESAS-EL2244CM-T13 Datasheet
761Kb / 11P
   Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
EL2244CMZ RENESAS-EL2244CMZ Datasheet
761Kb / 11P
   Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
EL2244CMZ-T13 RENESAS-EL2244CMZ-T13 Datasheet
761Kb / 11P
   Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
More results

同様の説明 - EL2244CM

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
EL2244 RENESAS-EL2244 Datasheet
761Kb / 11P
   Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
logo
Elantec Semiconductor
EL2244C ELANTEC-EL2244C Datasheet
445Kb / 16P
   Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
logo
ADDtek Corp
AMC2244 ADDTEK-AMC2244 Datasheet
425Kb / 11P
   DUAL/Triple/QUAD LOW-POWER 60MHz UNITY-GAIN STABLE OP AMPLIFIERS
JUNE 2006
logo
Intersil Corporation
EL2344 INTERSIL-EL2344 Datasheet
253Kb / 12P
   Triple Low-Power 60MHz Unity-Gain Stable Op Amp
logo
Elantec Semiconductor
EL2242C ELANTEC-EL2242C Datasheet
703Kb / 10P
   Dual Fast Single-Supply Unity-Gain Stable Op Amp
logo
Intersil Corporation
EL2044 INTERSIL-EL2044 Datasheet
258Kb / 10P
   Low Power/Low Voltage 120MHz Unity-Gain Stable Operational Amplifier
logo
Elantec Semiconductor
EL2044C ELANTEC-EL2044C Datasheet
414Kb / 13P
   Low Power/Low Voltage 120MHz Unity-Gain Stable Operational Amplifier
logo
National Semiconductor ...
CLC416 NSC-CLC416 Datasheet
167Kb / 6P
   Dual Low-Power, 120MHz Op Amp
logo
Analog Devices
AD841 AD-AD841 Datasheet
354Kb / 8P
   Wideband, Unity-Gain Stable, Fast Settling Op Amp
REV. B
AD841 AD-AD841_15 Datasheet
338Kb / 16P
   Wideband, Unity-Gain Stable, Fast Settling Op Amp
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com