データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC104S051 データシート(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
部品番号 ADC104S051
部品情報  4 Channel, 1 MSPS, 10-Bit A/D Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC104S051 データシート(HTML) 2 Page - National Semiconductor (TI)

  ADC104S051 Datasheet HTML 1Page - National Semiconductor (TI) ADC104S051 Datasheet HTML 2Page - National Semiconductor (TI) ADC104S051 Datasheet HTML 3Page - National Semiconductor (TI) ADC104S051 Datasheet HTML 4Page - National Semiconductor (TI) ADC104S051 Datasheet HTML 5Page - National Semiconductor (TI) ADC104S051 Datasheet HTML 6Page - National Semiconductor (TI) ADC104S051 Datasheet HTML 7Page - National Semiconductor (TI) ADC104S051 Datasheet HTML 8Page - National Semiconductor (TI) ADC104S051 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Ordering Information
Order Code
Temperature Range
Description
Top Mark
ADC104S101CIMM
−40˚C to +85˚C
10-Lead MSOP Package
X26C
ADC104S101CIMMX
−40˚C to +85˚C
10-Lead MSOP Package, Tape & Reel
X26C
ADC104S101EVAL
Evaluation Board
Block Diagram
20125007
Pin Descriptions and Equivalent Circuits
Pin No.
Symbol
Description
ANALOG I/O
4-7
IN1 to IN4
Analog inputs. These signals can range from 0V to V
A.
DIGITAL I/O
10
SCLK
Digital clock input. This clock directly controls the conversion
and readout processes.
9
DOUT
Digital data output. The output samples are clocked out of this
pin on falling edges of the SCLK pin.
8
DIN
Digital data input. The ADC104S101’s Control Register is
loaded through this pin on rising edges of the SCLK pin.
1CS
Chip select. On the falling edge of CS, a conversion process
begins. Conversions continue as long as CS is held low.
POWER SUPPLY
2V
A
Positive supply pin. This pin should be connected to a quiet
+2.7V to +5.25V source and bypassed to GND witha1µF
capacitor and a 0.1 µF monolithic capacitor located within 1
cm of the power pin.
3
GND
The ground return for the analog supply and signals.
www.national.com
2


同様の部品番号 - ADC104S051

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
ADC104S051 NSC-ADC104S051 Datasheet
909Kb / 19P
   4 Channel, 200 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC104S051 TI-ADC104S051 Datasheet
1Mb / 27P
[Old version datasheet]   ADC084S021 4-Channel, 50 ksps to 200 Ksps, 8-Bit A/D Converter
ADC104S051 TI-ADC104S051 Datasheet
1Mb / 28P
[Old version datasheet]   ADC084S051 4 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC104S051 TI-ADC104S051 Datasheet
1Mb / 27P
[Old version datasheet]   ADC104S101 4 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC104S051 TI-ADC104S051 Datasheet
1Mb / 27P
[Old version datasheet]   ADC124S101 4 Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
More results

同様の説明 - ADC104S051

メーカー部品番号データシート部品情報
logo
Texas Instruments
ADC104S101CIMM TI-ADC104S101CIMM Datasheet
1Mb / 27P
[Old version datasheet]   ADC104S101 4 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC104S101 TI1-ADC104S101_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC104S101 4 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC101S101 TI1-ADC101S101 Datasheet
1Mb / 23P
[Old version datasheet]   Single Channel, 0.5 to 1 Msps, 10-Bit A/D Converter
logo
Cadeka Microcircuits LL...
SPT7862 CADEKA-SPT7862 Datasheet
188Kb / 10P
   10-BIT, 40 MSPS, DUAL-CHANNEL A/D CONVERTER
logo
List of Unclassifed Man...
SPT7862 ETC-SPT7862 Datasheet
105Kb / 10P
   10-BIT, 40 MSPS, DUAL-CHANNEL A/D CONVERTER
logo
National Semiconductor ...
ADC108S102 NSC-ADC108S102 Datasheet
877Kb / 17P
   8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC102S101 TI1-ADC102S101_15 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
logo
National Semiconductor ...
ADC082S101 NSC-ADC082S101 Datasheet
925Kb / 19P
   2 Channel, 1 MSPS, 8-Bit A/D Converter
logo
TEXAS ADVANCED OPTOELEC...
ADC122S101 TAOS-ADC122S101 Datasheet
947Kb / 19P
   2 Channel, 1 MSPS 12-Bit A/D Converter
logo
Analog Devices
AD9731 AD-AD9731 Datasheet
149Kb / 11P
   10-Bit, 170 MSPS D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com