データシートサーチシステム |
|
ADC104S051 データシート(PDF) 3 Page - National Semiconductor (TI) |
|
|
ADC104S051 データシート(HTML) 3 Page - National Semiconductor (TI) |
3 / 19 page Absolute Maximum Ratings (Notes 1, 2) If Military/Aerospace specified devices are required, please contact the National Semiconductor Sales Office/ Distributors for availability and specifications. Supply Voltage V A −0.3V to 6.5V Voltage on Any Pin to GND −0.3V to V A +0.3V Input Current at Any Pin (Note 3) ±10 mA Package Input Current(Note 3) ±20 mA Power Consumption at T A = 25˚C See (Note 4) ESD Susceptibility (Note 5) Human Body Model Machine Model 2500V 250V Junction Temperature +150˚C Storage Temperature −65˚C to +150˚C Operating Ratings (Notes 1, 2) Operating Temperature Range −40˚C ≤ T A ≤ +85˚C V A Supply Voltage +2.7V to +5.25V Digital Input Pins Voltage Range −0.3V to V A Clock Frequency 0.8 MHz to 16 MHz Analog Input Voltage 0V to V A Package Thermal Resistance Package θ JA 10-lead MSOP 190˚C / W Soldering process must comply with National Semiconduc- tor’s Reflow Temperature Profile specifications. Refer to www.national.com/packaging. (Note 6) ADC104S101 Converter Electrical Characteristics (Note 9) The following specifications apply for V A = +2.7V to 5.25V, GND = 0V, CL = 50 pF, fSCLK = 8 MHz to 16 MHz, f SAMPLE = 500 kSPS to 1 MSPS, unless otherwise noted. Boldface limits apply for TA =TMIN to TMAX; all other limits TA = 25˚C. Symbol Parameter Conditions Typical Limits (Note 7) Units STATIC CONVERTER CHARACTERISTICS Resolution with No Missing Codes 10 Bits INL Integral Non-Linearity +0.4 +0.7 LSB (max) −0.1 −0.5 LSB (min) DNL Differential Non-Linearity +0.26 +0.6 LSB (max) −0.16 −0.6 LSB (min) V OFF Offset Error +0.19 ±0.6 LSB (max) OEM Channel to Channel Offset Error Match 0.02 ±0.6 LSB (max) FSE Full_Scale Error −0.15 ±0.7 LSB (max) FSEM Channel to Channel Full_Scale Error Match 0.02 ±0.5 LSB (max) DYNAMIC CONVERTER CHARACTERISTICS SINAD Signal-to-Noise Plus Distortion Ratio V A = +2.7V to 5.25V f IN = 40.3 kHz, −0.02 dBFS 61.6 61 dB (min) SNR Signal-to-Noise Ratio V A = +2.7V to 5.25V f IN = 40.3 kHz, −0.02 dBFS 61.7 61.3 dB (min) THD Total Harmonic Distortion V A = +2.7V to 5.25V f IN = 40.3 kHz, −0.02 dBFS −82 −72 dB (max) SFDR Spurious-Free Dynamic Range V A = +2.7V to 5.25V f IN = 40.3 kHz, −0.02 dBFS 83 75 dB (min) ENOB Effective Number of Bits V A = +2.7V to 5.25V f IN = 40.3 kHz, −0.02 dBFS 9.9 9.8 Bits (min) Channel-to-Channel Crosstalk V A = +5.25V f IN = 40.3 kHz −78 dB IMD Intermodulation Distortion, Second Order Terms V A = +5.25V f a = 40.161 kHz, fb = 41.015 kHz −82 dB Intermodulation Distortion, Third Order Terms V A = +5.25V f a = 40.161 kHz, fb = 41.015 kHz −81 dB FPBW -3 dB Full Power Bandwidth V A = +5V 11 MHz V A = +3V 8 MHz www.national.com 3 |
同様の部品番号 - ADC104S051 |
|
同様の説明 - ADC104S051 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |