データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMR23615QDRRTQ1 データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 LMR23615QDRRTQ1
部品情報  SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMR23615QDRRTQ1 データシート(HTML) 7 Page - Texas Instruments

Back Button LMR23615QDRRTQ1 Datasheet HTML 3Page - Texas Instruments LMR23615QDRRTQ1 Datasheet HTML 4Page - Texas Instruments LMR23615QDRRTQ1 Datasheet HTML 5Page - Texas Instruments LMR23615QDRRTQ1 Datasheet HTML 6Page - Texas Instruments LMR23615QDRRTQ1 Datasheet HTML 7Page - Texas Instruments LMR23615QDRRTQ1 Datasheet HTML 8Page - Texas Instruments LMR23615QDRRTQ1 Datasheet HTML 9Page - Texas Instruments LMR23615QDRRTQ1 Datasheet HTML 10Page - Texas Instruments LMR23615QDRRTQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
IOUT (A)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
5.01
5.02
5.03
5.04
5.05
5.06
5.07
5.08
5.09
5.1
5.11
5.12
LMR2
VIN = 12 V
VIN = 24 V
VIN = 36 V
VIN (V)
5
10
15
20
25
30
35
40
5.01
5.02
5.03
5.04
5.05
5.06
5.07
5.08
5.09
5.1
LMR2
IOUT = 1.5 A
IOUT = 0.2 A
IOUT = 0 A
IOUT (A)
1E-5
0.0001
0.001
0.01
0.1
1
10
0
10
20
30
40
50
60
70
80
90
100
LMR2
VIN = 8 V
VIN = 12 V
VIN = 24 V
IOUT (A)
1E-5
0.0001
0.001
0.01
0.1
1
10
0
10
20
30
40
50
60
70
80
90
100
LMR2
VIN = 8 V
VIN = 12 V
VIN = 20 V
IOUT (A)
1E-5
0.0001
0.001
0.01
0.1
1
10
0
10
20
30
40
50
60
70
80
90
100
LMR2
VIN = 12 V
VIN = 24 V
VIN = 36 V
IOUT (A)
1E-5
0.0001
0.001
0.01
0.1
1
10
0
10
20
30
40
50
60
70
80
90
100
LMR2
VIN = 8 V
VIN = 12 V
VIN = 24 V
7
LMR23615-Q1
www.ti.com
SNVSAS5 – MARCH 2018
Product Folder Links: LMR23615-Q1
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
6.8 Typical Characteristics
Unless otherwise specified the following conditions apply: VIN = 12 V, fSW = 1600 kHz, L = 4.7µH, COUT = 47 µF, TA = 25°C.
fSW = 1000 kHz
VOUT = 5 V
Figure 1. Efficiency vs Load Current
fSW = 1000 kHz
VOUT = 3.3 V
Figure 2. Efficiency vs Load Current
fSW = 2200 kHz
VOUT = 5 V
Figure 3. Efficiency vs Load Current
fSW = 2200 kHz
VOUT = 3.3 V
Figure 4. Efficiency vs Load Current
fSW = 1000 kHz
VOUT = 5 V
Figure 5. Load Regulation
fSW = 1000 kHz
VOUT = 5 V
Figure 6. Line Regulation


同様の部品番号 - LMR23615QDRRTQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMR23615 TI1-LMR23615 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615 Datasheet
2Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23615-Q1 TI1-LMR23615-Q1 Datasheet
2Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23615DRRR TI1-LMR23615DRRR Datasheet
2Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23615DRRT TI1-LMR23615DRRT Datasheet
2Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
More results

同様の説明 - LMR23615QDRRTQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMR23615 TI1-LMR23615 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615_18 Datasheet
2Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 2.5-A Synchronous Step-Down Converter
LMR23610-Q1 TI1-LMR23610-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 1 A Synchronous Step-Down Converter
LMR23625 TI1-LMR23625_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23630_017 TI1-LMR23630_017 Datasheet
3Mb / 42P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630 Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com