データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC10062 データシート(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 ADC10062
部品情報  10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10062 データシート(HTML) 6 Page - National Semiconductor (TI)

Back Button ADC10062 Datasheet HTML 2Page - National Semiconductor (TI) ADC10062 Datasheet HTML 3Page - National Semiconductor (TI) ADC10062 Datasheet HTML 4Page - National Semiconductor (TI) ADC10062 Datasheet HTML 5Page - National Semiconductor (TI) ADC10062 Datasheet HTML 6Page - National Semiconductor (TI) ADC10062 Datasheet HTML 7Page - National Semiconductor (TI) ADC10062 Datasheet HTML 8Page - National Semiconductor (TI) ADC10062 Datasheet HTML 9Page - National Semiconductor (TI) ADC10062 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
AC Electrical Characteristics (Continued)
Device
θ
JA (˚C/W)
ADC10061CIWM
54
ADC10062CIWM
48
ADC10064CIWM
44
Note 5: Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
Note 6: See AN-450 “Surface Mounting Methods and Their Effect on Product Reliability” or the section titled “Surface Mount” found in a current National
Semiconductor Linear Data Book for other methods of soldering surface mount devices.
Note 7: Typicals are at +25˚C and represent must likely parametric norm.
Note 8: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 9: Accuracy may degrade if tSH is shorter than the value specified. See curves of Accuracy vs tSH.
Typical Performance Characteristics
Zero (Offset) Error
vs Reference Voltage
Linearity Error
vs Reference Voltage
Analog Supply Current
vs Temperature
01102016
01102017
01102018
Digital Supply Current
vs Temperature
Conversion Time
vs Temperature
Conversion Time
vs Temperature
01102019
01102020
01102021
Conversion Time
vs Speed-Up Resistor
(ADC10062 and ADC10064 Only)
Conversion Time
vs Speed-Up Resistor
(ADC10062 and ADC10064 Only)
Spectral Response
with100 kHz Sine
Wave Input
01102022
01102023
01102024
www.national.com
6


同様の部品番号 - ADC10062

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
ADC10062 NSC-ADC10062 Datasheet
333Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10062 TI1-ADC10062 Datasheet
1Mb / 23P
[Old version datasheet]   ADC10061/ADC10062/ADC10064 10-Bit 600 ns A/D Converter with Input Multiplexer and Sample
ADC10062 TI1-ADC10062 Datasheet
1Mb / 22P
[Old version datasheet]   10-Bit 600 ns A/D Converter
ADC10062 TI1-ADC10062 Datasheet
1Mb / 22P
[Old version datasheet]   A/D Converter
logo
National Semiconductor ...
ADC10062CIWM NSC-ADC10062CIWM Datasheet
333Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
More results

同様の説明 - ADC10062

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
ADC10461 NSC-ADC10461 Datasheet
760Kb / 16P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10461 TI1-ADC10461_14 Datasheet
1Mb / 24P
[Old version datasheet]   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
National Semiconductor ...
ADC10061 NSC-ADC10061 Datasheet
333Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10461 NSC-ADC10461_06 Datasheet
757Kb / 17P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10461 TI1-ADC10461_15 Datasheet
1Mb / 23P
[Old version datasheet]   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
National Semiconductor ...
ADC10662 NSC-ADC10662 Datasheet
274Kb / 14P
   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10662 TI1-ADC10662_15 Datasheet
1,010Kb / 22P
[Old version datasheet]   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10662 TI1-ADC10662_14 Datasheet
1,008Kb / 23P
[Old version datasheet]   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10664CIWMX TI1-ADC10664CIWMX Datasheet
974Kb / 22P
[Old version datasheet]   ADC10662/ADC10664 10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10061 TI1-ADC10061_14 Datasheet
1Mb / 23P
[Old version datasheet]   ADC10061/ADC10062/ADC10064 10-Bit 600 ns A/D Converter with Input Multiplexer and Sample
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com