データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMR23625-Q1 データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 LMR23625-Q1
部品情報  SIMPLE SWITCHER 36-V, 2.5-A Synchronous Step-Down Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMR23625-Q1 データシート(HTML) 6 Page - Texas Instruments

Back Button LMR23625-Q1 Datasheet HTML 2Page - Texas Instruments LMR23625-Q1 Datasheet HTML 3Page - Texas Instruments LMR23625-Q1 Datasheet HTML 4Page - Texas Instruments LMR23625-Q1 Datasheet HTML 5Page - Texas Instruments LMR23625-Q1 Datasheet HTML 6Page - Texas Instruments LMR23625-Q1 Datasheet HTML 7Page - Texas Instruments LMR23625-Q1 Datasheet HTML 8Page - Texas Instruments LMR23625-Q1 Datasheet HTML 9Page - Texas Instruments LMR23625-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
6
LMR23625-Q1
SNVSAR5B – DECEMBER 2016 – REVISED MARCH 2018
www.ti.com
Product Folder Links: LMR23625-Q1
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
Electrical Characteristics (continued)
Limits apply over the recommended operating junction temperature (TJ) range of –40°C to +125°C, unless otherwise stated.
Minimum and Maximum limits are specified through test, design or statistical correlation. Typical values represent the most
likely parametric norm at TJ = 25°C, and are provided for reference purposes only.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT LIMIT
IHS_LIMIT
Peak inductor current limit
HSOIC package
3.6
4.8
6.2
A
WSON package
4.0
5.5
6.6
ILS_LIMIT
Valley inductor current limit
HSOIC package
2.8
3.5
4.6
A
WSON package
2.9
3.6
4.2
IL_ZC
Zero cross current limit
–0.04
A
IL_NEG
Negative current limit (FPWM
option)
–2.7
–2
–1.3
A
INTEGRATED MOSFETS
RDS_ON_HS
High-side MOSFET ON-resistance
HSOIC package, VIN = 12 V, IOUT = 1 A
185
m
WSON package, VIN = 12 V, IOUT = 1 A
160
RDS_ON_LS
Low-side MOSFET ON-resistance
HSOIC package VIN = 12 V, IOUT = 1 A
105
m
WSON package, VIN = 12 V, IOUT = 1 A
95
THERMAL SHUTDOWN
TSHDN
Thermal shutdown threshold
162
170
178
°C
THYS
Hysteresis
15
°C
(1)
Specified by design.
7.6 Timing Characteristics
Over the recommended operating junction temperature range of –40°C to +125°C (unless otherwise noted)
MIN
NOM
MAX
UNIT
HICCUP MODE
NOC
(1)
Number of cycles that LS current limit is
tripped to enter hiccup mode
64
Cycles
TOC
Hiccup retry delay time
SOIC package
5
ms
WSON package
12
SOFT START
TSS
Internal soft-start time. The time of internal
reference to increase from 0 V to 1 V
SOIC package
1
2
3
ms
WSON package
6
POWER GOOD
TPGOOD_RISE
Power-good flag rising transition deglitch
delay
150
μs
TPGOOD_FALL
Power-good flag falling transition deglitch
delay
18
μs


同様の部品番号 - LMR23625-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMR23625-Q1 TI1-LMR23625-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1 Datasheet
2Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1_16 Datasheet
2Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
More results

同様の説明 - LMR23625-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMR23625 TI1-LMR23625_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1_16 Datasheet
2Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23625 TI1-LMR23625 Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23610-Q1 TI1-LMR23610-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 1 A Synchronous Step-Down Converter
LMR23630_017 TI1-LMR23630_017 Datasheet
3Mb / 42P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630 Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com