データシートサーチシステム |
|
PD-SF1210-P92 データシート(PDF) 1 Page - PowerDynamics, Inc |
|
PD-SF1210-P92 データシート(HTML) 1 Page - PowerDynamics, Inc |
|
1 / 1 page A 6 B 5 4 C D 6 5 4 DIMENSIONS ARE IN MILLIMETERS ALL DIMENSIONS FOR REFERENCE ONLY Phone: 973 560-0019 Whippany, New Jersey Fax: 973 560-0076 3 DRAWN CHECK APPR BY BY BY DATE: DATE: DATE: 2 NTS SCALE: SIZE: PART #: A PART: A 1 REV: B 3 2 C D 1 TOLERANCE UNLESS OTHERWISE SPECIFIED 1 of 1 SHEET METAL IP67 WATERPROOF MALE CABLE CONNECTOR PUSH - PULL TYPE; 2 - 9 CONTACTS; SOLDER TERMINATION PD-SF1210-PXX PB 10/31/17 RoHS COMPLIANT MATERIALS: Shell: Brass, Chrome plated Insert: PPS, UL-94V-0 rated Contacts: Brass, Gold plated MECHANICAL SPECIFICATIONS: Coupling type: Push - Pull Contact termination: Solder Cable O.D. range: 4 ~ 6.5mm or 5 ~ 8mm Mating cycles: >500 ENVIRONMENTAL SPECIFICATIONS: IP rating: IP67 ORDERING CODE: PD-SF1210-PXX Cable outer diameter 1 = 4 ~ 6.5mm 2 = 5 ~ 8mm Number of contacts (from chart) 1: 4 - 6.5mm 2: 5 - 8mm |
同様の部品番号 - PD-SF1210-P92 |
|
同様の説明 - PD-SF1210-P92 |