データシートサーチシステム |
|
MC10EP445FA データシート(PDF) 6 Page - ON Semiconductor |
|
MC10EP445FA データシート(HTML) 6 Page - ON Semiconductor |
6 / 16 page MC10EP445, MC100EP445 http://onsemi.com 6 100EP DC CHARACTERISTICS, PECL VCC = 3.3 V, VEE = 0 V (Note 14) -40 °C 25 °C 85 °C Symbol Characteristic Min Typ Max Min Typ Max Min Typ Max Unit IEE Power Supply Current 95 119 143 98 122 146 100 125 150 mA VOH Output HIGH Voltage (Note 15) 2155 2280 2405 2155 2280 2405 2155 2280 2405 mV VOL Output LOW Voltage (Note 15) 1355 1480 1605 1355 1480 1605 1355 1480 1605 mV VIH Input HIGH Voltage (Single-Ended) 2075 2420 2075 2420 2075 2420 mV VIL Input LOW Voltage (Single-Ended) 1355 1675 1355 1675 1355 1675 mV VBB Output Voltage Reference 1775 1875 1975 1775 1875 1975 1775 1875 1975 mV VIHCMR Input HIGH Voltage Common Mode Range (Differential) (Note 16) 2.0 3.3 2.0 3.3 2.0 3.3 V IIH Input HIGH Current 150 150 150 mA IIL Input LOW Current 0.5 0.5 0.5 mA NOTE: EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500 lfpm is maintained. 14. Input and output parameters vary 1:1 with VCC. VEE can vary +0.3 V to -2.2 V. 15. All loading with 50 W to VCC-2.0 volts. 16. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal. 100EP DC CHARACTERISTICS, PECL VCC = 5.0 V, VEE = 0 V (Note 17) -40 °C 25 °C 85 °C Symbol Characteristic Min Typ Max Min Typ Max Min Typ Max Unit IEE Power Supply Current (Note 18) 95 119 143 98 122 146 100 125 150 mA VOH Output HIGH Voltage (Note 19) 3855 3980 4105 3855 3980 4105 3855 3980 4105 mV VOL Output LOW Voltage (Note 19) 3055 3180 3305 3055 3180 3305 3055 3180 3305 mV VIH Input HIGH Voltage (Single-Ended) 3775 4120 3775 4120 3775 4120 mV VIL Input LOW Voltage (Single-Ended) 3055 3375 3055 3375 3055 3375 mV VBB Output Voltage Reference 3475 3575 3675 3475 3575 3675 3475 3575 3675 mV VIHCMR Input HIGH Voltage Common Mode Range (Differential) (Note 20) 2.0 5.0 2.0 5.0 2.0 5.0 V IIH Input HIGH Current 150 150 150 mA IIL Input LOW Current 0.5 0.5 0.5 mA NOTE: EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500 lfpm is maintained. 17. Input and output parameters vary 1:1 with VCC. VEE can vary +2.0 V to -0.5 V. 18. Required 500 lfpm air flow when using +5 V power supply. For (VCC - VEE) >3.3 V, 5 W to 10 W in line with VEE required for maximum thermal protection at elevated temperatures. Recommend VCC-V EE operation at 3.3 V. 19. All loading with 50 W to VCC-2.0 volts. 20. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal. |
同様の部品番号 - MC10EP445FA |
|
同様の説明 - MC10EP445FA |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |