データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10EP445FA データシート(PDF) 10 Page - ON Semiconductor

部品番号 MC10EP445FA
部品情報  3.3V/5V ECL 8-Bit Serial/Parallel Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP445FA データシート(HTML) 10 Page - ON Semiconductor

Back Button MC10EP445FA Datasheet HTML 6Page - ON Semiconductor MC10EP445FA Datasheet HTML 7Page - ON Semiconductor MC10EP445FA Datasheet HTML 8Page - ON Semiconductor MC10EP445FA Datasheet HTML 9Page - ON Semiconductor MC10EP445FA Datasheet HTML 10Page - ON Semiconductor MC10EP445FA Datasheet HTML 11Page - ON Semiconductor MC10EP445FA Datasheet HTML 12Page - ON Semiconductor MC10EP445FA Datasheet HTML 13Page - ON Semiconductor MC10EP445FA Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MC10EP445, MC100EP445
http://onsemi.com
10
For CKSEL LOW operation, the data is latched on both
the rising edge and the falling edge of the clock and the time
from when the serial data is latched
À to when the data is seen
on the parallel output
Á is 6 clock cycles (see Figure 7).
Figure 7. Timing Diagram A. 1:8 Serial to Parallel Conversion with CKSEL LOW
CLK
SINA
RESET
CKSEL
PCLK
Q0
D0
D1
D2 D3
D4
D5
D6
D7
D8
D9 D10 D11 D12 D13 D14 D15 D16 D17 D18 D19 D20 D21 D22 D23 D24
Q1
Q2
Q3
Q4
Q5
Q6
Q7
D0
D8
D16
D1
D9
D17
D2
D10
D18
D3
D11
D19
D4
D12
D20
D5
D13
D21
D6
D14
D22
D7
D15
D23
CKEN
123
4
5
6
Á
À
Number of Clock Cycles from Data Latch to Q


同様の部品番号 - MC10EP445FA

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10EP445FA ONSEMI-MC10EP445FA Datasheet
151Kb / 18P
   3.3V/5V ECL 8?묪it Serial/Parallel Converter
July, 2006 ??Rev. 11
MC10EP445FAG ONSEMI-MC10EP445FAG Datasheet
151Kb / 18P
   3.3V/5V ECL 8?묪it Serial/Parallel Converter
July, 2006 ??Rev. 11
MC10EP445FAG ONSEMI-MC10EP445FAG Datasheet
151Kb / 19P
   ECL 8-Bit Serial/Parallel Converter
June, 2014 ??Rev. 16
MC10EP445FAR2 ONSEMI-MC10EP445FAR2 Datasheet
151Kb / 18P
   3.3V/5V ECL 8?묪it Serial/Parallel Converter
July, 2006 ??Rev. 11
MC10EP445FAR2G ONSEMI-MC10EP445FAR2G Datasheet
151Kb / 18P
   3.3V/5V ECL 8?묪it Serial/Parallel Converter
July, 2006 ??Rev. 11
More results

同様の説明 - MC10EP445FA

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10EP445 ONSEMI-MC10EP445_06 Datasheet
151Kb / 18P
   3.3V/5V ECL 8?묪it Serial/Parallel Converter
July, 2006 ??Rev. 11
MC10E445 ONSEMI-MC10E445_06 Datasheet
156Kb / 13P
   5V ECL 4-Bit Serial/Parallel Converter
November, 2006 ??Rev. 12
MC10E446 ONSEMI-MC10E446_06 Datasheet
147Kb / 12P
   5V ECL 4-Bit Parallel/Serial Converter
November, 2006 ??Rev. 8
MC10EP445 ONSEMI-MC10EP445_14 Datasheet
151Kb / 19P
   ECL 8-Bit Serial/Parallel Converter
June, 2014 ??Rev. 16
MC10EP446 ONSEMI-MC10EP446 Datasheet
173Kb / 20P
   3.3V/5V 8짯Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter
June, 2004 ??Rev. 5
MC10EP016 ONSEMI-MC10EP016 Datasheet
110Kb / 12P
   3.3V / 5VECL 8-Bit Synchronous Binary Up Counter
September, 2002 ??Rev. 10
logo
New Japan Radio
NJU3711 NJRC-NJU3711 Datasheet
307Kb / 6P
   8-BIT SERIAL TO PARALLEL CONVERTER
NJU3712 NJRC-NJU3712 Datasheet
214Kb / 7P
   8-BIT SERIAL TO PARALLEL CONVERTER?
logo
National Semiconductor ...
54165 NSC-54165 Datasheet
109Kb / 6P
   8-Bit Parallel-to-Serial Converter
August 1989
logo
ON Semiconductor
MC10EP446 ONSEMI-MC10EP446_14 Datasheet
191Kb / 20P
   8?륛it CMOS/ECL/TTL Data Input Parallel/Serial Converter
June, 2014 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com