データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV74310PDQNR データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 TLV74310PDQNR
部品情報  300-mA, Low-Dropout Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLV74310PDQNR データシート(HTML) 7 Page - Texas Instruments

Back Button TLV74310PDQNR Datasheet HTML 3Page - Texas Instruments TLV74310PDQNR Datasheet HTML 4Page - Texas Instruments TLV74310PDQNR Datasheet HTML 5Page - Texas Instruments TLV74310PDQNR Datasheet HTML 6Page - Texas Instruments TLV74310PDQNR Datasheet HTML 7Page - Texas Instruments TLV74310PDQNR Datasheet HTML 8Page - Texas Instruments TLV74310PDQNR Datasheet HTML 9Page - Texas Instruments TLV74310PDQNR Datasheet HTML 10Page - Texas Instruments TLV74310PDQNR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Current (mA)
0
50
100
150
200
250
300
3.24
3.255
3.27
3.285
3.3
3.315
3.33
3.345
D003
TJ = -40 qC
TJ = 0 qC
TJ = 25 qC
TJ = 85 qC
TJ = 125 qC
Current (mA)
0
50
100
150
200
250
300
3.264
3.272
3.28
3.288
3.296
3.304
3.312
3.32
D007
TJ = -40 qC
TJ = 0 qC
TJ = 25 qC
TJ = 85 qC
TJ = 125 qC
Current (mA)
0
50
100
150
200
250
300
1.76
1.768
1.776
1.784
1.792
1.8
1.808
1.816
D002
TJ = -40 qC
TJ = 0 qC
TJ = 25 qC
TJ = 85 qC
TJ = 125 qC
Current (mA)
0
50
100
150
200
250
300
1.779
1.782
1.785
1.788
1.791
1.794
1.797
1.8
D006
TJ = -40 qC
TJ = 0 qC
TJ = 25 qC
TJ = 85 qC
TJ = 125 qC
Current (mA)
0
50
100
150
200
250
300
0.96
0.97
0.98
0.99
1
1.01
1.02
1.03
D001
TJ = -40 qC
TJ = 0 qC
TJ = 25 qC
TJ = 85 qC
TJ = 125 qC
Current (mA)
0
50
100
150
200
250
300
0.976
0.98
0.984
0.988
0.992
0.996
1
1.004
D005
TJ = -40 qC
TJ = 0 qC
TJ = 25 qC
TJ = 85 qC
TJ = 125 qC
7
TLV743P
www.ti.com
SBVS310B – JULY 2017 – REVISED MARCH 2018
Product Folder Links: TLV743P
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
6.6 Typical Characteristics
at operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(nom) + 0.5 V or 2 V (whichever is greater), IOUT = 1 mA,
VEN = VIN, and CIN = COUT = 1 µF (unless otherwise noted)
TLV74310PDBV
Figure 1. 1-V Load Regulation vs IOUT and Temperature
Figure 2. 1-V Load Regulation vs IOUT and Temperature
TLV74318PDBV
Figure 3. 1.8-V Load Regulation vs IO and Temperature
Figure 4. 1.8-V Load Regulation vs IOUT and Temperature
TLV74333PDBV
Figure 5. 3.3-V Load Regulation vs IOUT and Temperature
Figure 6. 3.3-V Load Regulation vs IOUT and Temperature


同様の部品番号 - TLV74310PDQNR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV74310PDQNR TI1-TLV74310PDQNR Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-Dropout Regulator
TLV74310PDQNR TI-TLV74310PDQNR Datasheet
1Mb / 38P
[Old version datasheet]   TLV743P 300-mA, Low-Dropout Regulator
More results

同様の説明 - TLV74310PDQNR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV743P_018 TI1-TLV743P_018 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-Dropout Regulator
TLV743P TI1-TLV743P Datasheet
1Mb / 26P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683 Datasheet
397Kb / 21P
   300 mA, Low Dropout Regulator
July, 2012 ??Rev. 2
NCP4683 ONSEMI-NCP4683_16 Datasheet
361Kb / 21P
   300 mA, Low Dropout Regulator
February, 2016 ??Rev. 3
NCP146 ONSEMI-NCP146 Datasheet
73Kb / 6P
   300 mA CMOS Low Dropout Regulator
January, 2016 ??Rev. P0
logo
Unisonic Technologies
UTCLM2954 UTC-UTCLM2954 Datasheet
78Kb / 6P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
LM2954 UTC-LM2954 Datasheet
87Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
MC33275 ONSEMI-MC33275_05 Datasheet
168Kb / 15P
   300 mA, Low Dropout Voltage Regulator
December, 2005 ??Rev. 15
logo
Unisonic Technologies
LM2954 UTC-LM2954_10 Datasheet
177Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
NCP114 ONSEMI-NCP114 Datasheet
799Kb / 8P
   300 mA CMOS Low Dropout Regulator
March, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com