データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV74315PDBVR データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 TLV74315PDBVR
部品情報  300-mA, Low-Dropout Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLV74315PDBVR データシート(HTML) 4 Page - Texas Instruments

  TLV74315PDBVR Datasheet HTML 1Page - Texas Instruments TLV74315PDBVR Datasheet HTML 2Page - Texas Instruments TLV74315PDBVR Datasheet HTML 3Page - Texas Instruments TLV74315PDBVR Datasheet HTML 4Page - Texas Instruments TLV74315PDBVR Datasheet HTML 5Page - Texas Instruments TLV74315PDBVR Datasheet HTML 6Page - Texas Instruments TLV74315PDBVR Datasheet HTML 7Page - Texas Instruments TLV74315PDBVR Datasheet HTML 8Page - Texas Instruments TLV74315PDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
4
TLV743P
SBVS310B – JULY 2017 – REVISED MARCH 2018
www.ti.com
Product Folder Links: TLV743P
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
over operating junction temperature range (unless otherwise noted); all voltages are with respect to GND
(1)
MIN
MAX
UNIT
Voltage
VIN
–0.3
6
V
VEN
–0.3
VIN + 0.3
VOUT
–0.3
3.6
Current
IOUT
Internally limited
A
Output short-circuit duration
Indefinite
Temperature
Operating junction, TJ
–40
150
°C
Storage, Tstg
–65
160
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input range
1.4
5.5
V
VOUT
Output range
1
3.3
V
IOUT
Output current
0
300
mA
VEN
Enable range
0
VIN
V
TJ
Junction temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
TLV743P
UNIT
DBV (SOT-23)
DQN (X2SON)
5 PINS
4 PINS
RθJA
Junction-to-ambient thermal resistance
228.4
218.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
151.5
164.8
°C/W
RθJB
Junction-to-board thermal resistance
55.8
164.9
°C/W
ψJT
Junction-to-top characterization parameter
31.4
5.6
°C/W
ψJB
Junction-to-board characterization parameter
54.8
163.9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
131.4
°C/W


同様の部品番号 - TLV74315PDBVR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV74315PDBVR TI1-TLV74315PDBVR Datasheet
1Mb / 26P
[Old version datasheet]   300-mA, Low-Dropout Regulator
TLV74315PDBVR TI1-TLV74315PDBVR Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-Dropout Regulator
TLV74315PDBVR TI-TLV74315PDBVR Datasheet
1Mb / 38P
[Old version datasheet]   TLV743P 300-mA, Low-Dropout Regulator
More results

同様の説明 - TLV74315PDBVR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV743P_018 TI1-TLV743P_018 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-Dropout Regulator
TLV743P TI1-TLV743P Datasheet
1Mb / 26P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683 Datasheet
397Kb / 21P
   300 mA, Low Dropout Regulator
July, 2012 ??Rev. 2
NCP4683 ONSEMI-NCP4683_16 Datasheet
361Kb / 21P
   300 mA, Low Dropout Regulator
February, 2016 ??Rev. 3
NCP146 ONSEMI-NCP146 Datasheet
73Kb / 6P
   300 mA CMOS Low Dropout Regulator
January, 2016 ??Rev. P0
logo
Unisonic Technologies
UTCLM2954 UTC-UTCLM2954 Datasheet
78Kb / 6P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
LM2954 UTC-LM2954 Datasheet
87Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
MC33275 ONSEMI-MC33275_05 Datasheet
168Kb / 15P
   300 mA, Low Dropout Voltage Regulator
December, 2005 ??Rev. 15
logo
Unisonic Technologies
LM2954 UTC-LM2954_10 Datasheet
177Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
NCP114 ONSEMI-NCP114 Datasheet
799Kb / 8P
   300 mA CMOS Low Dropout Regulator
March, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com