データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV74315PDBVR データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 TLV74315PDBVR
部品情報  300-mA, Low-Dropout Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLV74315PDBVR データシート(HTML) 1 Page - Texas Instruments

  TLV74315PDBVR Datasheet HTML 1Page - Texas Instruments TLV74315PDBVR Datasheet HTML 2Page - Texas Instruments TLV74315PDBVR Datasheet HTML 3Page - Texas Instruments TLV74315PDBVR Datasheet HTML 4Page - Texas Instruments TLV74315PDBVR Datasheet HTML 5Page - Texas Instruments TLV74315PDBVR Datasheet HTML 6Page - Texas Instruments TLV74315PDBVR Datasheet HTML 7Page - Texas Instruments TLV74315PDBVR Datasheet HTML 8Page - Texas Instruments TLV74315PDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
IOUT (mA)
0
30
60
90
120
150
180
210
240
270
300
0
20
40
60
80
100
120
140
160
180
D020
VOUT = 3.3 V
VOUT = 1.8 V
TLV743P
IN
EN
OUT
GND
COUT
CIN
Optional
ON
OFF
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TLV743P
SBVS310B – JULY 2017 – REVISED MARCH 2018
TLV743P 300-mA, Low-Dropout Regulator
1
1 Features
1
Input Voltage Range: 1.4 V to 5.5 V
Stable Operation With 1-µF Ceramic Output
Capacitor
Foldback Overcurrent Protection
Packages:
SOT-23 (5)
X2SON (4)
Very Low Dropout: 125 mV at 300 mA (3.3 VOUT)
Accuracy: 1% (Typical), 1.4% (Maximum)
Low IQ: 34 µA
Available in Fixed-Output Voltages:
1 V to 3.3 V
High PSRR: 50 dB at 1 kHz
Active Output Discharge
2 Applications
Tablets
Smartphones
Notebook and Desktop Computers
Portable Industrial and Consumer Products
WLAN and Other PC Add-On Cards
Camera Modules
3 Description
The TLV743P low-dropout linear regulator (LDO) is
an ultra-small, low quiescent current LDO that
sources 300 mA with good line and load transient
performance. The device provides a typical accuracy
of 1%.
The TLV743P is designed to be stable with a small
output capacitor with a value of 1 µF. The TLV743P
device provides foldback current control during device
power up and enabling. This functionality is especially
important in battery-operated devices.
The TLV743P provides an active pulldown circuit to
quickly discharge output loads when the device is
disabled.
The TLV743P is available in standard DBV (SOT-23)
and DQN (X2SON) packages.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLV743P
SOT-23 (5)
2.90 mm × 1.60 mm
X2SON (4)
1.00 mm × 1.00 mm
(1) For all available packages, see the package option addendum
at the end of the data sheet.
Typical Application Circuit
Dropout Voltage vs Output Current


同様の部品番号 - TLV74315PDBVR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV74315PDBVR TI1-TLV74315PDBVR Datasheet
1Mb / 26P
[Old version datasheet]   300-mA, Low-Dropout Regulator
TLV74315PDBVR TI1-TLV74315PDBVR Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-Dropout Regulator
TLV74315PDBVR TI-TLV74315PDBVR Datasheet
1Mb / 38P
[Old version datasheet]   TLV743P 300-mA, Low-Dropout Regulator
More results

同様の説明 - TLV74315PDBVR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV743P_018 TI1-TLV743P_018 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-Dropout Regulator
TLV743P TI1-TLV743P Datasheet
1Mb / 26P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683 Datasheet
397Kb / 21P
   300 mA, Low Dropout Regulator
July, 2012 ??Rev. 2
NCP4683 ONSEMI-NCP4683_16 Datasheet
361Kb / 21P
   300 mA, Low Dropout Regulator
February, 2016 ??Rev. 3
NCP146 ONSEMI-NCP146 Datasheet
73Kb / 6P
   300 mA CMOS Low Dropout Regulator
January, 2016 ??Rev. P0
logo
Unisonic Technologies
UTCLM2954 UTC-UTCLM2954 Datasheet
78Kb / 6P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
LM2954 UTC-LM2954 Datasheet
87Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
MC33275 ONSEMI-MC33275_05 Datasheet
168Kb / 15P
   300 mA, Low Dropout Voltage Regulator
December, 2005 ??Rev. 15
logo
Unisonic Technologies
LM2954 UTC-LM2954_10 Datasheet
177Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
NCP114 ONSEMI-NCP114 Datasheet
799Kb / 8P
   300 mA CMOS Low Dropout Regulator
March, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com