データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KFS データシート(PDF) 3 Page - Schurter Inc.

部品番号 KFS
部品情報  IEC Appliance Inlet C14 with Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SCHURTER [Schurter Inc.]
ホームページ  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

KFS データシート(HTML) 3 Page - Schurter Inc.

  KFS_17 Datasheet HTML 1Page - Schurter Inc. KFS_17 Datasheet HTML 2Page - Schurter Inc. KFS_17 Datasheet HTML 3Page - Schurter Inc. KFS_17 Datasheet HTML 4Page - Schurter Inc. KFS_17 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Power Entry Modules with Line Filter
KFS
https://www.schurter.com /PG06
EMC Products
Technical Data of Filter-Components
Rated Current
[A]
Filter-Type
Inductances
L [mH]
Capacitance
CX [nF]
Capacitance
CY [nF]
1
Medical Version (M80)
2 x 10
47
0.47
1
Medical Version (M5)
2 x 10
47
-
2
Medical Version (M5)
2 x 4
47
-
4
Medical Version (M5)
2 x 1.5
47
-
6
Medical Version (M5)
2 x 0.8
47
-
10
Medical Version (M5)
2 x 0.3
47
-
1
Standard Version
2 x 10
47
2.2
2
Standard Version
2 x 4
47
2.2
4
Standard Version
2 x 1.5
47
2.2
6
Standard Version
2 x 0.8
47
2.2
10
Standard Version
2 x 0.3
47
2.2
Diagrams
Standard version
1)
2)
L
N
PE
L’
N’
PE’
L1
L2
R
Cx
Cy
Cy
1) Line
2) Load
Attenuation Loss
- - - - 50
Ω differential mode _____ 50Ω common mode
Standard version
1 A
2 A
4 A
6 A
10 A


同様の部品番号 - KFS_17

メーカー部品番号データシート部品情報
logo
M-System Co.,Ltd.
KFS-11-B MSYSTEM-KFS-11-B Datasheet
114Kb / 4P
   Plug-in Signal Conditioners K-UNIT
KFS-11-B/Q MSYSTEM-KFS-11-B/Q Datasheet
114Kb / 4P
   Plug-in Signal Conditioners K-UNIT
KFS-11-C MSYSTEM-KFS-11-C Datasheet
114Kb / 4P
   Plug-in Signal Conditioners K-UNIT
KFS-11-C/Q MSYSTEM-KFS-11-C/Q Datasheet
114Kb / 4P
   Plug-in Signal Conditioners K-UNIT
KFS-11-D MSYSTEM-KFS-11-D Datasheet
114Kb / 4P
   Plug-in Signal Conditioners K-UNIT
More results

同様の説明 - KFS_17

メーカー部品番号データシート部品情報
logo
Schurter Inc.
5110 SCHURTER-5110_18 Datasheet
692Kb / 6P
   IEC Appliance Inlet C14 with Filter
KFS SCHURTER-KFS_V01 Datasheet
528Kb / 6P
   IEC Appliance Inlet C14 with Filter
04.01.2022
KFS SCHURTER-KFS Datasheet
462Kb / 3P
   IEC Appliance Inlet C14 with Filter
5110 SCHURTER-5110 Datasheet
659Kb / 5P
   IEC Appliance Inlet C14 with Filter
5110 SCHURTER-5110_V01 Datasheet
713Kb / 6P
   IEC Appliance Inlet C14 with Filter
6048 SCHURTER-6048_18 Datasheet
318Kb / 4P
   IEC Appliance Inlet C14
5150 SCHURTER-5150_17 Datasheet
445Kb / 6P
   IEC Appliance Inlet C14 with High Frequency Filter
5707 SCHURTER-5707_17 Datasheet
838Kb / 8P
   IEC Appliance Inlet C14 or C18 with Filter
KP01105201 SCHURTER-KP01105201 Datasheet
704Kb / 4P
   IEC Appliance Inlet C14 with Appliance Outlet F
KP01105201 SCHURTER-KP01105201_V01 Datasheet
551Kb / 6P
   IEC Appliance Inlet C14 with Appliance Outlet F
15.09.2021
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com