データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PD-SP2113-P33N データシート(PDF) 2 Page - PowerDynamics, Inc

部品番号 PD-SP2113-P33N
部品情報  WATERPROOF MALE FLANGED PANEL MOUNT CONNECTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POWERDYNAMICS [PowerDynamics, Inc]
ホームページ  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PD-SP2113-P33N データシート(HTML) 2 Page - PowerDynamics, Inc

  PD-SP2113-P33N Datasheet HTML 1Page - PowerDynamics, Inc PD-SP2113-P33N Datasheet HTML 2Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A
6
B
5
4
C
D
6
5
4
DIMENSIONS ARE IN MILLIMETERS
ALL DIMENSIONS FOR REFERENCE ONLY
Phone: 973 560-0019
Whippany, New Jersey
Fax: 973 560-0076
3
DRAWN
CHECK
APPR
BY
BY
BY
DATE:
DATE:
DATE:
2
NTS
SCALE:
SIZE:
PART #:
A
PART:
A
1
REV:
B
3
2
C
D
1
TOLERANCE
UNLESS OTHERWISE SPECIFIED
2 of 2
SHEET
WATERPROOF MALE FLANGED PANEL MOUNT CONNECTOR
IP68 RATED; SIZE 21; CRIMP CONTACTS; SCREW TYPE
PD-SP2113-PX3X
A
PB
11/11/16
RoHS
COMPLIANT
CRIMP TOOL
CRIMP TOOL
CRIMP TOOL
P/N
CRIMPING WIRE RANGE
CRIMP TOOL
CRIMP TOOL
CRIMP REMOVAL TOOL
P/N
CRIMP CONTACT TYPE
PD-RT-1.0
5A MALE / FEMALE CRIMP CONTACT
PD-RT-1.5
10A MALE / FEMALE CRIMP CONTACT
PD-RT-2.5
25A MALE / FEMALE CRIMP CONTACT
5A MALE CRIMP CONTACT
P/N
PD-CT5A-M
WIRE SIZE
STRIP LENGTH
5.5mm
CRIMP TOOL P/N
PD-CTP20/28
REMOVAL TOOL P/N
PD-RT-1.0
[AWG 24 - 20]
( FOR 8 CONTACT MALE CONNECTOR )
10A MALE CRIMP CONTACT
P/N
PD-CT10A-26-M
WIRE SIZE
STRIP LENGTH
8mm
CRIMP TOOL P/N
PD-CT0.14/4
REMOVAL TOOL P/N
PD-RT-1.5
[AWG 26 - 22]
( FOR 5 AND 7 CONTACT MALE CONNECTOR )
PD-CT10A-20-M
[AWG 20]
PD-CT10A-18-M
[AWG 18]
PD-CT10A-16-M
[AWG 16]
PD-CT10A-14-M
[AWG 14]
8mm
PD-CT0.14/4
PD-RT-1.5
8mm
PD-CT0.14/4
PD-RT-1.5
8mm
PD-CT0.14/4
PD-RT-1.5
8mm
PD-CT0.14/4
PD-RT-1.5
25A MALE CRIMP CONTACT
P/N
PD-CT25A-18-M
WIRE SIZE
STRIP LENGTH
8mm
CRIMP TOOL P/N
PD-CT0.14/4
REMOVAL TOOL P/N
PD-RT-2.5
[AWG 18]
( FOR 2 AND 3 CONTACT MALE CONNECTOR )
PD-CT25A-16-M
[AWG 16]
8mm
PD-CT0.14/4
PD-RT-2.5
PD-CT25A-14-M
8mm
PD-CT0.14/4
PD-RT-2.5
[AWG 16]
PD-CT25A-12-M
[AWG 12]
8mm
PD-CT0.14/4
PD-RT-1.5
PD-CT4/10


同様の部品番号 - PD-SP2113-P33N

メーカー部品番号データシート部品情報
logo
PowerDynamics, Inc
PD-SP2110-P1211C POWERDYNAMICS-PD-SP2110-P1211C Datasheet
226Kb / 1P
   WATERPROOF MALE CABLE CONNECTOR
PD-SP2110-P1211N POWERDYNAMICS-PD-SP2110-P1211N Datasheet
226Kb / 1P
   WATERPROOF MALE CABLE CONNECTOR
PD-SP2110-P1221C POWERDYNAMICS-PD-SP2110-P1221C Datasheet
226Kb / 1P
   WATERPROOF MALE CABLE CONNECTOR
PD-SP2110-P1221N POWERDYNAMICS-PD-SP2110-P1221N Datasheet
226Kb / 1P
   WATERPROOF MALE CABLE CONNECTOR
PD-SP2110-P211C POWERDYNAMICS-PD-SP2110-P211C Datasheet
226Kb / 1P
   WATERPROOF MALE CABLE CONNECTOR
More results

同様の説明 - PD-SP2113-P33N

メーカー部品番号データシート部品情報
logo
Adam Technologies, Inc.
IEC-A-X ADAM-TECH-IEC-A-X Datasheet
111Kb / 1P
   IEC MALE INLET FLANGED PANEL MOUNT RIGHT ANGLE
logo
Power Integrations, Inc...
42R02-3212-150 POWERINT-42R02-3212-150 Datasheet
430Kb / 8P
   SIDE FLANGED, PANEL MOUNT
logo
Assmann Electronics Inc...
A-P07PMMS-SC-WP-R ASSMANN-A-P07PMMS-SC-WP-R Datasheet
274Kb / 1P
   WATERPROOF POWER CONNECTOR 7 PIN (8A), MALE, PANEL MOUNT
logo
PowerDynamics, Inc
PD-ST1212-P2 POWERDYNAMICS-PD-ST1212-P2 Datasheet
206Kb / 1P
   METAL IP67 WATERPROOF MALE FRONT PANEL MOUNT
logo
Assmann Electronics Inc...
A-P04PMMS-SC-WP-R ASSMANN-A-P04PMMS-SC-WP-R Datasheet
265Kb / 1P
   WATERPROOF POWER CONNECTOR 4 PIN (12A), MALE, PANEL MOUNT
logo
PowerDynamics, Inc
PD-ST1213-P2 POWERDYNAMICS-PD-ST1213-P2 Datasheet
204Kb / 1P
   METAL IP67 WATERPROOF MALE REAR PANEL MOUNT
logo
Assmann Electronics Inc...
A-USB-BPFS ASSMANN-A-USB-BPFS Datasheet
61Kb / 1P
   Waterproof USB2.0 panel mount
A-CR-04PMMS-LC-WP-R ASSMANN-A-CR-04PMMS-LC-WP-R Datasheet
260Kb / 1P
   WATERPROOF CIRCULAR CONNECTOR (5A) PCB, PANEL MOUNT
A-CR-05PMMS-LC-WP-R ASSMANN-A-CR-05PMMS-LC-WP-R Datasheet
260Kb / 1P
   WATERPROOF CIRCULAR CONNECTOR (5A) PCB, PANEL MOUNT
A-CR-03PMMS-LC-WP-R ASSMANN-A-CR-03PMMS-LC-WP-R Datasheet
257Kb / 1P
   WATERPROOF CIRCULAR CONNECTOR (5A) PCB, PANEL MOUNT
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com