データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI3850DV データシート(PDF) 2 Page - Vishay Siliconix

部品番号 SI3850DV
部品情報  Complementary MOSFET Half-Bridge (N- and P-Channel)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3850DV データシート(HTML) 2 Page - Vishay Siliconix

  SI3850DV Datasheet HTML 1Page - Vishay Siliconix SI3850DV Datasheet HTML 2Page - Vishay Siliconix SI3850DV Datasheet HTML 3Page - Vishay Siliconix SI3850DV Datasheet HTML 4Page - Vishay Siliconix SI3850DV Datasheet HTML 5Page - Vishay Siliconix SI3850DV Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Si3850DV
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
2-2
Document Number: 70778
S-55457—Rev. B, 09-Mar-98
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
N-Ch
0.6
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = –250 mA
P-Ch
–0.6
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "12 V
"100
nA
ZG
V l
D i C
I
VDS = 20 V, VGS = 0 V
N-Ch
1
A
Zero Gate Voltage Drain Current
IDSS
VDS = –20 V, VGS = 0 V
P-Ch
–1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V, TJ = 70_C
N-Ch
10
mA
VDS = –20 V, VGS = 0 V, TJ = 70_C
P-Ch
–10
On-State Drain Currenta
ID(on)
VDS = 5 V, VGS = 4.5 V
N-Ch
3.0
A
On-State Drain Currenta
ID(on)
VDS = –5 V, VGS = –4.5 V
P-Ch
–2.0
A
DiS
OS
R
i
a
VGS = 4.5 V, ID = 0.5 A
N-Ch
0.38
0.500
W
Drain-Source On-State Resistancea
rDS(on)
VGS = –4.5 V, ID = –0.5 A
P-Ch
0.70
1.00
W
Drain-Source On-State Resistancea
rDS(on)
VGS = 3.0 V, ID = 0.5 A
N-Ch
0.55
0.750
W
VGS = –3.0 V, ID = –0.5 A
P-Ch
1.10
1.30
Forward Transconductancea
gfs
VDS = 10 V, ID = 1.2 A
N-Ch
2.7
S
Forward Transconductancea
gfs
VDS = –10 V, ID = –0.85 A
P-Ch
1.2
S
Diode Forward Voltagea
VSD
IS = 1 A, VGS = 0 V
N-Ch
1.2
V
Diode Forward Voltagea
VSD
IS = –1 A, VGS = 0 V
P-Ch
–1.2
V
Dynamicb
Total Gate Charge
Qg
NCh
l
N-Ch
0.8
2.0
C
Total Gate Charge
Qg
N-Channel
VDS =10 V VGS =4 5V ID =1 2 A
P-Ch
1.10
2.5
C
Gate-Source Charge
Qgs
VDS = 10 V, VGS = 4.5 V, ID = 1.2 A
PCh
l
N-Ch
0.25
nC
Gate-Source Charge
Qgs
P-Channel
VDS = –10 V, VGS = –4.5 V
P-Ch
0.50
nC
Gate-Drain Charge
Qgd
VDS = –10 V, VGS = –4.5 V
ID = –0.85 A
N-Ch
0.2
Gate-Drain Charge
Qgd
P-Ch
0.2
Turn-On Delay Time
td(on)
NCh
l
N-Ch
10
20
Turn-On Delay Time
td(on)
N Channel
P-Ch
8
15
Rise Time
tr
N-Channel
VDD = 10 V, RL = 10 W
N-Ch
20
40
Rise Time
tr
VDD
10 V, RL
10
W
ID ^ 1 A, VGEN = 4.5 V, RG = 6 W
P-Ch
20
40
Turn-Off Delay Time
td(off)
P-Channel
V10 V R
10
W
N-Ch
20
40
ns
Turn-Off Delay Time
td(off)
VDD = –10 V, RL = 10 W
ID ^ –1 A, VGEN = –4.5 V, RG = 6 W
P-Ch
10
20
ns
Fall Time
tf
ID ^ –1 A, VGEN = –4.5 V, RG = 6 W
N-Ch
16
30
Fall Time
tf
P-Ch
8
15
Source-Drain Reverse Recovery Time
trr
IF = 1 A, di/dt = 100 A/ms
N-Ch
40
80
Source-Drain Reverse Recovery Time
trr
IF = –1 A, di/dt = 100 A/ms
P-Ch
40
80
Notes
a.
Guaranteed by design, not subject to production testing.
b.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.


同様の部品番号 - SI3850DV

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI3850DV VISHAY-SI3850DV Datasheet
65Kb / 2P
   Specification Comparison
Revision: 31-Oct-06
More results

同様の説明 - SI3850DV

メーカー部品番号データシート部品情報
logo
Guangdong Kexin Industr...
KI4500BDY KEXIN-KI4500BDY Datasheet
57Kb / 2P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
KI4501DY KEXIN-KI4501DY Datasheet
58Kb / 2P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
logo
Vishay Siliconix
SI4501ADY VISHAY-SI4501ADY Datasheet
65Kb / 2P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
14-Jun-04
SI3850ADV VISHAY-SI3850ADV_08 Datasheet
128Kb / 9P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. A, 27-Mar-06
SI3850ADV VISHAY-SI3850ADV_09 Datasheet
214Kb / 13P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. B, 12-Oct-09
SI4500BDY VISHAY-SI4500BDY_06 Datasheet
124Kb / 9P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. C, 12-Jun-06
SI4500DY VISHAY-SI4500DY Datasheet
106Kb / 7P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. A, 26-Apr-99
SI3850ADV VISHAY-SI3850ADV_V01 Datasheet
120Kb / 9P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
01-Jan-2022
SI4500BDY VISHAY-SI4500BDY_09 Datasheet
278Kb / 12P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. D, 27-Apr-09
SI4501DY VISHAY-SI4501DY Datasheet
58Kb / 7P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. B, 19-Jul-99
logo
Guangdong Kexin Industr...
KI4501ADY KEXIN-KI4501ADY Datasheet
57Kb / 2P
   Complementary (N- and P-Channel) MOSFET Half-Bridge
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com