データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD1100DD データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 SD1100DD
部品情報  N CHANNEL ENHANCEMENT MODE HIGH VOLTAGE D MOS POWER FETS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

SD1100DD データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  SD1100DD Datasheet HTML 1Page - List of Unclassifed Manufacturers SD1100DD Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Diagnostic LED
- Power
- Standby
- Connect
- Serial-Tx
- Serial-Rx
Power
- Power input: 5~12VDC
- Power Consumption: Minimum 2mA, Maximum 80mA
- Common Power supply options
· Power via a standard AC-plug DC-adapter
· Power via USB power cable
· Power via DC power cable
· Power via pin 9 of DB9 connector
· Battery Pack (Standard & Extended)
Environmental
- Humidity: 90% Non-condensing
Physical properties
- Dimension (L x W x H)
- Weight
· 24g
Certification
- FCC, CE, KCC, TELEC, SIG
Warranty
Serial Interface
- Serial speed up to 921.
s
· RS422: TXD+, TXD-, RXD+, RXD-
· RS485: TRXD+, TRXD-
Bluetooth Interface
- Bluetooth v2.0 + EDR
- Class 1
- Profiles - SPP
- Working distance (in open field)
SAT-G01R
-
SAT-G01R
100 meters
SAT-G01R
-
DAT-G01R
150 meters
DAT-G01R
-
DAT-G01R
200 meters
DAT-G01R
-
DA
DAT-G01R
-
PAT-G01R
500 meters
DAT5-G01R
-
DAT5-G01R
400 meters
DAT5-G01R
-
PAT
PAT-G01R
-
PAT-G01R
1,000 meters
[Antennas]
SAT-G01R: +1dBi Stub Antenna
DAT
Antenna
DAT5-G01R: +5dBi Dipole Antenna
PAT-G01R: +9dBi Patch Antenna
Max. Tx power: +18dBm
Receive Sensitivity: -88dBm
Configuration
- ParaniWin, ParaniUpdater
- Modem AT command set
assist@chipsen.com
support@chipsen.com
T.1599-6005
T.1599-6885
F.02-2083-2288
F.02-6679-4345


同様の部品番号 - SD1100DD

メーカー部品番号データシート部品情報
logo
DB Lectro Inc
SD1100 DBLECTRO-SD1100 Datasheet
450Kb / 2P
   Provides transparent RS422/485 serial cable replacement
logo
List of Unclassifed Man...
SD1100 ETC-SD1100 Datasheet
190Kb / 2P
   Bluetooth-serial adapter
logo
International Rectifier
SD1100C IRF-SD1100C Datasheet
226Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
logo
TRANSYS Electronics Lim...
SD1100C TEL-SD1100C Datasheet
162Kb / 1P
   STANDARD RECOVERY DIODE
logo
International Rectifier
SD1100C04C IRF-SD1100C04C Datasheet
229Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
More results

同様の説明 - SD1100DD

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SD1102 ETC1-SD1102 Datasheet
106Kb / 3P
   N-CHANNEL ENHANCEMENT-MODE HIGH-VOLTAGE D-MOS POWER FETS
SD1202 ETC1-SD1202 Datasheet
90Kb / 3P
    N- CHANNEL ENHANCEMENT - MODE HIGH - VOLTAGE D - MOS FETS
VN10KN ETC2-VN10KN Datasheet
60Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE D-MOS POWER FETs
SD1106 ETC-SD1106 Datasheet
62Kb / 2P
   N CHANNEL ENHANCEMENT MODE D MOS POWER FETS
VN0610LL ETC-VN0610LL Datasheet
65Kb / 2P
   N CHANNEL ENHANCEMENT MODE D MOS POWER FETS
SD1137 ETC1-SD1137 Datasheet
66Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE D-MOS POWER FETs
VN10LM ETC-VN10LM Datasheet
63Kb / 2P
   N CHANNEL ENHANCEMENT MODE D MOS POWER FETS
SD1500 ETC1-SD1500 Datasheet
107Kb / 3P
   N-CHANNEL ENHANCEMENT-MODE D-MOS POWER FETS SWITCHES
2N6781 ETC1-2N6781 Datasheet
103Kb / 3P
   N-CHANNEL ENHANCEMENT-MODE D-MOS PWER FETS
logo
Zibo Seno Electronic En...
GM2308S ZSELEC-GM2308S Datasheet
723Kb / 3P
   N-Channel Enhancement-Mode MOS FETs
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com