データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL6609ANPDE データシート(PDF) 10 Page - Zarlink Semiconductor Inc

部品番号 SL6609ANPDE
部品情報  DIRECT CONVERSION FSK DATA RECEIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ZARLINK [Zarlink Semiconductor Inc]
ホームページ  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL6609ANPDE データシート(HTML) 10 Page - Zarlink Semiconductor Inc

Back Button SL6609ANPDE Datasheet HTML 6Page - Zarlink Semiconductor Inc SL6609ANPDE Datasheet HTML 7Page - Zarlink Semiconductor Inc SL6609ANPDE Datasheet HTML 8Page - Zarlink Semiconductor Inc SL6609ANPDE Datasheet HTML 9Page - Zarlink Semiconductor Inc SL6609ANPDE Datasheet HTML 10Page - Zarlink Semiconductor Inc SL6609ANPDE Datasheet HTML 11Page - Zarlink Semiconductor Inc SL6609ANPDE Datasheet HTML 12Page - Zarlink Semiconductor Inc SL6609ANPDE Datasheet HTML 13Page - Zarlink Semiconductor Inc SL6609ANPDE Datasheet HTML 14Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
SL6609A
9
Fig.4 RF amplifier
RF Amplifier Components Values
Resistors
Capacitors
R14, R15
4k7
C13, C15
1nF
Active components
R13
see note 1
C16, C17
1nF
D1 MA862 (Panasonic)
R22
47k
C20, C21
1nF see note 2
C24, C25
1nF
L2
820nH
Notes:
(1)
The value of R13 is determined by the set up procedure (See "Set up for optimum performance").
(2)
C20 and C21 are purely for deomonstration purposes. Pin 24 and Pin 26 may be DC coupled provided that no DC voltage is applied to the
mixer inputs.
Frequency Dependent Components
153MHz
280MHz
450MHz
C26
not used
6.8p
not used
C27
not used
not used
not used
L1
150nH
68nH
39nH
C34
3p3
2p2
1p5
T1
100nH
30nH
16nH
Coilcraft N2261-A
Coilcraft M1686-A
Coilcraft Q4123-A
VC1
1-10pF
1-10pF
1-3pF
Q4, Q5
Toshiba 2SC5065
Toshiba 2SC5065
Philips BFT25A
(See also Lo drive Network)
Fig.5 Local oscillator drive network
Higher Input Impedance (crystal oscillator input)
153MHz
280MHz
450MHz
C3
Set by load allowable on crystal oscillator (typical 4p7)
C2
10p
5p6
3p3
C5
10p
5p6
3p9
R3
100
100
100
R7
100
100
100
R5, R6 = 1k
C4, C18 = 1n
LO Drive Network Component Values
50Ohm input impedance (External LO injection)
153MHz
280MHz
450MHz
C2
10p
5p6
3p3
C5
10p
5p6
3p9
C3, C4, C18 = 1n
R3, R5, R6, R7 = 100Ohms


同様の部品番号 - SL6609ANPDE

メーカー部品番号データシート部品情報
logo
Mitel Networks Corporat...
SL6609A MITEL-SL6609A Datasheet
321Kb / 18P
   Direct Conversion FSK Data Receiver
SL6609AKGNPDE MITEL-SL6609AKGNPDE Datasheet
321Kb / 18P
   Direct Conversion FSK Data Receiver
SL6609AKGNPDS MITEL-SL6609AKGNPDS Datasheet
321Kb / 18P
   Direct Conversion FSK Data Receiver
More results

同様の説明 - SL6609ANPDE

メーカー部品番号データシート部品情報
logo
Mitel Networks Corporat...
SL6619 MITEL-SL6619 Datasheet
281Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6610 ZARLINK-SL6610 Datasheet
487Kb / 20P
   Direct Conversion FSK Data Receiver
SL6619 ZARLINK-SL6619 Datasheet
618Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Mitel Networks Corporat...
SL6679 MITEL-SL6679 Datasheet
371Kb / 23P
   Direct Conversion FSK Data Receiver
SL6609A MITEL-SL6609A Datasheet
321Kb / 18P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL66491-1 ZARLINK-SL66491-1 Datasheet
418Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
SL6649-1 ZARLINK-SL6649-1 Datasheet
424Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
logo
List of Unclassifed Man...
5504DCR ETC1-5504DCR Datasheet
145Kb / 11P
   Direct Conversion Receiver
logo
Zarlink Semiconductor I...
ZIF100 ZARLINK-ZIF100 Datasheet
241Kb / 4P
   Direct Conversion 4FSK Data Receiver Target Specification
logo
Infineon Technologies A...
TDA5211 INFINEON-TDA5211 Datasheet
1Mb / 52P
   ASK/FSK Single Conversion Receiver
Version 2.0 May 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com