データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC16-1T データシート(PDF) 1 Page - Mini-Circuits

部品番号 TC16-1T
部品情報  RF Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MINI [Mini-Circuits]
ホームページ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

TC16-1T データシート(HTML) 1 Page - Mini-Circuits

  TC16-1T Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 1
50
20 to 300 MHz
RF Transformer
Surface Mount
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
Features
PRIMARY DOT
3
PRIMARY
1
SECONDARY DOT
4
SECONDARY
6
SECONDARY CT
2
Applications
Operating Temperature
-20°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
0.25W
DC Current
30mA
Transformer Electrical Specifications
REV. C
M151107
TC16-1T+
ED-7614/3
WP/TD/CP/AM
141012
Typical Performance Data
Config. A
* Insertion Loss is referenced to mid-band loss, 1 dB typ.
• catv
• good return loss, 15 dB typ. in 1 dB bandwidth
• plastic base with leads
• aqueous washable
20.00
1.34
13.77
40.00
1.07
16.14
55.00
1.01
15.90
70.00
0.99
14.80
90.00
1.00
13.12
112.50
1.07
11.35
165.00
1.46
8.32
200.00
1.70
6.90
240.60
2.04
5.63
300.00
2.50
4.34
CASE STYLE: AT224-1
TC16-1T+
Outline Drawing AT224-1
RATIO
(Secondary/Primary)
FREQUENCY
(MHz)
INSERTION LOSS*
PHASE
UNBALANCE
(Deg.)
Typ.
AMPLITUDE
UNBALANCE
(dB)
Typ.
3 dB
MHz
2 dB
MHz
1 dB
MHz
1 dB
bandwidth
2 dB
bandwidth
1 dB
bandwidth
2 dB
bandwidth
16
20-300
20-300
30-200
50-150
4
5
0.3
0.5
FREQUENCY
(MHz)
INSERTION
LOSS
(dB)
INPUT
R. LOSS
(dB)
A
B
C
D
E
F
.150
.150
.160
.050
.040
.025
3.81
3.81
4.06
1.27
1.02
0.64
G
H
J
K
L
wt
.028
.065
.190
.030
.007 grams
0.71
1.65
4.83
0.76
0.18
0.15
TC16-1T+
INSERTION LOSS
0.0
1.0
2.0
3.0
4.0
5.0
0
50
100
150
200
250
300
FREQUENCY (MHz)
TC16-1T+
INPUT RETURN LOSS
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0
50
100
150
200
250
300
FREQUENCY (MHz)
Permanent damage may occur if any of these limits are exceeded.
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±.002
Lead #1 identifier shall be located in the cross-hatched area shown.
Identifier may be either a molded or marked feature.
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
*Addition of Top hat™ feature
Benefits
• Allows faster pick-and-place
• Enables visual identification marking
TC16
-1TX
+
Upgr
ade
d Ver
sion*
Available Tape and
Reel
at no extra cost
Reel Size
Devices/Reel
7”
20, 50, 100, 200, 500
13”
1000, 2000


同様の部品番号 - TC16-1T

メーカー部品番号データシート部品情報
logo
Mini-Circuits
TC16-1TG2 MINI-TC16-1TG2 Datasheet
232Kb / 1P
   RF Transformer
TC16-1TG2++ MINI-TC16-1TG2+ Datasheet
232Kb / 1P
   RF Transformer
TC16-1TX MINI-TC16-1TX Datasheet
337Kb / 1P
   RF Transformer
TC16-1TX++ MINI-TC16-1TX+ Datasheet
337Kb / 1P
   RF Transformer
More results

同様の説明 - TC16-1T

メーカー部品番号データシート部品情報
logo
Mini-Circuits
TC133-282 MINI-TC133-282 Datasheet
262Kb / 2P
   RF Transformer
logo
M/A-COM Technology Solu...
DS-MABA-007748-CT1160 MA-COM-DS-MABA-007748-CT1160 Datasheet
361Kb / 3P
   RF Transformer
logo
Mini-Circuits
TC4-1WG2 MINI-TC4-1WG2 Datasheet
114Kb / 1P
   RF Transformer
logo
Pulse A Technitrol Comp...
CX2078NL PULSE-CX2078NL Datasheet
179Kb / 2P
   RF TRANSFORMER
logo
XFMRS Inc.
XFWB3010 XFMRS-XFWB3010 Datasheet
40Kb / 1P
   RF TRANSFORMER
XFWB-1-A XFMRS-XFWB-1-A_15 Datasheet
40Kb / 1P
   RF TRANSFORMER
XFWB-4-1T XFMRS-XFWB-4-1T_15 Datasheet
39Kb / 1P
   RF TRANSFORMER
XFWB3010 XFMRS-XFWB3010_15 Datasheet
40Kb / 1P
   RF TRANSFORMER
logo
Mini-Circuits
ADT4-1WT MINI-ADT4-1WT_15 Datasheet
201Kb / 1P
   RF Transformer
ADT4-5WT MINI-ADT4-5WT Datasheet
186Kb / 1P
   RF Transformer
ADT9-1T MINI-ADT9-1T Datasheet
204Kb / 1P
   RF Transformer
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com