データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CY7C1460KV33 データシート(PDF) 27 Page - Cypress Semiconductor

部品番号 CY7C1460KV33
部品情報  36-Mbit (1M36/2M18) Pipelined SRAM with NoBL??Architecture (With ECC)
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1460KV33 データシート(HTML) 27 Page - Cypress Semiconductor

Back Button CY7C1460KV33 Datasheet HTML 23Page - Cypress Semiconductor CY7C1460KV33 Datasheet HTML 24Page - Cypress Semiconductor CY7C1460KV33 Datasheet HTML 25Page - Cypress Semiconductor CY7C1460KV33 Datasheet HTML 26Page - Cypress Semiconductor CY7C1460KV33 Datasheet HTML 27Page - Cypress Semiconductor CY7C1460KV33 Datasheet HTML 28Page - Cypress Semiconductor CY7C1460KV33 Datasheet HTML 29Page - Cypress Semiconductor CY7C1460KV33 Datasheet HTML 30Page - Cypress Semiconductor CY7C1460KV33 Datasheet HTML 31Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
Document Number: 001-66680 Rev. *L
Page 27 of 31
CY7C1460KV33
CY7C1460KVE33
CY7C1462KVE33
Package Diagrams
Figure 7. 100-pin TQFP (14 × 20 × 1.4 mm) A100RA Package Outline, 51-85050
1
2
NOTE:
3. JEDEC SPECIFICATION NO. REF: MS-026.
2. BODY LENGTH DIMENSION DOES NOT
MOLD PROTRUSION/END FLASH SHALL
1. ALL DIMENSIONS ARE IN MILLIMETERS.
BODY SIZE INCLUDING MOLD MISMATCH.
L 1
1.00 REF
L
c
0.45 0.60 0.75
0.20
NOM.
MIN.
D1
R2
E1
E
0.08
D
2
A
A
1
A
1.35 1.40
SYMBOL
MAX.
0.20
1.45
1.60
0.15
b
0.22 0.30 0.38
e
0.65 TYP
DIMENSIONS
1
R
0.08
L 2
0.25 BSC
0.05
0.20
INCLUDE MOLD PROTRUSION/END FLASH.
15.80 16.00 16.20
13.90 14.00 14.10
NOT EXCEED 0.0098 in (0.25 mm) PER SIDE.
BODY LENGTH DIMENSIONS ARE MAX PLASTIC
21.80 22.00 22.20
19.90 20.00 20.10
L 30.20
1
11°
13°
2
12°
51-85050 *G


同様の部品番号 - CY7C1460KV33

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
CY7C1460KV25 CYPRESS-CY7C1460KV25 Datasheet
830Kb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV25-167AXC CYPRESS-CY7C1460KV25-167AXC Datasheet
830Kb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV25-167BZC CYPRESS-CY7C1460KV25-167BZC Datasheet
830Kb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV25-167BZXI CYPRESS-CY7C1460KV25-167BZXI Datasheet
830Kb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV25-200BZI CYPRESS-CY7C1460KV25-200BZI Datasheet
830Kb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
More results

同様の説明 - CY7C1460KV33

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
CY7C1460KV25 CYPRESS-CY7C1460KV25 Datasheet
830Kb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460SV25 CYPRESS-CY7C1460SV25 Datasheet
429Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1370KV33 CYPRESS-CY7C1370KV33 Datasheet
999Kb / 32P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1440KV33 CYPRESS-CY7C1440KV33 Datasheet
3Mb / 33P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined Sync SRAM (With ECC)
CY7C1461KV33 CYPRESS-CY7C1461KV33 Datasheet
2Mb / 23P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1370KV25 CYPRESS-CY7C1370KV25 Datasheet
2Mb / 30P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1370B CYPRESS-CY7C1370B Datasheet
759Kb / 27P
   512K 횞 36/1M 횞 18 Pipelined SRAM with NoBL Architecture
CY7C1371KV33 CYPRESS-CY7C1371KV33 Datasheet
682Kb / 24P
   18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM with NoBL??Architecture (With ECC)
CY7C1441KV33 CYPRESS-CY7C1441KV33 Datasheet
1Mb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM (With ECC)
CY7C1460BV25 CYPRESS-CY7C1460BV25 Datasheet
721Kb / 30P
   36-Mbit (1 M 횞 36/2 M 횞 18) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com