データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CY7C1541KV18 データシート(PDF) 26 Page - Cypress Semiconductor

部品番号 CY7C1541KV18
部品情報  72-Mbit QDR짰II SRAM 4-Word BurstArchitecture (2.0 Cycle Read Latency)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1541KV18 データシート(HTML) 26 Page - Cypress Semiconductor

Back Button CY7C1541KV18 Datasheet HTML 19Page - Cypress Semiconductor CY7C1541KV18 Datasheet HTML 20Page - Cypress Semiconductor CY7C1541KV18 Datasheet HTML 21Page - Cypress Semiconductor CY7C1541KV18 Datasheet HTML 22Page - Cypress Semiconductor CY7C1541KV18 Datasheet HTML 23Page - Cypress Semiconductor CY7C1541KV18 Datasheet HTML 24Page - Cypress Semiconductor CY7C1541KV18 Datasheet HTML 25Page - Cypress Semiconductor CY7C1541KV18 Datasheet HTML 26Page - Cypress Semiconductor CY7C1541KV18 Datasheet HTML 27Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
CY7C1541KV18, CY7C1556KV18
CY7C1543KV18, CY7C1545KV18
Document Number: 001-15700 Rev. *F
Page 26 of 27
Package Diagram
Figure 4. 165-Ball FBGA (13 x 15 x 1.4 mm)
A
1
PIN 1 CORNER
13.00±0.10
1.00
Ø0.50 (165X)
Ø0.25MCAB
Ø0.05 M C
B
A
0.15(4X)
SEATING PLANE
PIN 1 CORNER
TOP VIEW
BOTTOM VIEW
2
3
4
5
6
7
8
9
10
10.00
B
C
D
E
F
G
H
J
K
L
M
N
11
11
10
9
8
67
5
4
3
2
1
P
R
P
R
K
M
N
L
J
H
G
F
E
D
C
B
A
A
13.00±0.10
B
C
5.00
-0.06
+0.14
SOLDER PAD TYPE : NON-SOLDER MASK DEFINED (NSMD)
NOTES :
PACKAGE WEIGHT : 0.475g
JEDEC REFERENCE : MO-216 / DESIGN 4.6C
PACKAGE CODE : BB0AC
51-85180-*A
[+] Feedback


同様の部品番号 - CY7C1541KV18

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
CY7C1541V18 CYPRESS-CY7C1541V18 Datasheet
1Mb / 28P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1541V18 CYPRESS-CY7C1541V18 Datasheet
665Kb / 28P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1541V18-300BZC CYPRESS-CY7C1541V18-300BZC Datasheet
1Mb / 28P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1541V18-300BZC CYPRESS-CY7C1541V18-300BZC Datasheet
665Kb / 28P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1541V18-300BZI CYPRESS-CY7C1541V18-300BZI Datasheet
1Mb / 28P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.0 Cycle Read Latency)
More results

同様の説明 - CY7C1541KV18

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
CY7C2540KV18 CYPRESS-CY7C2540KV18 Datasheet
835Kb / 26P
   72-Mbit QDR짰II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency) with ODT
CY7C1541V18 CYPRESS-CY7C1541V18 Datasheet
1Mb / 28P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1541V18 CYPRESS-CY7C1541V18_08 Datasheet
665Kb / 28P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1546KV18 CYPRESS-CY7C1546KV18 Datasheet
959Kb / 31P
   72-Mbit DDR II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1548KV18 CYPRESS-CY7C1548KV18_12 Datasheet
844Kb / 29P
   72-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1546V18 CYPRESS-CY7C1546V18 Datasheet
1Mb / 27P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1543KV18 CYPRESS-CY7C1543KV18 Datasheet
869Kb / 29P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1561V18 CYPRESS-CY7C1561V18_08 Datasheet
676Kb / 28P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1561V18 CYPRESS-CY7C1561V18 Datasheet
1Mb / 28P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1561KV18 CYPRESS-CY7C1561KV18_11 Datasheet
856Kb / 29P
   72-Mbit QDR II SRAM 4-Word Burst Architecture (2.5 Cycle Read Latency)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com