データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NCS4-232 データシート(PDF) 1 Page - Mini-Circuits

部品番号 NCS4-232
部品情報  RF Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MINI [Mini-Circuits]
ホームページ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

NCS4-232 データシート(HTML) 1 Page - Mini-Circuits

  NCS4-232 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
50Ω
1600 to 2300 MHz
1:4 Ratio
RF Transformer
NCS4-232+
Maximum Ratings
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
Input RF Power***
3W
Electrical Specifications (TAMB=25°C)
REV. B
M151107
NCS4-232+
ED 12817/34B16
RS/AM
180124
Typical Performance Data at 25ºC**
Features
• wideband, 1600 to 2300 MHz
• low phase unbalance, 5 deg. and
amplitude unbalance, 0.5 dB typ.
• miniature size, 0.079”x0.049”x0.033”
• LTCC construction
• low cost
• aqueous washable
Applications
• WLAN
• WCDMA
• radar
• PCS
Ceramic Balun
RATIO
(Secondary/Primary)
FREQUENCY
(MHz)
INSERTION*
LOSS
(dB)
PHASE
UNBALANCE AT
SECONDARY
(Deg.)
Typ.
AMPLITUDE
UNBALANCE
(dB)
Typ.
4
1600-2300
1.0
5
0.5
FREQUENCY
(MHz)
INSERTION
LOSS*
(dB)
INPUT
R. LOSS
(dB)
AMPLITUDE
UNBALANCE
(dB)
PHASE
UNBALANCE
(Deg.)
* Insertion Loss is referenced to mid-band loss, 0.8 dB. Reference Demo Board TB-419+
Relative to 180°
NCS4-232+
INSERTION LOSS*
0.0
0.1
0.2
0.3
0.4
0.5
0.6
1600
1700
1800
1900
2000
2100
2200
2300
FREQUENCY (MHz)
NCS4-232+
AMPLITUDE UNBALANCE
0.0
0.2
0.4
0.6
0.8
1.0
1600 1700 1800 1900 2000 2100 2200 2300
FREQUENCY (MHz)
NCS4-232+
PHASE UNBALANCE
0.0
2.0
4.0
6.0
8.0
10.0
12.0
1600 1700 1800 1900 2000 2100 2200 2300
FREQUENCY (MHz)
configuration J
** Measured with Agilent E5071B network analyzer using impedance conversion and port extension.
Demo Board MCL P/N: TB-419+
Suggested PCB Layout (PL-264)
1600.00
0.38
12.22
0.85
4.63
1675.00
0.15
16.70
0.90
5.43
1775.00
0.01
30.41
0.90
6.52
1825.00
0.00
29.75
0.88
7.15
1875.00
0.01
22.28
0.83
7.61
1975.00
0.08
16.15
0.71
8.78
2075.00
0.17
13.28
0.52
9.63
2175.00
0.29
11.67
0.32
10.06
2275.00
0.39
10.72
0.10
9.93
2300.00
0.41
10.55
0.06
9.73
Pad Connections
PRIMARY DOT (Unbalanced Port)
1
PRIMARY (GND)
2
SECONDARY DOT (Balanced)
4
SECONDARY (Balanced)
3
NO CONNECTION
6
NOT USED (GND Externally)
5
Pads 2,3,4 are DC-connected internally
*** Derate linearly to 2W at 85°C
Permanent damage may occur if any of these limits are exceeded.
Outline Drawing
A
BC
D
E
F
.079
.049
.033
.014
.012
.012
2.01
1.24
0.84
0.36
0.30
0.30
GH
J
K
wt
.026
.014
.039
.110
grams
0.66
0.36
1.00
2.80
.008
Outline Dimensions (
)
inch
mm
Suggested L ayout,
Tolerance to bewithin ±.002
INDEX AREA*
*Shape of index marking may vary
PCB Land Pattern
CASE STYLE: GE0805C-1
Available Tape
and Reel
at no extra cost
Reel Size
Devices/Reel
7”
20, 50, 100, 200, 500,1000, 2000
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
NO
CONNECTION*
PRI
SEC
*Internal open circuit


同様の部品番号 - NCS4-232

メーカー部品番号データシート部品情報
logo
Mini-Circuits
NCS4-232++ MINI-NCS4-232+ Datasheet
635Kb / 1P
   Baluns/Transformers
REV. OR
More results

同様の説明 - NCS4-232

メーカー部品番号データシート部品情報
logo
Mini-Circuits
TC133-282 MINI-TC133-282 Datasheet
262Kb / 2P
   RF Transformer
logo
M/A-COM Technology Solu...
DS-MABA-007748-CT1160 MA-COM-DS-MABA-007748-CT1160 Datasheet
361Kb / 3P
   RF Transformer
logo
Mini-Circuits
TC4-1WG2 MINI-TC4-1WG2 Datasheet
114Kb / 1P
   RF Transformer
logo
Pulse A Technitrol Comp...
CX2078NL PULSE-CX2078NL Datasheet
179Kb / 2P
   RF TRANSFORMER
logo
XFMRS Inc.
XFWB3010 XFMRS-XFWB3010 Datasheet
40Kb / 1P
   RF TRANSFORMER
XFWB-1-A XFMRS-XFWB-1-A_15 Datasheet
40Kb / 1P
   RF TRANSFORMER
XFWB-4-1T XFMRS-XFWB-4-1T_15 Datasheet
39Kb / 1P
   RF TRANSFORMER
XFWB3010 XFMRS-XFWB3010_15 Datasheet
40Kb / 1P
   RF TRANSFORMER
logo
Mini-Circuits
ADT4-1WT MINI-ADT4-1WT_15 Datasheet
201Kb / 1P
   RF Transformer
ADT4-5WT MINI-ADT4-5WT Datasheet
186Kb / 1P
   RF Transformer
ADT9-1T MINI-ADT9-1T Datasheet
204Kb / 1P
   RF Transformer
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com