データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC1-1-13MX データシート(PDF) 1 Page - Mini-Circuits

部品番号 TC1-1-13MX
部品情報  RF Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MINI [Mini-Circuits]
ホームページ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

TC1-1-13MX データシート(HTML) 1 Page - Mini-Circuits

  TC1-1-13MX Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 1
FREQUENCY
(MHz)
INSERTION
LOSS
(dB)
INPUT
R. LOSS
(dB)
AMPLITUDE
UNBALANCE
(dB)
PHASE
UNBALANCE
(Deg.)
50
4.5 to 3000 MHz
RF Transformer
Surface Mount
TC1-1-13MX+
Maximum Ratings
Pin Connections
Features
• balanced to unbalanced transformation
• push-pull amplifiers
• PCS/DCS
• MMDS
PRIMARY DOT
6
PRIMARY
4
SECONDARY DOT
1
SECONDARY
3
NOT USED
2
• wideband, 4.5 to 3000 MHz
• balanced transmission line
• good return loss
• excellent amplitude unbalance, 0.5 dB typ. and
phase unbalance, 2 deg typ. in 1 dB bandwidth
• plastic base with leads
• aqueous washable
Applications
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
0.25W
DC Current
30mA
Electrical Specifications (T
AMB=25°C)
REV. A
M151107
TC1-1-13MX+
ED-11376/1
WP/TD/CP/AM
151221
Typical Performance Data
CASE STYLE: AT1521
RATIO
FREQUENCY
(MHz)
INSERTION LOSS*
PHASE
UNBALANCE
(Deg.)
Typ.
AMPLITUDE
UNBALANCE
(dB)
Typ.
3 dB
MHz
2 dB
MHz
1 dB
MHz
1 dB
bandwidth
2 dB
bandwidth
1 dB
bandwidth
2 dB
bandwidth
1
4.5-3000
2000-3000 1000-2000
4.5-1000
2
3
0.5
0.5
*Insertion Loss is referenced to mid-band loss, 0.5 dB typ.
Config. G
INPUT RETURN LOSS
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
0
500
1000
1500
2000
2500
3000
FREQUENCY (MHz)
4.50
0.18
31.52
0.69
3.81
10.00
0.18
34.60
0.56
1.78
50.00
0.19
33.50
0.56
0.11
100.00
0.24
29.68
0.55
0.19
500.00
0.46
19.52
0.45
0.81
1000.00
0.68
16.22
0.14
1.59
1500.00
0.90
15.89
0.29
0.89
2000.00
1.11
16.97
0.71
1.28
2500.00
1.62
12.88
0.78
5.79
3000.00
3.02
6.79
0.49
12.32
Permanent damage may occur if any of these limits are exceeded.
Outline Drawing AT1521
Outline Dimensions (
)
inch
mm
PCB Land Pattern
Suggested Layout,
Tolerance to be within±.002
Note:
1. Case Material Plastic
2. Termination Finish: Tin plate over Nickel plate.
3. Lead #1 identier shall be located in the
cross-hatched area shown, on bottom view.
Identier may be either a molded or marked feature.
4.Top-Hat total thickness: 0.13 inches max.
A
B
C
D
E
F
.150
.150
.160
.050
.040
.025
3.81
3.81
4.06
1.27
1.02
0.64
G
H
J
K
wt
.028
.065
.190
.030
grams
0.71
1.65
4.83
0.76
0.15
INSERTION LOSS
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
500
1000
1500
2000
2500
3000
FREQUENCY (MHz)
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Available Tape and
Reel
at no extra cost
Reel Size
Devices/Reel
7”
20, 50, 100, 200, 500
13”
1000, 2000
top hat
®


同様の部品番号 - TC1-1-13MX

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TC1-1-13M ETC-TC1-1-13M Datasheet
65Kb / 1P
   RF Transformer
logo
Mini-Circuits
TC1-1-13M MINI-TC1-1-13M Datasheet
251Kb / 1P
   RF Transformer
TC1-1-13M++ MINI-TC1-1-13M+ Datasheet
251Kb / 1P
   RF Transformer
TC1-1-13M-75 MINI-TC1-1-13M-75 Datasheet
368Kb / 1P
   RF Transformer
TC1-1-13M-75++ MINI-TC1-1-13M-75+ Datasheet
368Kb / 1P
   RF Transformer
More results

同様の説明 - TC1-1-13MX

メーカー部品番号データシート部品情報
logo
Mini-Circuits
TC133-282 MINI-TC133-282 Datasheet
262Kb / 2P
   RF Transformer
logo
M/A-COM Technology Solu...
DS-MABA-007748-CT1160 MA-COM-DS-MABA-007748-CT1160 Datasheet
361Kb / 3P
   RF Transformer
logo
Mini-Circuits
TC4-1WG2 MINI-TC4-1WG2 Datasheet
114Kb / 1P
   RF Transformer
logo
Pulse A Technitrol Comp...
CX2078NL PULSE-CX2078NL Datasheet
179Kb / 2P
   RF TRANSFORMER
logo
XFMRS Inc.
XFWB3010 XFMRS-XFWB3010 Datasheet
40Kb / 1P
   RF TRANSFORMER
XFWB-1-A XFMRS-XFWB-1-A_15 Datasheet
40Kb / 1P
   RF TRANSFORMER
XFWB-4-1T XFMRS-XFWB-4-1T_15 Datasheet
39Kb / 1P
   RF TRANSFORMER
XFWB3010 XFMRS-XFWB3010_15 Datasheet
40Kb / 1P
   RF TRANSFORMER
logo
Mini-Circuits
ADT4-1WT MINI-ADT4-1WT_15 Datasheet
201Kb / 1P
   RF Transformer
ADT4-5WT MINI-ADT4-5WT Datasheet
186Kb / 1P
   RF Transformer
ADT9-1T MINI-ADT9-1T Datasheet
204Kb / 1P
   RF Transformer
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com