データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MSATA630 データシート(PDF) 7 Page - Advantech Co., Ltd.

部品番号 MSATA630
部品情報  Support SATA 1.5/3.0/6.0 Gbps interface
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ADVANTECH [Advantech Co., Ltd.]
ホームページ  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

MSATA630 データシート(HTML) 7 Page - Advantech Co., Ltd.

Back Button MSATA630 Datasheet HTML 3Page - Advantech Co., Ltd. MSATA630 Datasheet HTML 4Page - Advantech Co., Ltd. MSATA630 Datasheet HTML 5Page - Advantech Co., Ltd. MSATA630 Datasheet HTML 6Page - Advantech Co., Ltd. MSATA630 Datasheet HTML 7Page - Advantech Co., Ltd. MSATA630 Datasheet HTML 8Page - Advantech Co., Ltd. MSATA630 Datasheet HTML 9Page - Advantech Co., Ltd. MSATA630 Datasheet HTML 10Page - Advantech Co., Ltd. MSATA630 Datasheet HTML 11Page - Advantech Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
SQFlash
mSATA 630
Specifications subject to change without notice, contact your sales representatives for the most update information.
REV 0.5
Page 7 of 25
Jun. 8, 2015
 Endurance
According to JEDEC subcommittee JC-64.8, the actual endurance of flash storage can be presented by
Terabyte Write (TBW), which is measured by NAND Flash physical endurance, Wear-leveling Efficiency
(WLE) and Write Amplification Factor (WAF) of specific capacities with following formula.
TBW = [(NAND Flash Physical Endurance) x Capacity x WLE] / WAF
TBW of sequential writing
WLE
WAF
TBW
SLC
Ultra MLC
MLC
1 GB
0.9130
1.1013
80
--
--
2 GB
0.9130
1.1017
161
32
--
4 GB
0.9130
1.1025
323
64
9
8 GB
0.9120
1.1026
646
129
19
16 GB
0.9120
1.1031
1291
258
38
32 GB
0.9120
1.1029
2584
516
77
64 GB
0.9110
1.1039
5157
1031
154
128 GB
0.9110
1.1039
--
2603
309
256 GB
0.9100
1.1041
--
--
618
TBW of random writing
WLE
WAF
TBW
SLC
Ultra MLC
MLC
1 GB
0.9130
1.2176
73
--
--
2 GB
0.9130
1.2837
138
27
--
4 GB
0.9130
1.3034
273
54
8
8 GB
0.9120
1.3278
536
107
16
16 GB
0.9120
2.2323
638
127
19
32 GB
0.9120
2.3535
1210
242
36
64 GB
0.9110
2.4396
2333
466
70
128 GB
0.9110
2.3141
--
984
147
256 GB
0.9100
2.2614
--
--
301


同様の部品番号 - MSATA630

メーカー部品番号データシート部品情報
logo
Apacer Technology Inc.
MSATA-A1 APACER-MSATA-A1 Datasheet
1Mb / 4P
   mSATA A1 modular SSD
MSATA-A1-M APACER-MSATA-A1-M Datasheet
947Kb / 4P
   mSATA A1-M modular SSD
MSATA-MINI-H1 APACER-MSATA-MINI-H1 Datasheet
1Mb / 4P
   SATA3.0 SSDs: the mSATA mini H1
MSATA-MINI-H1-M APACER-MSATA-MINI-H1-M Datasheet
1Mb / 4P
   slim industrial SATA3.0 SSDs
More results

同様の説明 - MSATA630

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN75LVCP600S TI1-SN75LVCP600S Datasheet
2Mb / 25P
[Old version datasheet]   1.5/3.0/6.0 Gbps SATA/SAS Redriver
SN75LVCP600 TI1-SN75LVCP600 Datasheet
1Mb / 24P
[Old version datasheet]   6.0 Gbps SATA PC Board and Cable Equalizer
logo
Maxim Integrated Produc...
MAX4952B MAXIM-MAX4952B Datasheet
1Mb / 10P
   Dual 1.5/3.0/6.0Gbps SAS/SATA Redriver
Rev 0; 1/10
MAX4952 MAXIM-MAX4952 Datasheet
604Kb / 11P
   Quad Equalized 1.5/3.0/6.0GT/s SAS/SATA Redriver
19-4574; Rev 0; 4/09
logo
Mimix Broadband
CMM2000-QT MIMIX-CMM2000-QT_10 Datasheet
2Mb / 11P
   1.5-6.0 GHz GaAs MMIC
CMM9000-QT MIMIX-CMM9000-QT_10 Datasheet
2Mb / 11P
   1.5-6.0 GHz GaAs MMIC
logo
Axiomtek Co., Ltd.
MANO111 AXIOMTEK-MANO111_14 Datasheet
376Kb / 2P
   4 SATA-600 support RAID 0,1,5,10
FSA AXIOMTEK-FSA Datasheet
233Kb / 1P
   SATA II standard interface
logo
Texas Instruments
SN75LVCP422 TI-SN75LVCP422 Datasheet
415Kb / 17P
[Old version datasheet]   Two Channel SATA 3-Gbps Redriver
SN75LVCP412A TI-SN75LVCP412A Datasheet
1Mb / 26P
[Old version datasheet]   Two Channel SATA 3-Gbps Redriver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com