データシートサーチシステム |
|
GS8320Z18GT-150I データシート(PDF) 9 Page - List of Unclassifed Manufacturers |
|
GS8320Z18GT-150I データシート(HTML) 9 Page - List of Unclassifed Manufacturers |
9 / 24 page GS8320Z18/36T-250/225/200/166/150/133 Preliminary Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.03 10/2004 9/24 © 2001, GSI Technology Pipeline Mode Data I/O State Diagram Intermediate Intermediate Intermediate Intermediate Intermediate Intermediate High Z (Data In) Data Out (Q Valid) High Z B W B R B D R W R W D D Current State (n) Next State (n+2) Transition ƒ Input Command Code Key Transition Intermediate State (N+1) Notes: 1. The Hold command (CKE Low) is not shown because it prevents any state change. 2. W, R, B, and D represent input command codes as indicated in the Truth Tables. Clock (CK) Command Current State Intermediate ƒ n n+1 n+2 n+3 ƒƒƒ Current State and Next State Definition for Pipeline Mode Data I/O State Diagram Next State State |
同様の部品番号 - GS8320Z18GT-150I |
|
同様の説明 - GS8320Z18GT-150I |