データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KSB798 データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 KSB798
部品情報  Audio Frequency Power Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSB798 データシート(HTML) 2 Page - Fairchild Semiconductor

  KSB798 Datasheet HTML 1Page - Fairchild Semiconductor KSB798 Datasheet HTML 2Page - Fairchild Semiconductor KSB798 Datasheet HTML 3Page - Fairchild Semiconductor KSB798 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A1, June 2001
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 4. Collector Output Capacitance
Figure 5. Current Gain Bandwidth Product
Figure 6. Safe Operating Area
0
-1
-2-3-4
-5-6-7
-8-9
-10
0.0
-0.1
-0.2
-0.3
-0.4
-0.5
-0.6
-0.7
-0.8
-0.9
-1.0
IB = -8mA
IB = -6mA
IB = -7mA
IB = -5mA
IB = -3mA
IB = -2mA
IB = -4mA
IB = -1mA
VCE[V], COLLECTOR-EMITTER VOLTAGE
-10
-100
-1000
1
10
100
1000
VCE= -1V
IC[mA], COLLECTOR CURRENT
-1
-10
-100
-1000
-0.01
-0.1
-1
-10
I
C = 10 IB
V
CE(sat)
V
BE(sat)
I
C[mA], COLLECTOR CURRENT
-1
-10
-100
1
10
100
f = 1MHz
IE=0
VCB [V], COLLECTOR-BASE VOLTAGE
10
100
100
1
10
VCE = -6V
IC[mA], COLLECTOR CURRENT
-1
-10
-100
-0.01
-0.1
-1
-10
1.TC=25
oC
2.Single pulse
DC
VCE[V], COLLECTOR-EMITTER VOLTAGE


同様の部品番号 - KSB798

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KSB798 FAIRCHILD-KSB798 Datasheet
434Kb / 5P
   PNP Epitaxial Silicon Transistor
KSB798 FAIRCHILD-KSB798_05 Datasheet
434Kb / 5P
   PNP Epitaxial Silicon Transistor
More results

同様の説明 - KSB798

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KSA1220 FAIRCHILD-KSA1220 Datasheet
76Kb / 5P
   Audio Frequency Power Amplifier High Frequency Power Amplifier
KSA1220AYS FAIRCHILD-KSA1220AYS Datasheet
82Kb / 5P
   Audio Frequency Power Amplifier High Frequency Power Amplifier
KSD794AYSTU FAIRCHILD-KSD794AYSTU Datasheet
57Kb / 5P
   Audio Frequency Power Amplifier
KSD985 FAIRCHILD-KSD985 Datasheet
50Kb / 5P
   Audio Frequency Power Amplifier
KSB772 FAIRCHILD-KSB772 Datasheet
76Kb / 5P
   Audio Frequency Power Amplifier
KSC2682 FAIRCHILD-KSC2682 Datasheet
48Kb / 5P
   Audio Frequency Power Amplifier
logo
First Silicon Co., Ltd
FTC2690 FS-FTC2690 Datasheet
249Kb / 2P
   Audio frequency power amplifier
logo
Fairchild Semiconductor
KSD1021 FAIRCHILD-KSD1021 Datasheet
41Kb / 4P
   Audio Frequency Power Amplifier
KSD471AYBU FAIRCHILD-KSD471AYBU Datasheet
47Kb / 4P
   Audio Frequency Power Amplifier
logo
SemiHow Co.,Ltd.
KSH772 SEMIHOW-KSH772 Datasheet
232Kb / 5P
   Audio Frequency Power Amplifier
KSE772 SEMIHOW-KSE772 Datasheet
184Kb / 5P
   Audio Frequency Power Amplifier
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com