データシートサーチシステム |
|
SN74AUP1G04DCKR データシート(PDF) 6 Page - Texas Instruments |
|
|
SN74AUP1G04DCKR データシート(HTML) 6 Page - Texas Instruments |
6 / 12 page SN74AUP1G04 LOW POWER SINGLE INVERTER GATE SCES571A − JUNE 2004 − REVISED APRIL 2005 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 switching characteristics over recommended operating free-air temperature range, CL = 10 pF (unless otherwise noted) (see Figures 3 and 4) PARAMETER FROM (INPUT) TO (OUTPUT) VCC TA = 25 °C TA = −40 °C TO 85 °C UNIT PARAMETER (INPUT) (OUTPUT) VCC MIN TYP MAX MIN MAX UNIT 0.8 V 17.7 1.2 V ± 0.1 V 3.9 6.9 12.2 3.1 15 tpd A Y 1.5 V ± 0.1 V 3 5 8.1 2.5 9.9 ns tpd A Y 1.8 V ± 0.15 V 2.6 4 6.9 2.1 7.9 ns 2.5 V ± 0.2 V 2.1 3 4.6 1.7 5.6 3.3 V ± 0.3 V 1.8 2.5 3.8 1.5 4.5 switching characteristics over recommended operating free-air temperature range, CL = 15 pF (unless otherwise noted) (see Figures 3 and 4) PARAMETER FROM (INPUT) TO (OUTPUT) VCC TA = 25 °C TA = −40 °C TO 85 °C UNIT PARAMETER (INPUT) (OUTPUT) VCC MIN TYP MAX MIN MAX UNIT 0.8 V 19.5 1.2 V ± 0.1 V 4.7 7.8 13 3.8 15.9 tpd A Y 1.5 V ± 0.1 V 3.7 5.6 8.6 3.1 10.6 ns tpd A Y 1.8 V ± 0.15 V 3.2 4.6 7.4 2.6 8.5 ns 2.5 V ± 0.2 V 2.5 3.5 5.1 2.1 6.1 3.3 V ± 0.3 V 2.2 2.9 4.2 1.9 5 switching characteristics over recommended operating free-air temperature range, CL = 30 pF (unless otherwise noted) (see Figures 3 and 4) PARAMETER FROM (INPUT) TO (OUTPUT) VCC TA = 25 °C TA = −40 °C TO 85 °C UNIT PARAMETER (INPUT) (OUTPUT) VCC MIN TYP MAX MIN MAX UNIT 0.8 V 25.4 1.2 V ± 0.1 V 6.8 10.4 16 6.1 19 tpd A Y 1.5 V ± 0.1 V 5.3 7.6 10.8 4.8 12.9 ns tpd A Y 1.8 V ± 0.15 V 4.6 6.3 9.2 4.1 10.5 ns 2.5 V ± 0.2 V 3.6 4.8 6.5 3.3 7.6 3.3 V ± 0.3 V 3.2 4 5.4 2.9 6.2 operating characteristics, TA = 25°C PARAMETER TEST CONDITIONS VCC TYP UNIT 0.8 V 3.9 1.2 V ± 0.1 V 3.9 Cpd Power dissipation capacitance f = 10 MHz 1.5 V ± 0.1 V 3.9 pF Cpd Power dissipation capacitance f = 10 MHz 1.8 V ± 0.15 V 3.9 pF 2.5 V ± 0.2 V 3.9 3.3 V ± 0.3 V 4.1 |
同様の部品番号 - SN74AUP1G04DCKR |
|
同様の説明 - SN74AUP1G04DCKR |