データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRFPS43N50K データシート(PDF) 8 Page - Vishay Siliconix

部品番号 IRFPS43N50K
部品情報  Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFPS43N50K データシート(HTML) 8 Page - Vishay Siliconix

  IRFPS43N50K Datasheet HTML 1Page - Vishay Siliconix IRFPS43N50K Datasheet HTML 2Page - Vishay Siliconix IRFPS43N50K Datasheet HTML 3Page - Vishay Siliconix IRFPS43N50K Datasheet HTML 4Page - Vishay Siliconix IRFPS43N50K Datasheet HTML 5Page - Vishay Siliconix IRFPS43N50K Datasheet HTML 6Page - Vishay Siliconix IRFPS43N50K Datasheet HTML 7Page - Vishay Siliconix IRFPS43N50K Datasheet HTML 8Page - Vishay Siliconix IRFPS43N50K Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Package Information
www.vishay.com
Vishay Siliconix
Revision: 27-Mar-17
1
Document Number: 91365
For technical questions, contact: hvm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TO-274AA (High Voltage)
Notes
• Dimensioning and tolerancing per ASME Y14.5M-1994
• Dimension D and E do not include mold flash. Mold flash shall not exceed 0.127 mm (0.005") per side. These dimensions are measured at
the outer extremes of the plastic body
• Outline conforms to JEDEC® outline to TO-274AA
(1) Dimension measured at tip of lead
MILLIMETERS
INCHES
MILLIMETERS
INCHES
DIM.
MIN.
MAX.
MIN.
MAX.
DIM.
MIN.
MAX.
MIN.
MAX.
A
4.70
5.30
0.185
0.209
D1
15.50
16.10
0.610
0.634
A1
1.50
2.50
0.059
0.098
D2
0.70
1.30
0.028
0.051
A2
2.25
2.65
0.089
0.104
E
15.10
16.10
0.594
0.634
b
1.30
1.60
0.051
0.063
E1
13.30
13.90
0.524
0.547
b2
1.80
2.20
0.071
0.087
e
5.45 BSC
0.215 BSC
b4
3.00
3.25
0.118
0.128
L
13.70
14.70
0.539
0.579
c (1)
0.38
0.89
0.015
0.035
L1
1.00
1.60
0.039
0.063
D
19.80
20.80
0.780
0.819
R
2.00
3.00
0.079
0.118
ECN: X17-0056-Rev. B, 27-Mar-17
DWG: 5975
A1
A
C
A2
B
E
E4
D
L
e
L1
b
0.10 (0.25)
B A
MM
E1
D2
D1
R
Detail “A”
A
b2
b4
Detail “A”
Scale: 2:1
10°
Lead Tip


同様の部品番号 - IRFPS43N50K

メーカー部品番号データシート部品情報
logo
International Rectifier
IRFPS43N50K IRF-IRFPS43N50K Datasheet
99Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.078ohm, Id=47A)
logo
Vishay Siliconix
IRFPS43N50K VISHAY-IRFPS43N50K Datasheet
147Kb / 8P
   RFPS43N50K
S-81367-Rev. B, 21-Jul-08
logo
International Rectifier
IRFPS43N50KPBF IRF-IRFPS43N50KPBF Datasheet
130Kb / 8P
   HEXFET짰 Power MOSFET ( VDSS = 500V , RDS(on)typ. = 0.078廓 , ID = 47A )
logo
Vishay Siliconix
IRFPS43N50KPBF VISHAY-IRFPS43N50KPBF Datasheet
147Kb / 8P
   RFPS43N50K
S-81367-Rev. B, 21-Jul-08
More results

同様の説明 - IRFPS43N50K

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com