データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVX139 データシート(PDF) 1 Page - STMicroelectronics

部品番号 74LVX139
部品情報  LOW VOLTAGE CMOS DUAL 2 TO 4 DECODER/DEMULTIPLEXER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVX139 データシート(HTML) 1 Page - STMicroelectronics

  74LVX139 Datasheet HTML 1Page - STMicroelectronics 74LVX139 Datasheet HTML 2Page - STMicroelectronics 74LVX139 Datasheet HTML 3Page - STMicroelectronics 74LVX139 Datasheet HTML 4Page - STMicroelectronics 74LVX139 Datasheet HTML 5Page - STMicroelectronics 74LVX139 Datasheet HTML 6Page - STMicroelectronics 74LVX139 Datasheet HTML 7Page - STMicroelectronics 74LVX139 Datasheet HTML 8Page - STMicroelectronics 74LVX139 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
August 2004
s
HIGH SPEED :
tPD = 6.0ns (TYP.) at VCC = 3.3V
s
5V TOLERANT INPUTS
s
INPUT VOLTAGE LEVEL :
VIL=0.8V, VIH=2V at VCC=3V
s
LOW POWER DISSIPATION:
ICC = 2 µA (MAX.) at TA=25°C
s
LOW NOISE:
VOLP = 0.3V (TYP.) at VCC = 3.3V
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH tPHL
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 2V to 3.6V (1.2V Data Retention)
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 139
s
IMPROVED LATCH-UP IMMUNITY
s
POWER DOWN PROTECTION ON INPUTS
DESCRIPTION
The 74LVX139 is a low voltage CMOS DUAL 2
TO 4 DECODER/DEMULTIPLEXER fabricated
with sub-micron silicon gate and double-layer
metal wiring C2MOS technology. It is ideal for low
power, battery operated and low noise 3.3V
applications.
The active low enable input can be used for gating
or as a data input for demultiplexing applications.
While the enable input is held high, all four outputs
are high independently of the other inputs.
Power down protection is provided on all inputs
and 0 to 7V can be accepted on inputs with no
regard to the supply voltage.
This device can be used to interface 5V to 3V
system. It combines high speed performance with
the true CMOS low power consumption.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
74LVX139
LOW VOLTAGE CMOS
DUAL 2 TO 4 DECODER/DEMULTIPLEXER
Figure 1: Pin Connection And IEC Logic Symbols
Table 1: Order Codes
PACKAGE
T & R
SOP
74LVX139MTR
TSSOP
74LVX139TTR
TSSOP
SOP
Rev. 2


同様の部品番号 - 74LVX139

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74LVX132 FAIRCHILD-74LVX132 Datasheet
65Kb / 6P
   Low Voltage Quad 2-Input NAND Schmitt Trigger
logo
STMicroelectronics
74LVX132 STMICROELECTRONICS-74LVX132 Datasheet
227Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT SCHMITT NAND GATE WITH 5V TOLERANT INPUTS
logo
ON Semiconductor
74LVX132 ONSEMI-74LVX132 Datasheet
253Kb / 9P
   Low Voltage Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVX132M FAIRCHILD-74LVX132M Datasheet
65Kb / 6P
   Low Voltage Quad 2-Input NAND Schmitt Trigger
logo
ON Semiconductor
74LVX132M ONSEMI-74LVX132M Datasheet
253Kb / 9P
   Low Voltage Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.4.0
More results

同様の説明 - 74LVX139

メーカー部品番号データシート部品情報
logo
STMicroelectronics
74LCX139 STMICROELECTRONICS-74LCX139_06 Datasheet
315Kb / 17P
   Low voltage CMOS Dual 2 to 4 decoder / demultiplexer
74LCX139 STMICROELECTRONICS-74LCX139 Datasheet
279Kb / 12P
   LOW VOLTAGE CMOS DUAL 2 TO 4 DECODER/DEMULTIPLEXER
logo
ON Semiconductor
MC74LCX139 ONSEMI-MC74LCX139 Datasheet
100Kb / 8P
   Dual Low-Voltage CMOS 2-to-4 Decoder/Demultiplexer
January, 2005 ??Rev. 3
MC74LCX139 ONSEMI-MC74LCX139_12 Datasheet
162Kb / 7P
   Dual Low-Voltage CMOS 2-to-4 Decoder/Demultiplexer
October, 2012 ??Rev. 7
logo
STMicroelectronics
74VHCT139A STMICROELECTRONICS-74VHCT139A_04 Datasheet
277Kb / 12P
   DUAL 2 TO 4 DECODER/DEMULTIPLEXER
logo
Fairchild Semiconductor
74VHC139 FAIRCHILD-74VHC139 Datasheet
73Kb / 6P
   Dual 2-to-4 Decoder/Demultiplexer
logo
ON Semiconductor
MC74VHC139 ONSEMI-MC74VHC139_11 Datasheet
135Kb / 8P
   Dual 2-to-4 Decoder/ Demultiplexer
May, 2011 ??Rev. 4
MC74VHCT139A ONSEMI-MC74VHCT139A_14 Datasheet
99Kb / 7P
   Dual 2-to-4 Decoder/ Demultiplexer
October, 2014 ??Rev. 6
logo
Motorola, Inc
MC74VHC139 MOTOROLA-MC74VHC139 Datasheet
153Kb / 6P
   Dual 2-to-4 Decoder/Demultiplexer
logo
STMicroelectronics
74VHC139 STMICROELECTRONICS-74VHC139 Datasheet
63Kb / 8P
   DUAL 2 TO 4 DECODER/DEMULTIPLEXER
June 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com