データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29DS163DT120WAE データシート(PDF) 10 Page - Advanced Micro Devices

部品番号 AM29DS163DT120WAE
部品情報  16 Megabit CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DS163DT120WAE データシート(HTML) 10 Page - Advanced Micro Devices

Back Button AM29DS163DT120WAE Datasheet HTML 6Page - Advanced Micro Devices AM29DS163DT120WAE Datasheet HTML 7Page - Advanced Micro Devices AM29DS163DT120WAE Datasheet HTML 8Page - Advanced Micro Devices AM29DS163DT120WAE Datasheet HTML 9Page - Advanced Micro Devices AM29DS163DT120WAE Datasheet HTML 10Page - Advanced Micro Devices AM29DS163DT120WAE Datasheet HTML 11Page - Advanced Micro Devices AM29DS163DT120WAE Datasheet HTML 12Page - Advanced Micro Devices AM29DS163DT120WAE Datasheet HTML 13Page - Advanced Micro Devices AM29DS163DT120WAE Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
10
Am29DS163D
ADV ANCE
I N FO RMAT I O N
DEVICE BUS OPERATIONS
This section describes the requirements and use of
the device bus operations, which are initiated through
the internal command register. The command register
itself does not occupy any addressable memory loca-
tion. The register is a latch used to store the
commands, along with the address and data informa-
tion needed to execute the command. The contents of
the register serve as inputs to the internal state ma-
chine. The state machine outputs dictate the function
of the device. Table 1 lists the device bus operations,
the inputs and control levels they require, and the re-
sulting output. The following subsections describe
each of these operations in further detail.
Table 1. Am29DS163D Device Bus Operations
Legend: L = Logic Low = VIL, H = Logic High = VIH, VID = 9.0–11.0 V, VHH = 9.0 ± 0.5 V, X = Don’t Care, SA = Sector Address,
AIN = Address In, DIN = Data In, DOUT = Data Out
Notes:
1. Addresses are A19:A0 in word mode (BYTE# = VIH), A19:A-1 in byte mode (BYTE# = VIL).
2. The sector protect and sector unprotect functions may also be implemented via programming equipment. See “Sector/Sector
Block Protection and Unprotection” on page 16.
3. If WP#/ACC = VIL, the two outermost boot sectors remain protected. If WP#/ACC = VIH, the two outermost boot sector
protection depends on whether they were last protected or unprotected using the method described in “Sector/Sector Block
Protection and Unprotection” on page 16. If WP#/ACC = VHH, all sectors are unprotected.
Word/Byte Configuration
The BYTE# pin controls whether the device data I/O
pins operate in the byte or word configuration. If the
BYTE# pin is set at logic ‘1’, the device is in word con-
figuration, DQ0–DQ15 are active and controlled by
CE# and OE#.
If the BYTE# pin is set at logic ‘0’, the device is in byte
configuration, and only data I/O pins DQ0–DQ7 are
active and controlled by CE# and OE#. The data I/O
pins DQ8–DQ14 are tri-stated, and the DQ15 pin is
used as an input for the LSB (A-1) address function.
Requirements for Reading Array Data
To read array data from the outputs, the system must
drive the CE# and OE# pins to VIL. CE# is the power
control and selects the device. OE# is the output con-
trol and gates array data to the output pins. WE#
should remain at VIH. The BYTE# pin determines
whether the device outputs array data in words or
bytes.
The internal state machine is set for reading array data
upon device power-up, or after a hardware reset. This
ensures that no spurious alteration of the memory
content occurs during the power transition. No com-
mand is necessary in this mode to obtain array data.
Standard microprocessor read cycles that assert valid
Operation
CE# OE# WE# RESET# WP#/ACC
Addresses
(Note 2)
DQ0–
DQ7
DQ8–DQ15
BYTE#
= VIH
BYTE#
= VIL
Read
L
L
H
H
L/H
AIN
DOUT
DOUT DQ8–DQ14= High-Z,
DQ15 = A-1
Write
L
H
L
H
(Note 3)
AIN
DIN
DIN
Standby
VCC ±
0.3 V
X
X
VCC ±
0.3 V
H
X
High-Z High-Z
High-Z
Output Disable
L
H
H
H
L/H
X
High-Z High-Z
High-Z
Reset
X
X
X
L
L/H
X
High-Z High-Z
High-Z
Sector Protect (Note 2)
L
H
L
VID
L/H
SA, A6 = L,
A1 = H, A0 = L
DIN
X
X
Sector Unprotect (Note 2)
L
H
L
VID
(Note 3)
SA, A6 = H,
A1 = H, A0 = L
DIN
X
X
Temporary Sector Unprotect
X
X
X
VID
(Note 3)
AIN
DIN
DIN
High-Z


同様の部品番号 - AM29DS163DT120WAE

メーカー部品番号データシート部品情報
logo
SPANSION
AM29DS320G SPANSION-AM29DS320G Datasheet
711Kb / 54P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
AM29DS320GB120EE SPANSION-AM29DS320GB120EE Datasheet
711Kb / 54P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
AM29DS320GB120EEN SPANSION-AM29DS320GB120EEN Datasheet
711Kb / 54P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
AM29DS320GB120EI SPANSION-AM29DS320GB120EI Datasheet
711Kb / 54P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
AM29DS320GB120EIN SPANSION-AM29DS320GB120EIN Datasheet
711Kb / 54P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
More results

同様の説明 - AM29DS163DT120WAE

メーカー部品番号データシート部品情報
logo
Advanced Micro Devices
AM29SL160C AMD-AM29SL160C Datasheet
1Mb / 52P
   16 Megabit CMOS 1.8 Volt-only Super Low Voltage Flash Memory
logo
ATMEL Corporation
AT49SV163D ATMEL-AT49SV163D Datasheet
463Kb / 30P
   16-megabit 1M x 16) 1.8-volt Only Flash Memory
AT49SV802A ATMEL-AT49SV802A Datasheet
417Kb / 31P
   8-megabit 1.8-volt Only Flash Memory
logo
SPANSION
AM29DS32XG SPANSION-AM29DS32XG Datasheet
1,003Kb / 52P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
logo
Advanced Micro Devices
AM29DS323D AMD-AM29DS323D Datasheet
1,013Kb / 54P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
logo
SPANSION
AM29DS320G SPANSION-AM29DS320G Datasheet
711Kb / 54P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
logo
Advanced Micro Devices
AM29DS323D AMD-AM29DS323D_06 Datasheet
1Mb / 56P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
logo
ATMEL Corporation
AT49SV322D ATMEL-AT49SV322D Datasheet
519Kb / 32P
   32-megabit (2M x 16) 1.8-volt Only Flash Memory
logo
Advanced Micro Devices
AM29DL640D AMD-AM29DL640D Datasheet
1Mb / 54P
   64 Megabit CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
AMIC Technology
A29DL16X AMICC-A29DL16X Datasheet
738Kb / 47P
   16 Megabit (2M x 8-Bit/1M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com