データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RD05 データシート(PDF) 1 Page - Lumileds Lighting Company

部品番号 RD05
部品情報  SnapLED 70 Emitter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LUMILEDS [Lumileds Lighting Company]
ホームページ  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

RD05 データシート(HTML) 1 Page - Lumileds Lighting Company

  RD05 Datasheet HTML 1Page - Lumileds Lighting Company RD05 Datasheet HTML 2Page - Lumileds Lighting Company RD05 Datasheet HTML 3Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Reliability Datasheet RD05
Agilent HPWTTH00/FH00/TL00/FL00
Description
The following cumulative test results have been obtained from testing performed at Agilent Technologies in accordance with the
latest revision of MILSTD883. Agilent tests parts at the absolute maximum rated conditions recommended for the device. The
actual performance you obtain from Agilent parts depends on the electrical and environmental characteristics of your application,
but will probably be better than the performance outlined in Table 1.
SnapLED 70 Emitter
Reliability Data Sheet
T
Ta
ab
blle
e 1
1:: L
Liiffe
e T
Te
es
stts
s
D
De
em
mo
on
ns
sttrra
atte
ed
d P
Pe
errffo
orrm
ma
an
nc
ce
e
P
Po
oiin
ntt T
Ty
yp
piic
ca
all P
Pe
errffo
orrm
ma
an
nc
ce
e
S
Sttrre
es
ss
s T
Te
es
stt
T
To
otta
all
U
Un
niitts
s
U
Un
niitts
s
F
Fa
aiillu
urre
e R
Ra
atte
e
C
Co
ollo
orrs
s
C
Co
on
nd
diittiio
on
ns
s
D
De
ev
viic
ce
e H
Ho
ou
urrs
s
T
Te
es
stte
ed
d
F
Fa
aiille
ed
d
M
MT
TB
BF
F
((%
% //1
1K
K H
Ho
ou
urrs
s))
TS AllnGaP
TA = 55°C,
70,000
70
0
70,000
< 1.429
Amber and
IF = 70 mA
RedOrange
TS AllnGaP
TA = 85°C,
42,000
42
0
42,000
< 2.381
Amber and
IF = 70 mA
RedOrange
TS AllnGaP
TA = 25°C,
42,000
42
0
42,000
< 2.381
Amber and
IF = 70 mA
RedOrange
TS AllnGaP
TA = 85°C, 85% RH
42,000
42
0
42,000
< 2.381
Amber and
IF = 70 mA
RedOrange
Failure Rate Prediction
The failure rate of semiconductor devices is determined by the junction temperature of the device. The relationship between
ambient temperature and 2 actual junction temperature is given by the following:
TJ (°C) = TA (°C) + θJA PAVG
where:
TA = ambient temperature in °C
θJA = thermal resistance of junctiontoambient in °C/watt
PAVG = average power dissipated in watts
The estimated MTBF and failure rate at temperatures lower than the actual stress temperature can be determined by
using an Arrhenius model for temperature acceleration. Results of such calculations are shown in the table on the following page
using an activation energy of 0.43 eV (reference MILHDBK217).


同様の部品番号 - RD05

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
RD0504T SANYO-RD0504T Datasheet
268Kb / 3P
   Low VF ??High-Speed Switching Diode
logo
ON Semiconductor
RD0504T ONSEMI-RD0504T Datasheet
339Kb / 7P
   Planar Ultrafast Rectifier
September, 2013
logo
Sanyo Semicon Device
RD0504T-H SANYO-RD0504T-H Datasheet
445Kb / 7P
   Low VF . High-Speed Switching Diode
logo
ON Semiconductor
RD0504T-H ONSEMI-RD0504T-H Datasheet
339Kb / 7P
   Planar Ultrafast Rectifier
September, 2013
logo
Sanyo Semicon Device
RD0504T-TL-H SANYO-RD0504T-TL-H Datasheet
445Kb / 7P
   Low VF . High-Speed Switching Diode
More results

同様の説明 - RD05

メーカー部品番号データシート部品情報
logo
Lumileds Lighting Compa...
DS09 LUMILEDS-DS09 Datasheet
366Kb / 5P
   SnapLED 70
RD03 LUMILEDS-RD03 Datasheet
48Kb / 4P
   SnapLED 150 Emitter
AB20-3B LUMILEDS-AB20-3B Datasheet
188Kb / 18P
   SuperFlux & SnapLED Emitter Forward Voltage Data
logo
Kingbright Corporation
WP7700C4ZGC KINGBRIGHT-WP7700C4ZGC Datasheet
416Kb / 5P
   SnapLED
WP7701C4VGC-Z KINGBRIGHT-WP7701C4VGC-Z Datasheet
461Kb / 5P
   SnapLED
WP7700C4SEC-J KINGBRIGHT-WP7700C4SEC-J Datasheet
141Kb / 5P
   SnapLED
WP7700C4VGC-Z KINGBRIGHT-WP7700C4VGC-Z Datasheet
417Kb / 5P
   SnapLED
WP7701C4PBC-Z KINGBRIGHT-WP7701C4PBC-Z Datasheet
423Kb / 5P
   SnapLED
WP7700C4PBC-Z KINGBRIGHT-WP7700C4PBC-Z Datasheet
364Kb / 5P
   SnapLED
WP7701C4SURC-G KINGBRIGHT-WP7701C4SURC-G Datasheet
465Kb / 5P
   SnapLED
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com