データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TEA6849H データシート(PDF) 6 Page - NXP Semiconductors

部品番号 TEA6849H
部品情報  New In Car Entertainment car radio tuner IC with Precision Adjacent Channel Suppression
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA6849H データシート(HTML) 6 Page - NXP Semiconductors

Back Button TEA6849H Datasheet HTML 2Page - NXP Semiconductors TEA6849H Datasheet HTML 3Page - NXP Semiconductors TEA6849H Datasheet HTML 4Page - NXP Semiconductors TEA6849H Datasheet HTML 5Page - NXP Semiconductors TEA6849H Datasheet HTML 6Page - NXP Semiconductors TEA6849H Datasheet HTML 7Page - NXP Semiconductors TEA6849H Datasheet HTML 8Page - NXP Semiconductors TEA6849H Datasheet HTML 9Page - NXP Semiconductors TEA6849H Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 65 page
background image
2003 Dec 19
6
Philips Semiconductors
Product specification
New In Car Entertainment car radio tuner IC with
Precision Adjacent Channel Suppression (NICE-PACS)
TEA6849H
6
PINNING
SYMBOL
PIN
DESCRIPTION
FMLIMDCFDB1
1
decoupling in-phase FM limiter
FMLIMDCFDB2
2
decoupling quadrature phase FM limiter
AMIF2DEC
3
decoupling for AM IF2 input
IREFFMIF2
4
reference current for FM IF2
AMNBHOLD
5
AM noise blanker threshold
AMIF2IN
6
AM IF2 input (450 kHz) for demodulator AGC and AM level detector
IF1GND
7
AM IF1 ground
FMMIX2IN
8
FM mixer 2 input
COFFSET
9
DC feedback for offset compensation RDS mute
FMMIX2DEC
10
FM mixer 2 decoupling
IFCDAATEST
11
test pin for IF centre DAA
IFAMPOUT
12
IF amplifier output (10.7 MHz)
VDDA1
13
analog supply voltage 1 (8.5 V) for FM IF amplifier
IFAMPIN
14
FM IF amplifier and AM mixer 2 input (10.7 MHz)
IFAMPDEC
15
FM IF amplifier and AM mixer 2 decoupling
IF2FILQ
16
test output quadrature phase FM IF2 filter; time constant FM soft mute
IF2FILI
17
test output in-phase FM IF2 filter
MIX1OUT1
18
FM mixer and AM mixer 1 IF output 1 (10.7 MHz)
MIX1OUT2
19
FM mixer and AM mixer 1 IF output 2 (10.7 MHz)
VDDA2
20
analog supply voltage 2 (8.5 V) for FM and AM RF
SWFLAG
21
output software programmable flag
AMMIX1DEC
22
AM mixer 1 decoupling
AMMIX1IN
23
AM mixer 1 input
VAMCASFB
24
feedback for cascode AM AGC
VAMCAS
25
cascode AM AGC
TAFAMAGC
26
AF time constant of AM front-end AGC
THFAMAGC
27
HF time constant of AM front-end AGC
IAMAGC
28
PIN diode drive current output of AM front-end AGC
Vref(MIX)
29
reference voltage for FM RF mixer
FMMIXIN1
30
FM RF mixer input 1
RFGND
31
RF ground
i.c.
32
internal connection
FMMIXIN2
33
FM RF mixer input 2
WBFLAG
34
buffered weather band flag output
IFMAGC
35
PIN diode drive current output of FM front-end AGC
TFMAGC
36
time constant of FM front-end AGC
TKEYEDAGC
37
time constant of keyed FM front-end AGC
DAAOUT
38
output of digital auto alignment circuit for antenna tank circuit
DAATD
39
temperature compensation diode for digital auto alignment circuit for antenna tank circuit
DAAIN
40
input of digital auto alignment circuit for antenna tank circuit


同様の部品番号 - TEA6849H

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TEA6840 PHILIPS-TEA6840 Datasheet
1Mb / 44P
   New In Car Entertainment NICE car radio
1999 Jul 12
TEA6840H PHILIPS-TEA6840H Datasheet
1Mb / 44P
   New In Car Entertainment NICE car radio
1999 Jul 12
TEA6842H PHILIPS-TEA6842H Datasheet
379Kb / 66P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6843 PHILIPS-TEA6843 Datasheet
363Kb / 62P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6843HL PHILIPS-TEA6843HL Datasheet
363Kb / 62P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
More results

同様の説明 - TEA6849H

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TEA6848H PHILIPS-TEA6848H Datasheet
400Kb / 63P
   New In Car Entertainment car radio tuner IC with Precision Adjacent Channel Suppression
2004 Nov 12
TEA6848HL NXP-TEA6848HL Datasheet
1Mb / 62P
   New in car entertainment car radio tuner IC with precision adjacent channel suppression (NICE-PACS)
Rev. 04-29 January 2010
TEA6846H PHILIPS-TEA6846H Datasheet
252Kb / 44P
   New In Car Entertainment NICE car radio
2001 Apr 12
TEA6845AH PHILIPS-TEA6845AH Datasheet
264Kb / 48P
   New In Car Entertainment NICE car radio
2001 Apr 12
TEA6840H PHILIPS-TEA6840H Datasheet
1Mb / 44P
   New In Car Entertainment NICE car radio
1999 Jul 12
TEA6842H PHILIPS-TEA6842H Datasheet
379Kb / 66P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6843 PHILIPS-TEA6843 Datasheet
363Kb / 62P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6824T PHILIPS-TEA6824T Datasheet
253Kb / 36P
   In Car Entertainment ICE car radio
1997 May 05
TEA6820T PHILIPS-TEA6820T Datasheet
548Kb / 48P
   In Car Entertainment ICE car radio
1997 Feb 12
TEA6823T PHILIPS-TEA6823T Datasheet
320Kb / 48P
   In Car Entertainment ICE car radio
1998 Mar 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com