データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMM205NR20 データシート(PDF) 11 Page - Summit Microelectronics, Inc.

部品番号 SMM205NR20
部品情報  Dual Channel Supply Voltage Marginer and Active DC Output Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUMMIT [Summit Microelectronics, Inc.]
ホームページ  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM205NR20 データシート(HTML) 11 Page - Summit Microelectronics, Inc.

Back Button SMM205NR20 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM205NR20 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM205NR20 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMM205NR20 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMM205NR20 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMM205NR20 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMM205NR20 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMM205NR20 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMM205NR20 Datasheet HTML 15Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
SMM205
Preliminary Information
Summit Microelectronics, Inc
2069 1.4 6/23/03
11
For Example:
If Vout=3.3V, R4=63.4K, 15% of Vout=0.5V
ITRIM=8uA, RTRIM=62.5K
Therefore Rtrim standard 1% value down
from 62.5K
C8
0.1uF
U3
SMM205
1
2
3
4
5
6
8
10
11
12
14
15
16
17
18
19
20
28
SCL
A2
START
A1
READY
A0
WP#
FILT_CAP
FAULT#
COMP2
VMA
TRIM_CAPB
TRIMB
VMB
TRIM_CAPA
COMP1
TRIMA
SDA
+12VIN (+10V to +15V)
START
R6 10K
C5
0.02uF
J1
1
2
3
4
5
6
7
8
9
10
Gnd
SCL
Gnd3
SDA
Rsrv5
MR
+10V
Rsrv8
+5V
Rsrv10
D1
DIODE
FAULT#
C4
0.1uF
R2 10K
START
R7 10K
READY
The SMM205 START pin must be inactive during power-up so
that the TRIM pin is high impedence. Once power is nominal,
the START pin can be active to start margin and ADOC
functions
C1 1uF
U2
Switching Regulator
+Vout
+Vin
VADJ (VREF)
PGOOD
R5
20k
RTRIM(R3) is calculated as follows:
VTRIMlow=0.3V, Regulator VREF=0.8V
The current through R3 is ITRIM=(0.8-0.3)/RTRIM
(ITRIM)(R4) > 15% of VOUT
RTRIMmax should be < the calculated value
R4
RSET1
C7
0.01uF
R3
RTRIM
R1 10K
R8 10K
SMX3200 I2C Programming
Connector 10 pin Header
R1 and R2 need only be
placed once on the I2C bus
VOUT
Figure 7 – SMM205 Applications schematic for an adjustable switching regulator (Full regulator circuit not
shown).
APPLICATIONS INFORMATION (CONTINUED)


同様の部品番号 - SMM205NR20

メーカー部品番号データシート部品情報
logo
Bel Fuse Inc.
SMM20 BEL-SMM20 Datasheet
365Kb / 2P
   Square Ceramic Surface Mount Medium Blow Fuse
SMM20 BEL-SMM20 Datasheet
1Mb / 4P
   Type SMM
logo
List of Unclassifed Man...
SMM20N50 ETC1-SMM20N50 Datasheet
409Kb / 4P
   N-CHANNEL ENHANCEMENT MODE TRANSISTOR
SMM20P10 ETC1-SMM20P10 Datasheet
180Kb / 4P
   P-CHANNEL ENHANCEMENT MODE TRANSISTOR
More results

同様の説明 - SMM205NR20

メーカー部品番号データシート部品情報
logo
Summit Microelectronics...
SMM105 SUMMIT-SMM105 Datasheet
379Kb / 21P
   Single-Channel Supply Voltage Marginer and Active DC Output Controller
SMM605 SUMMIT-SMM605 Datasheet
899Kb / 23P
   Six-Channel Supply Voltage Marginer and Active DC Output Controller (ADOCTM)
SMM605 SUMMIT-SMM605_11 Datasheet
366Kb / 24P
   Six-Channel Supply Voltage Marginer and Active DC Output Controller (ADOCTM)
SMM665B SUMMIT-SMM665B Datasheet
867Kb / 30P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM665C SUMMIT-SMM665C Datasheet
639Kb / 36P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM665B SUMMIT-SMM665B_11 Datasheet
938Kb / 30P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM665C SUMMIT-SMM665C_11 Datasheet
587Kb / 36P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM465 SUMMIT-SMM465 Datasheet
950Kb / 30P
   4-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM766B SUMMIT-SMM766B Datasheet
498Kb / 39P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link
SMM766 SUMMIT-SMM766_11 Datasheet
420Kb / 32P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com