データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMM205NR32 データシート(PDF) 1 Page - Summit Microelectronics, Inc.

部品番号 SMM205NR32
部品情報  Dual Channel Supply Voltage Marginer and Active DC Output Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUMMIT [Summit Microelectronics, Inc.]
ホームページ  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM205NR32 データシート(HTML) 1 Page - Summit Microelectronics, Inc.

  SMM205NR32 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMM205NR32 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMM205NR32 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMM205NR32 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMM205NR32 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMM205NR32 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMM205NR32 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM205NR32 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM205NR32 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
SMM205
Preliminary Information
1
(See Last Page)
© SUMMIT Microelectronics, Inc. 2003 • 1717 Fox Drive • San Jose CA 95131 • Phone 408 436-9890 • FAX 408 436-9897
www.summitmicro.com
2069 1.4 6/23/03
1
FEATURES & APPLICATIONS
• Extremely accurate (±0.1%) Active
DC Output Control (ADOC)
• ADOC Automatically adjusts supply output
voltage level under all load conditions
• Capable of margining supplies with trim inputs
using either positive or negative trim pin control
• Wide Margin/ADOC range from 0.3V to VDD
• Uses either an internal or external VREF
• Operates from any intermediate bus supply
from 8V to 15V and from 2.7V to 5.5V
• Programmable START and READY pins
• Two programmable general purpose monitor
sensors – UV and OV with FAULT Output Flag
• General Purpose 1k EEPROM with Write Protect
• I2C 2-wire serial bus for programming
configuration and monitoring status.
• 28 lead QFN package
Applications
• In-system test and control of Point-of-Load
(POL) Power Supplies for Multi-voltage
Processors, DSPs and ASICs
• Enterprise and edge routers, servers, Storage
Area Networks
INTRODUCTION
The SMM205 actively controls the output voltage level
of two DC/DC converters that use a Trim or VADJ/FB
pin to adjust the output. An Active DC Output Control
(ADOC) feature is used during normal operation to
maintain extremely accurate settings of supply
voltages and, during system test, to control margining
of the supplies using I
2C commands. Total accuracy
with a ±0.1% external reference is ±0.2%, and ±0.5%
using the internal reference. The device can margin
supplies with either positive or negative trim pin control
within a range of 0.3V to VDD. The SMM105 supply
can be from 12V, 8V, 5V or 3.3V to as low as 2.7V to
accommodate any intermediate bus supply.
The voltage settings (margin high/low and nominal)
are programmed into nonvolatile memory through the
industry standard I
2C 2-wire data bus. The I2C bus is
also used to enable margin high, margin low, ADOC or
normal operation. When margining, the SMM205
checks the voltage output of the converter and make
adjustments to the trim pin via a feedback loop to bring
the voltage to the margin setting. A margining status
register is set to indicate that the system is ready for
test. The SMM205 ADOC continues to monitor and
adjust the channel output at the specified level.
SIMPLIFIED APPLICATIONS DRAWING
START
WP#
VREF_CNTL
TRIM_CAPA
COMP1
TRIMA
COMP2
READY
TRIM_CAPB
TRIMB
VMB
VMA
VDD_CAP
FILT_CAP
SMM205
6V to 15V
2.7V to 5.5V
Intermediate
Bus Voltage
(IBA
I2C
BUS
A0
A2
SCL
SDA
A1
DC/DC
V–
Trim
V+
Vin
On/Off
DC/DC
V–
Trim
V+
Vin
On/Off
UV
OV
Processor
V1
V2
GND
External or
Internal
VREF
Figure 1 – Applications Schematic showing the SMM205 ADOC actively control the DC output level of 2
DC/DC Converters as well as provide margin control. The SMM205 can operate over a wide supply range
Note: This is an applications example only. Some pins, components and values are not shown.
Dual Channel Supply Voltage Marginer and Active DC Output Controller


同様の部品番号 - SMM205NR32

メーカー部品番号データシート部品情報
logo
Bel Fuse Inc.
SMM20 BEL-SMM20 Datasheet
365Kb / 2P
   Square Ceramic Surface Mount Medium Blow Fuse
SMM20 BEL-SMM20 Datasheet
1Mb / 4P
   Type SMM
logo
List of Unclassifed Man...
SMM20N50 ETC1-SMM20N50 Datasheet
409Kb / 4P
   N-CHANNEL ENHANCEMENT MODE TRANSISTOR
SMM20P10 ETC1-SMM20P10 Datasheet
180Kb / 4P
   P-CHANNEL ENHANCEMENT MODE TRANSISTOR
More results

同様の説明 - SMM205NR32

メーカー部品番号データシート部品情報
logo
Summit Microelectronics...
SMM105 SUMMIT-SMM105 Datasheet
379Kb / 21P
   Single-Channel Supply Voltage Marginer and Active DC Output Controller
SMM605 SUMMIT-SMM605 Datasheet
899Kb / 23P
   Six-Channel Supply Voltage Marginer and Active DC Output Controller (ADOCTM)
SMM605 SUMMIT-SMM605_11 Datasheet
366Kb / 24P
   Six-Channel Supply Voltage Marginer and Active DC Output Controller (ADOCTM)
SMM665B SUMMIT-SMM665B Datasheet
867Kb / 30P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM665C SUMMIT-SMM665C Datasheet
639Kb / 36P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM665B SUMMIT-SMM665B_11 Datasheet
938Kb / 30P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM665C SUMMIT-SMM665C_11 Datasheet
587Kb / 36P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM465 SUMMIT-SMM465 Datasheet
950Kb / 30P
   4-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM766B SUMMIT-SMM766B Datasheet
498Kb / 39P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link
SMM766 SUMMIT-SMM766_11 Datasheet
420Kb / 32P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com