データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM12434 データシート(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM12434
部品情報  Sign Data Acquisition System with Serial I/O and Self-Calibration
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM12434 データシート(HTML) 6 Page - National Semiconductor (TI)

Back Button LM12434 Datasheet HTML 2Page - National Semiconductor (TI) LM12434 Datasheet HTML 3Page - National Semiconductor (TI) LM12434 Datasheet HTML 4Page - National Semiconductor (TI) LM12434 Datasheet HTML 5Page - National Semiconductor (TI) LM12434 Datasheet HTML 6Page - National Semiconductor (TI) LM12434 Datasheet HTML 7Page - National Semiconductor (TI) LM12434 Datasheet HTML 8Page - National Semiconductor (TI) LM12434 Datasheet HTML 9Page - National Semiconductor (TI) LM12434 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 80 page
background image
20 Electrical Specifications (Continued)
221 Converter Static Characteristics
The following specifications apply to the LM12434 and LM12 L 438 for VAa e
VDa e 5V 33V AGND e DGND e 0V VREFa e 4096V 25V VREFb e 0V 12-bit a sign conversion mode fCLK e
80 MHz
6 MHz
RS e 25X source impedance for VREFa and VREFb s 25X fully-differential input with fixed 2048V
125V common-mode voltage and minimum acquisition time unless otherwise specified Boldface limits apply for TA e
TJ e TMIN to TMAX all other limits TA e TJ e 25 C (Notes 6 7 8 and 9) (Continued)
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 10)
(Note 11)
(Limit)
DNL
8-Bit a Sign and ‘‘Watchdog’’ Mode
g
015
g
12
LSB (max)
Differential Non-Linearity
8-Bit a Sign and ‘‘Watchdog’’ Mode
After Auto-Zero
g
005
g
12
LSB (max)
Zero Error
8-Bit a Sign and ‘‘Watchdog’’ Positive
g
01
g
12
LSB (max)
and Negative Full-Scale Error
8-Bit a Sign and ‘‘Watchdog’’ Mode
g
18
LSB
DC Common Mode Error
Multiplexer Channel-to-Channel
g
005
LSB
Matching
VINa
Non-Inverting
GND
V (min)
Input Range
VAa
V (max)
VINb
Inverting
GND
V (min)
Input Range
VAa
V (max)
VINa b VINb Differential Input Voltage Range
b
VAa
V (min)
VAa
V (max)
VINa b VINb
2
Common Mode Input Voltage Range
GND
V (min)
VAa
V (max)
PSS
Power Supply
Zero Error VAa e VDa e 5V g10%
g
005
g
10
LSB (max)
Sensitivity
Full-Scale Error VREFa e 4096V VREFb e GND
g
025
g
15
LSB (max)
(Note 15)
Linearity Error
g
02
LSB
CREF
VREFa VREFb Input Capacitance
85
pF
CIN
Selected Multiplexer Channel Input
75
pF
Capacitance
222 Converter Dynamic Characteristics
The following specifications apply only to the LM12434 and LM12438 for VAa e
VDa e 5V AGND e DGND e 0V VREFa e 4096V VREFb e 0V 12-bit a sign conversion mode fCLK e 80 MHz
throughput rate e 1333 kHz RS e 25X source impedance for VREFa and VREFb s 25X fully-differential input with fixed
2048V 125V common-mode voltage and minimum acquisition time unless otherwise specified Boldface limits apply
for TA e TJ e TMIN to TMAX all other limits TA e TJ e 25 C (Notes 6 7 8 and 9)
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 10)
(Note 11)
(Limit)
CLK Duty Cycle
50
%
40
% (min)
60
% (max)
tC
Conversion Time
13-Bit Resolution
44 (tCLK)
44 (tCLK) a 50 ns
(max)
Sequencer State S5
(Figure 10)
9-Bit Resolution
21 (tCLK)
21 (tCLK) a 50 ns
(max)
Sequencer State S5
(Figure 10)
tA
Acquisition Time
Sequencer State S7
(Figure 10)
tCLK e CLK Period
(Programmable)
Minimum for 13-Bits
9 (tCLK)
9(tCLK) a 50 ns
(max)
Maximum for 13-Bits (D e 15)
39 (tCLK)
39 (tCLK) a 50 ns
(max)
Minimum for 9-Bits
(Figure 10)
2(tCLK)
2(tCLK) a 50 ns
(max)
Maximum for 9-Bits (D e 15)
2 (tCLK)
32 (tCLK) a 50 ns
(max)
6


同様の部品番号 - LM12434

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
LM124 PHILIPS-LM124 Datasheet
136Kb / 7P
   Low power quad op amps
1995 Nov 27
logo
Silicon Supplies
LM124 SS-LM124 Datasheet
1Mb / 6P
   Quad Operational Amplifier
Rev 1.0 16/06/18
logo
STMicroelectronics
LM124 STMICROELECTRONICS-LM124 Datasheet
142Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
June 1999
logo
Silicon Supplies
LM124 SS-LM124 Datasheet
1Mb / 6P
   Quad Operational Amplifier
Rev 1.0 16/06/18
logo
Texas Instruments
LM124 TI-LM124 Datasheet
526Kb / 18P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
More results

同様の説明 - LM12434

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM12454 NSC-LM12454 Datasheet
991Kb / 43P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 NSC-LM12454_06 Datasheet
1Mb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12L458 TI1-LM12L458_16 Datasheet
803Kb / 38P
[Old version datasheet]   12-Bit Sign Data Acquisition System with Self-Calibration
logo
National Semiconductor ...
LM12L458 NSC-LM12L458 Datasheet
695Kb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12L458 NSC-LM12L458_06 Datasheet
884Kb / 29P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12454 TI1-LM12454_14 Datasheet
1Mb / 45P
[Old version datasheet]   LM12454/LM12458/LM12H458 12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 TI1-LM12454 Datasheet
1Mb / 43P
[Old version datasheet]   12-Bit Sign Data Acquisition System
logo
National Semiconductor ...
ADC12130 NSC-ADC12130_06 Datasheet
1Mb / 42P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12030 TI1-ADC12030_14 Datasheet
2Mb / 53P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC12030 NSC-ADC12030_07 Datasheet
1Mb / 44P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com