データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SiP12110DMP-T1-GE4 データシート(PDF) 10 Page - Vishay Siliconix

部品番号 SiP12110DMP-T1-GE4
部品情報  6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SiP12110DMP-T1-GE4 データシート(HTML) 10 Page - Vishay Siliconix

Back Button SiP12110DMP-T1-GE4 Datasheet HTML 6Page - Vishay Siliconix SiP12110DMP-T1-GE4 Datasheet HTML 7Page - Vishay Siliconix SiP12110DMP-T1-GE4 Datasheet HTML 8Page - Vishay Siliconix SiP12110DMP-T1-GE4 Datasheet HTML 9Page - Vishay Siliconix SiP12110DMP-T1-GE4 Datasheet HTML 10Page - Vishay Siliconix SiP12110DMP-T1-GE4 Datasheet HTML 11Page - Vishay Siliconix SiP12110DMP-T1-GE4 Datasheet HTML 12Page - Vishay Siliconix SiP12110DMP-T1-GE4 Datasheet HTML 13Page - Vishay Siliconix SiP12110DMP-T1-GE4 Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
SiP12110
www.vishay.com
Vishay Siliconix
S14-1891-Rev. A, 15-Sep-14
10
Document Number: 64299
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 22 - Over-Current Protection Illustration
Output Under-Voltage Protection (UVP)
UVP is implemented by monitoring output through VFB pin.
Once the voltage level at VFB is below 0.2 V for more than
20 μs, then UVP event is recognized and both HS and LS
MOSFETs are turned off. UVP latches the device off until
either VCC or EN is recycled.
UVP is only active after the completion of soft-start
sequence.
Output Over-Voltage Protection (OVP)
For OVP implementation, output is monitored through
VFB pin. After soft-start, if the voltage level at VFB is above
21 % (typ.), OVP is triggered with HS FET turning off and
LS FET turning on immediately to discharge the output.
Normal operation is resumed once VFB drops back to
0.675 V.
OVP is active immediately after VCC passes UVLO level.
Over-Temperature Protection (OTP)
SiP12110 has internal thermal monitor block that turns off
both HS and LS FETs when junction temperature is above
160 °C (typ.). A hysteresis of 30 °C is implemented, so when
junction temperature drops below 130 °C, the device
restarts by initiating the soft-start sequence again.
Soft Start up
SiP12110 soft-start time is adjustable by selecting a
capacitor value from the following equation. Once VCC is
above UVLO level (2.55 V typ.), VOUT will ramp up slowly,
rising monotonically to the programmed output voltage.
There is an internal 5 μA current source tied to the soft start
pin which charges the external soft start cap
During soft-start period, OCP is activated. OVP and
short-circuit protection are not active until soft-start is
complete.
Pre-bias Startup
In case of pre-bias startup, output is monitored through
VFB pin. If the sensed voltage on VFB is higher than the
internal reference ramp value, control logic prevents HS and
LS FET from switching to avoid negative output voltage
spike and excessive current sinking through LS FET.
Power Good (PGOOD)
SiP12110’s power good is an open-drain output. Pull PGOOD
pin high up to 5 V through a 10K resistor to use this signal.
power good window is shown in the below diagram. If
voltage level on VFB pin is out of this window, PGOOD signal
is de-asserted by pulling down to GND.
Fig. 23 - PGOOD Window and Timing Diagram
Skipped GH pulse
I
load
OCP
threshold
I
inductor
GH
SS time
Cext
0.8 V
×
5 μA
---------------------------------
=
V
ref (0.6 V)
V
FB
V
FB_Rising_Vth_OV
(typ. = 0.725 V)
V
FB_Falling_Vth_OV
(typ. = 0.675 V)
V
FB_Falling_Vth_UV
(typ. = 0.525 V)
V
FB_Rising_Vth_UV
(typ. = 0.575 V)
PG
Pull-high
Pull-low


同様の部品番号 - SiP12110DMP-T1-GE4

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SIP12110DMP-T1-GE4 VISHAY-SIP12110DMP-T1-GE4 Datasheet
400Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
More results

同様の説明 - SiP12110DMP-T1-GE4

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SIP12110 VISHAY-SIP12110_V01 Datasheet
400Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
SIP12109 VISHAY-SIP12109 Datasheet
317Kb / 17P
   4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 16-Dec-13
SIP12109 VISHAY-SIP12109_V01 Datasheet
328Kb / 16P
   4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
SIC462 VISHAY-SIC462 Datasheet
1Mb / 23P
   4.5 V to 60 V Input, 6 A Synchronous Buck Regulator
Rev. D, 13-Mar-17
logo
Texas Instruments
TPS56637 TI1-TPS56637_19 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637_1904 TI1-TPS56637_1904 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637 Datasheet
858Kb / 27P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_18 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_V01 Datasheet
1Mb / 30P
[Old version datasheet]   TPS56637 4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS84621 TI1-TPS84621 Datasheet
993Kb / 30P
[Old version datasheet]   4.5-V to 14.5-V Input, 6-A Synchronous Buck, Integrated Power Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com