データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SiP12117DMP-T1-GE4 データシート(PDF) 8 Page - Vishay Siliconix

部品番号 SiP12117DMP-T1-GE4
部品情報  3 A Current Mode Constant On-Time Synchronous Buck Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SiP12117DMP-T1-GE4 データシート(HTML) 8 Page - Vishay Siliconix

Back Button SiP12117DMP-T1-GE4 Datasheet HTML 4Page - Vishay Siliconix SiP12117DMP-T1-GE4 Datasheet HTML 5Page - Vishay Siliconix SiP12117DMP-T1-GE4 Datasheet HTML 6Page - Vishay Siliconix SiP12117DMP-T1-GE4 Datasheet HTML 7Page - Vishay Siliconix SiP12117DMP-T1-GE4 Datasheet HTML 8Page - Vishay Siliconix SiP12117DMP-T1-GE4 Datasheet HTML 9Page - Vishay Siliconix SiP12117DMP-T1-GE4 Datasheet HTML 10Page - Vishay Siliconix SiP12117DMP-T1-GE4 Datasheet HTML 11Page - Vishay Siliconix SiP12117DMP-T1-GE4 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
SiP12117
www.vishay.com
Vishay Siliconix
S17-0307-Rev. B, 06-Mar-17
8
Document Number: 62973
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 15 - Load Step Undershoot Response IOUT = 0 A to 3 A
Time = 1 ms/div
Fig. 16 - Over Current Protection, IVALLEY = 4 A
Time = 100 μs/div
Fig. 17 - Shut-Down, IOUT = 3 A
Time = 50 μs/div
Fig. 18 - Over Current Protection, IVALLEY = 4 A
Time = 20 μs/div
VOUT
500 mV/div
EN
5 V/div
ICOIL
2 A/div
LX
10 V/div
VOUT
500 mV/div
ICOIL
2 A/div
LX
10 V/div
VOUT
500 mV/div
ICOIL
2 A/div
LX
10 V/div
EN
5 V/div
VOUT
500 mV/div
ICOIL
2 A/div
LX
10 V/div


同様の部品番号 - SiP12117DMP-T1-GE4

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SIP12117DMP-T1-GE4 VISHAY-SIP12117DMP-T1-GE4 Datasheet
965Kb / 17P
   3 A Current Mode Constant On-Time Synchronous Buck Regulator
01-Jan-2022
More results

同様の説明 - SiP12117DMP-T1-GE4

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SIP12117 VISHAY-SIP12117_V01 Datasheet
965Kb / 17P
   3 A Current Mode Constant On-Time Synchronous Buck Regulator
01-Jan-2022
SIP12116 VISHAY-SIP12116_V01 Datasheet
978Kb / 17P
   3 A Current Mode Constant On-Time Synchronous Buck Regulator
01-Jan-2022
SIP12116 VISHAY-SIP12116 Datasheet
942Kb / 18P
   3 A Current Mode Constant On-Time Synchronous Buck Regulator
Rev. C, 06-Mar-17
SIP12107 VISHAY-SIP12107 Datasheet
715Kb / 19P
   5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
Rev. B, 20-Feb-12
SIP12107 VISHAY-SIP12107_V01 Datasheet
911Kb / 20P
   5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
01-Jan-2022
logo
Analog Devices
ADP1872 AD-ADP1872 Datasheet
67Kb / 1P
   Synchronous Current-Mode with Constant On-time, PWM Buck
Rev. PrA
logo
Texas Instruments
LM5017MRX_NOPB TI1-LM5017MRX_NOPB Datasheet
1Mb / 19P
[Old version datasheet]   600mA Constant On-Time Synchronous Buck Regulator
logo
Analog Devices
ADP1882 AD-ADP1882 Datasheet
1Mb / 40P
   Synchronous Current-Mode with Constant On-Time,PWM Buck Controller
REV. 0
logo
Texas Instruments
LM5018 TI1-LM5018 Datasheet
414Kb / 17P
[Old version datasheet]   100V, 300mA Constant On-Time Synchronous Buck Regulator
LM25019 TI1-LM25019_16 Datasheet
1Mb / 28P
[Old version datasheet]   100-mA Constant On-Time Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com