データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM12434CIV データシート(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM12434CIV
部品情報  Sign Data Acquisition System with Serial I/O and Self-Calibration
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM12434CIV データシート(HTML) 1 Page - National Semiconductor (TI)

  LM12434CIV Datasheet HTML 1Page - National Semiconductor (TI) LM12434CIV Datasheet HTML 2Page - National Semiconductor (TI) LM12434CIV Datasheet HTML 3Page - National Semiconductor (TI) LM12434CIV Datasheet HTML 4Page - National Semiconductor (TI) LM12434CIV Datasheet HTML 5Page - National Semiconductor (TI) LM12434CIV Datasheet HTML 6Page - National Semiconductor (TI) LM12434CIV Datasheet HTML 7Page - National Semiconductor (TI) LM12434CIV Datasheet HTML 8Page - National Semiconductor (TI) LM12434CIV Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 80 page
background image
TLH11879
July 1995
LM12434LM12 L 438 12-Bit a Sign Data Acquisition
System with Serial IO and Self-Calibration
General Description
The LM12434 and LM12 L 438 are highly integrated Data
Acquisition Systems Operating on 3V to 5V they combine a
fully-differential self-calibrating (correcting linearity and zero
errors) 13-bit (12-bit a sign) analog-to-digital converter
(ADC) and sample-and-hold (SH) with extensive analog
and digital functionality Up to 32 consecutive conversions
using two’s complement format can be stored in an internal
32-word (16-bit wide) FIFO data buffer An internal 8-word
instruction RAM can store the conversion sequence for up
to eight acquisitions through the LM12 L 438’s eight-input
multiplexer The LM12434 has a four-channel multiplexer a
differential multiplexer output and a differential SH input
The LM12434 and LM12 L 438 can also operate with 8-bit
a
sign resolution and in a supervisory ‘‘watchdog’’ mode
that compares an input signal against two programmable
limits
Acquisition times and conversion rates are programmable
through the use of internal clock-driven timers The differen-
tial reference voltage inputs can be externally driven for ab-
solute or ratiometric operation
All registers RAM and FIFO are directly accessible through
the high speed and flexible serial IO interface bus The
serial interface bus is user selectable to interface with the
following protocols with zero glue logic
MICROWIRE
PLUSTM Motorola’s SPIQSPI Hitachi’s SCI 8051 Family’s
Serial Port (Mode 0) I2C and the TMS320 Family’s Serial
Port
An evaluation kit for demonstrating the LM12434 and
LM12 L 438 is available
TRI-STATE
is a registered trademark of National Semiconductor Corporation
MICROWIREPLUSTM is a trademark of National Semiconductor Corporation
Windows
is a registered trademark of Microsoft Corporation
Key Specifications
fCLK e 8 MHz L fCLK e 6 MHz
Y
Resolution
12-bit a sign or 8-bit a sign
Y
13-bit conversion time
55 ms 73 ms (max)
Y
9-bit conversion time
26 ms 35 ms (max)
Y
13-bit Through-put rate
140k sampless 105k samples (min)
Y
Comparison time (‘‘watchdog’’ mode)
14 ms 18 ms (max)
Y
Serial Clock
10 MHz 6 MHz (max)
Y
Integral Linearity Error
g
1 LSB (max)
Y
VIN range
GND to VAa
Y
Power dissipation
45 mW 20 mW (max)
Y
Stand-by mode
power dissipation
25 mW 165 mW (typ)
Y
Supply voltage LM12L438
33V g10%
LM124348
5V g10%
Features
Y
Three operating modes 12-bit a sign 8-bit a sign
and ‘‘watchdog’’ comparison mode
Y
Single-ended or differential inputs
Y
Built-in Sample-and-Hold
Y
Instruction RAM and event sequencer
Y
8-channel (LM12 L 438) or 4-channel (LM12434)
multiplexer
Y
32-word conversion FIFO
Y
Programmable acquisition times and conversion rates
Y
Self-calibration and diagnostic mode
Y
Power down output for system power management
Y
Read while convert capability for maximum through-put
rate
Applications
Y
Data Logging
Y
Portable Instrumentation
Y
Process Control
Y
Energy Management
Y
Robotics
Connection Diagrams
28-Pin PLCC Package
TLH11879 – 1
Pin names in ( ) apply to the LM12434
Order Number LM12434CIV LM12438CIV or
LM12L438CIV
See NS Package Number V28A
28-Pin Wide Body SO Package
TLH11879 – 2
Order Number LM12434CIWM LM12438CIWM or
LM12L438CIWM
See NS Package Number M28B
C1995 National Semiconductor Corporation
RRD-B30M85Printed in U S A


同様の部品番号 - LM12434CIV

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
LM124 PHILIPS-LM124 Datasheet
136Kb / 7P
   Low power quad op amps
1995 Nov 27
logo
Silicon Supplies
LM124 SS-LM124 Datasheet
1Mb / 6P
   Quad Operational Amplifier
Rev 1.0 16/06/18
logo
STMicroelectronics
LM124 STMICROELECTRONICS-LM124 Datasheet
142Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
June 1999
logo
Silicon Supplies
LM124 SS-LM124 Datasheet
1Mb / 6P
   Quad Operational Amplifier
Rev 1.0 16/06/18
logo
Texas Instruments
LM124 TI-LM124 Datasheet
526Kb / 18P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
More results

同様の説明 - LM12434CIV

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM12454 NSC-LM12454 Datasheet
991Kb / 43P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 NSC-LM12454_06 Datasheet
1Mb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12L458 TI1-LM12L458_16 Datasheet
803Kb / 38P
[Old version datasheet]   12-Bit Sign Data Acquisition System with Self-Calibration
logo
National Semiconductor ...
LM12L458 NSC-LM12L458 Datasheet
695Kb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12L458 NSC-LM12L458_06 Datasheet
884Kb / 29P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12454 TI1-LM12454_14 Datasheet
1Mb / 45P
[Old version datasheet]   LM12454/LM12458/LM12H458 12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 TI1-LM12454 Datasheet
1Mb / 43P
[Old version datasheet]   12-Bit Sign Data Acquisition System
logo
National Semiconductor ...
ADC12130 NSC-ADC12130_06 Datasheet
1Mb / 42P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12030 TI1-ADC12030_14 Datasheet
2Mb / 53P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC12030 NSC-ADC12030_07 Datasheet
1Mb / 44P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com