データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM12438CIV データシート(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM12438CIV
部品情報  Sign Data Acquisition System with Serial I/O and Self-Calibration
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM12438CIV データシート(HTML) 5 Page - National Semiconductor (TI)

  LM12438CIV Datasheet HTML 1Page - National Semiconductor (TI) LM12438CIV Datasheet HTML 2Page - National Semiconductor (TI) LM12438CIV Datasheet HTML 3Page - National Semiconductor (TI) LM12438CIV Datasheet HTML 4Page - National Semiconductor (TI) LM12438CIV Datasheet HTML 5Page - National Semiconductor (TI) LM12438CIV Datasheet HTML 6Page - National Semiconductor (TI) LM12438CIV Datasheet HTML 7Page - National Semiconductor (TI) LM12438CIV Datasheet HTML 8Page - National Semiconductor (TI) LM12438CIV Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 80 page
background image
20 Electrical Specifications
21 RATINGS
211 Absolute Maximum Ratings
(Notes12)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VAa and VDa)
60V
Voltage at Input and Output Pins
except IN0 – IN3 (LM12434)
b
03V to Va a 03V
and IN0 – IN7 (LM12 L 438)
Voltage at Analog Inputs IN0 – IN3 (LM12434)
and IN0 – IN7 (LM12 L 438)
GND b 5V to Va a 5V
lVAa b VDal
300 mV
lAGND b DGNDl
300 mV
Input Current at Any Pin (Note 3)
g
5mA
Package Input Current (Note 3)
g
20 mA
Power Dissipation (TA e 25 C) (Note 4)
V Package
WM Package
Storage Temperature
b
65 Cto a150 C
Soldering Information Lead Temperature (Note 19)
V Package Vapor Phase (60 seconds)
Infrared (15 seconds)
WM Package Vapor Phase (60 seconds)
Infrared (15 seconds)
ESD Susceptibility (Note 5)
15 kV
212 Operating Ratings
(Notes12)
Temperature Range
(Tmin s TA s Tmax)
LM12434CIVLM12 L 438CIV
b
40 C s TA s 85 C
LM12434CIWM LM12 L 438CIWM b40 C s TA s 85 C
Supply Voltage
VAa VDa
30V to 55V
lVAa b VDal
s
100 mV
lAGDND b DGNDl
s
100 mV
Analog Inputs Range
GND s VINa s VAa
VREFa Input Voltage
1V s VREFa s VAa
VREFb Input Voltage
0V s VREFb s VREFa b 1V
VREFa b VREFb
1V s VREF s VAa
VREF Common Mode
Range (Note 16)
01 VAa s VREFCM s 06 VAa
22 PERFORMANCE CHARACTERISTICS
All specifications apply to the LM12434 LM12438 and LM12L438 unless otherwise
noted Specifications in braces
apply only to the LM12L438
221 Converter Static Characteristics
The following specifications apply to the LM12434 and LM12 L 438 for VAa e
VDa e 5V 33V AGND e DGND e 0V VREFa e 4096V 25V VREFb e 0V 12-bit a sign conversion mode fCLK e
80 MHz
6 MHz
RS e 25X source impedance for VREFa and VREFb s 25X fully-differential input with fixed 2048V
125V common-mode voltage and minimum acquisition time unless otherwise specified Boldface limits apply for TA e
TJ e TMIN to TMAX all other limits TA e TJ e 25 C (Notes 6 7 8 and 9)
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 10)
(Note 11)
(Limit)
ILE
Positive and Negative Integral
After Auto-Cal (Notes 12 17)
g
035
g
1
LSB (max)
Linearity Error
TUE
Total Unadjusted Error
After Auto-Cal (Note 12)
g
1
LSB
Resolution with No Missing Codes
After Auto-Cal (Note 12)
13
Bits
DNL
Differential Non-Linearity
After Auto-Cal
g
02
g
1
LSB (max)
Zero Error
After Auto-Cal (Notes 13 17)
g
02
g
1
LSB (max)
Positive Full-Scale Error
After Auto-Cal (Notes 12 17)
g
02
g
2
LSB (max)
Negative Full-Scale Error
After Auto-Cal (Notes 12 17)
g
02
g
2
LSB (max)
DC Common Mode Error
(Note 14)
g
2
g
35
LSB (max)
g
40
ILE
8-Bit a Sign and ‘‘Watchdog’’
(Note 12)
Mode Positive and Negative
g
015
g
12
LSB (max)
Integral Linearity Error
TUE
8-Bit a Sign and ‘‘Watchdog’’ Mode
After Auto-Zero
g
12
g
12
LSB (max)
Total Unadjusted Error
8-Bit a Sign and ‘‘Watchdog’’ Mode
9
Bits (max)
Resolution with No Missing Codes
5


同様の部品番号 - LM12438CIV

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
LM124 PHILIPS-LM124 Datasheet
136Kb / 7P
   Low power quad op amps
1995 Nov 27
logo
Silicon Supplies
LM124 SS-LM124 Datasheet
1Mb / 6P
   Quad Operational Amplifier
Rev 1.0 16/06/18
logo
STMicroelectronics
LM124 STMICROELECTRONICS-LM124 Datasheet
142Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
June 1999
logo
Silicon Supplies
LM124 SS-LM124 Datasheet
1Mb / 6P
   Quad Operational Amplifier
Rev 1.0 16/06/18
logo
Texas Instruments
LM124 TI-LM124 Datasheet
526Kb / 18P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
More results

同様の説明 - LM12438CIV

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM12454 NSC-LM12454 Datasheet
991Kb / 43P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 NSC-LM12454_06 Datasheet
1Mb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12L458 TI1-LM12L458_16 Datasheet
803Kb / 38P
[Old version datasheet]   12-Bit Sign Data Acquisition System with Self-Calibration
logo
National Semiconductor ...
LM12L458 NSC-LM12L458 Datasheet
695Kb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12L458 NSC-LM12L458_06 Datasheet
884Kb / 29P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12454 TI1-LM12454_14 Datasheet
1Mb / 45P
[Old version datasheet]   LM12454/LM12458/LM12H458 12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 TI1-LM12454 Datasheet
1Mb / 43P
[Old version datasheet]   12-Bit Sign Data Acquisition System
logo
National Semiconductor ...
ADC12130 NSC-ADC12130_06 Datasheet
1Mb / 42P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12030 TI1-ADC12030_14 Datasheet
2Mb / 53P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC12030 NSC-ADC12030_07 Datasheet
1Mb / 44P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com