データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM12L438CIWM データシート(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM12L438CIWM
部品情報  Sign Data Acquisition System with Serial I/O and Self-Calibration
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM12L438CIWM データシート(HTML) 8 Page - National Semiconductor (TI)

Back Button LM12L438CIWM Datasheet HTML 4Page - National Semiconductor (TI) LM12L438CIWM Datasheet HTML 5Page - National Semiconductor (TI) LM12L438CIWM Datasheet HTML 6Page - National Semiconductor (TI) LM12L438CIWM Datasheet HTML 7Page - National Semiconductor (TI) LM12L438CIWM Datasheet HTML 8Page - National Semiconductor (TI) LM12L438CIWM Datasheet HTML 9Page - National Semiconductor (TI) LM12L438CIWM Datasheet HTML 10Page - National Semiconductor (TI) LM12L438CIWM Datasheet HTML 11Page - National Semiconductor (TI) LM12L438CIWM Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 80 page
background image
20 Electrical Specifications (Continued)
222 Converter Dynamic Characteristics
The following specifications apply only to the LM12434 and LM12438 for VAa e
VDa e 5V AGND e DGND e 0V VREFa e 4096V VREFb e 0V 12-bit a sign conversion mode fCLK e 80 MHz
throughput rate e 1333 kHz RS e 25X source impedance for VREFa and VREFb s 25X fully-differential input with fixed
2048V common-mode voltage and minimum acquisition time unless otherwise specified Boldface limits apply for TA e
TJ e TMIN to TMAX all other limits TA e TJ e 25 C (Notes 6 7 8 and 9) (Continued)
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 10)
(Note 11)
(Limit)
IMD
Two Tone Intermodulation Distortion
VIN e g4096V (Note 20)
Differential Input
f1 e 19190 kHz
b
82
dBc
f2 e 19482 kHz
IMD
Two Tone Intermodulation Distortion
VIN e 4096 Vpp
Single Ended Input
f1 e 19190 kHz
b
80
dBc
f2 e 19482 kHz
Multiplexer Channel-to-Channel Crosstalk
VIN e 4096 VPP
fIN e 5 kHz
fCROSSTALK e 40 kHz
b
90
dBc
LM12434 MUXOUT Only
and LM12438 MUX
plus Converter (Note 21)
tPU
Power-Up Time
10
ms
tWU
Wake-Up Time
(Note 22)
2
ms
223 DC Characteristics
The following specifications apply to the LM12434 and LM12 L 438 for VAa e VDa e 5V 33V
AGND e DGND e 0V VREFa e 4096V 25V VREFb e 0V fCLK e 80 MHz 6 MHz and minimum acquisition time unless
otherwise specified Boldface limits apply for TA e TJ e TMIN to TMAX all other limits TA e TJ e 25 C (Notes 6 7
and 8)
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 10)
(Note 11)
(Limit)
IDa
VDa Supply Current
fCLK e 8 MHz 6 MHz
fSCLK e Stopped
20 14
mA (max)
fSCLK e 10 MHz 8 MHz
40 20
50 25
mA (max)
IAa
VAa Supply Current
fCLK e 8 MHz 6 MHz
28 22
40 35
mA (max)
IST
Stand-By Supply Current (IDa a IAa)
Stand-By Mode Selected
fSCLK e Stopped
fCLK e Stopped
5 5
m
A (max)
fCLK e 8 MHz 6 MHz
120 50
m
A (max)
fSCLK e 10 MHz 8 MHz
fCLK e Stopped
14 08
mA (max)
fCLK e 8 MHz 6 MHz
14 08
mA (max)
Multiplexer ON-Channel Leakage Current
VAa e 55V
ON-Channel e 55V
OFF-Channel e 0V
01
10 30
m
A (max)
ON-Channel e 0V
OFF-Channel e 55V
10 30
m
A (max)
Multiplexer OFF-Channel Leakage Current
VAa e 55V 33V
ON-Channel e 55V 33V
OFF-Channel e 0V
01
10 30
m
A (max)
ON-Channel e 0V
OFF-Channel e 55V 33V
10 30
m
A (max)
8


同様の部品番号 - LM12L438CIWM

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM12L458 NSC-LM12L458 Datasheet
695Kb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12L458 NSC-LM12L458 Datasheet
884Kb / 29P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12L458 TI1-LM12L458 Datasheet
803Kb / 38P
[Old version datasheet]   12-Bit Sign Data Acquisition System with Self-Calibration
logo
National Semiconductor ...
LM12L458CIV NSC-LM12L458CIV Datasheet
695Kb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12L458CIV NSC-LM12L458CIV Datasheet
884Kb / 29P
   12-Bit Sign Data Acquisition System with Self-Calibration
More results

同様の説明 - LM12L438CIWM

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM12454 NSC-LM12454 Datasheet
991Kb / 43P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 NSC-LM12454_06 Datasheet
1Mb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12L458 TI1-LM12L458_16 Datasheet
803Kb / 38P
[Old version datasheet]   12-Bit Sign Data Acquisition System with Self-Calibration
logo
National Semiconductor ...
LM12L458 NSC-LM12L458 Datasheet
695Kb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12L458 NSC-LM12L458_06 Datasheet
884Kb / 29P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12454 TI1-LM12454_14 Datasheet
1Mb / 45P
[Old version datasheet]   LM12454/LM12458/LM12H458 12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 TI1-LM12454 Datasheet
1Mb / 43P
[Old version datasheet]   12-Bit Sign Data Acquisition System
logo
National Semiconductor ...
ADC12130 NSC-ADC12130_06 Datasheet
1Mb / 42P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12030 TI1-ADC12030_14 Datasheet
2Mb / 53P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC12030 NSC-ADC12030_07 Datasheet
1Mb / 44P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com