データシートサーチシステム |
|
ST330C08C1 データシート(PDF) 2 Page - International Rectifier |
|
ST330C08C1 データシート(HTML) 2 Page - International Rectifier |
2 / 8 page ST330C..C Series 2 Bulletin I25155 rev. D 04/03 www.irf.com di/dt Max. non-repetitive rate of rise Gate drive 20V, 20 Ω, t r ≤ 1µs of turned-on current T J = T J max, anode voltage ≤ 80% V DRM Gate current 1A, di g /dt = 1A/µs V d = 0.67% V DRM , T J = 25°C I TM = 550A, T J = T J max, di/dt = 40A/µs, V R = 50V dv/dt = 20V/µs, Gate 0V 100 Ω, t p = 500µs Parameter ST330C..C Units Conditions Switching 1000 A/µs t d Typical delay time 1.0 t q Typical turn-off time 100 µs Voltage V DRM /V RRM , max. repetitive V RSM , maximum non- I DRM /I RRM max. Type number Code peak and off-state voltage repetitive peak voltage @ T J = T J max VV mA 04 400 500 08 800 900 ST330C..C 12 1200 1300 50 14 1400 1500 16 1600 1700 ELECTRICAL SPECIFICATIONS Voltage Ratings I T(AV) Max. average on-state current 720 (350) A 180° conduction, half sine wave @ Heatsink temperature 55 (75) °C double side (single side) cooled I T(RMS) Max. RMS on-state current 1420 DC @ 25°C heatsink temperature double side cooled I TSM Max. peak, one-cycle 9000 t = 10ms No voltage non-repetitive surge current 9420 A t = 8.3ms reapplied 7570 t = 10ms 100% V RRM 7920 t = 8.3ms reapplied Sinusoidal half wave, I 2t Maximum I 2t for fusing 405 t = 10ms No voltage Initial T J = T J max. 370 t = 8.3ms reapplied 287 t = 10ms 100% V RRM 262 t = 8.3ms reapplied I 2 √t Maximum I 2 √t for fusing 4050 KA 2 √s t = 0.1 to 10ms, no voltage reapplied V T(TO) 1 Low level value of threshold voltage V T(TO)2 High level value of threshold voltage r t1 Low level value of on-state slope resistance r t2 High level value of on-state slope resistance V TM Max. on-state voltage 1.96 V I pk = 1810A, T J = T J max, t p = 10ms sine pulse I H Maximum holding current 600 I L Typical latching current 1000 0.91 (16.7% x π x I T(AV) < I < π x I T(AV) ), T J = T J max. 0.58 (16.7% x π x I T(AV) < I < π x I T(AV) ), T J = T J max. 0.57 (I > π x I T(AV) ),T J = T J max. Parameter ST330C..C Units Conditions 0.92 (I > π x I T(AV) ),T J = T J max. On-state Conduction KA 2s V m Ω mA T J = 25°C, anode supply 12V resistive load |
同様の部品番号 - ST330C08C1 |
|
同様の説明 - ST330C08C1 |