データシートサーチシステム |
|
SD150R16MC データシート(PDF) 1 Page - International Rectifier |
|
SD150R16MC データシート(HTML) 1 Page - International Rectifier |
1 / 8 page Features Wide current range High voltage ratings up to 2500V High surge current capabilities Stud cathode and stud anode version Standard JEDEC types Typical Applications Converters Power supplies Machine tool controls High power drives Medium traction applications case style DO-205AC (DO-30) SD150N/R SERIES STANDARD RECOVERY DIODES Stud Version 150A 1 Bulletin I2077 rev. B 11/01 www.irf.com Major Ratings and Characteristics 400 to 2000 2500 I F(AV) 150 200 A @ T C 125 110 °C I F(RMS) 235 314 A I FSM @50Hz 3600 4700 A @ 60Hz 3770 4920 A I2t@50Hz 65 110 KA2s @ 60Hz 59 101 KA2s V RRM range 400 to 2000 2500 V T J - 40 to 180 150 °C Parameters SD150N/R Units |
同様の部品番号 - SD150R16MC |
|
同様の説明 - SD150R16MC |